Part Number Hot Search : 
LC66356S WBD301 003SM 24C24S LTC31 P521GB ZHCS400T EL731
Product Description
Full Text Search
 

To Download 22-01-1122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022011122 Active
kk 2.50mm (.098") Pitch KK(R) Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 12 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-5045-001 (PDF) Product Specification PS-5045-002 (PDF) Product Specification PS-5045-003 (PDF) Product Specification PS-5045-004 (PDF) Product Specification PS-5046-004 (PDF)
Product Specification PS-5051-001 (PDF) Product Specification PS-5051-002 (PDF) Product Specification PS-5051-003 (PDF) Product Specification PS-5051-004 (PDF) Product Specification PS-5102-004 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL LR19980 R72090224 E29179
General
Product Family Series Overview Product Name Crimp Housings 5051 kk KK(R)
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 12 Natural 94V-0 Female No Nylon 1 Bag No 0.098 In 2.50 mm No -40C to +105C
Search Parts in this Series 5051Series Mates With 5045 Vertical Header, 5046 Right Angle Header Use With 2759 , 5159
Material Info
Old Part Number 5051-12
Reference - Drawing Numbers
Packaging Specification Product Specification SPK-5051-001 PS-5045-001, PS-5045-002, PS-5045-003, PS-5045-004, PS-5046-004, PS-5051-001, PS-5051-002, PS-5051-003, PS-5051-004, PS-5102-004 SD-5051-001
Sales Drawing
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-01-1122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X