Part Number Hot Search : 
P6KE18 HZ4B2 110000 ML6696CQ 2C100 40CPQ060 B7751 BGS13SL9
Product Description
Full Text Search
 

To Download 1N4148WSGH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
1N4148WSGH
Silicon Epitaxial Planar Switching Diode
Lead free product Halogen-free type
PINNING
Features * Fast switching speed * Ultra-small surface mount package * For general purpose switching applications * High conductance
PIN 1 2
DESCRIPTION Cathode Anode
2
1
Top View Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter Peak Reverse Voltage Reverse Voltage Average Rectified Forward Current Surge Forward Current (t < 1 s, Tj = 25 C)
O
Symbol VRM VR IF(AV) IFSM Ptot RJA Tj Tstg
Value 100 75 150 350 200 625 150 - 65 to + 150
Unit V V mA mA mW
O
Power Dissipation Thermal Resistance from Junction to Ambient Air Junction Temperature Storage Temperature Range
C/W
O
C C
O
Electrical Characteristics (Ta = 25 OC) Parameter Forward Voltage at IF = 10 mA Reverse Current at VR = 20 V at VR = 75 V at VR = 20 V, TJ = 150 OC Total Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Symbol VF Max. 1 25 5 50 4 4 Unit V nA A A pF ns
IR
Ctot trr
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
Forward characteristics 10
3
Dynamic forward resistance vs. forward current 10
4 5
10
2
10
2 3 5
Tj=25 C f=1kHz
I F (mA)
10 1 10-2 10
-1
Tj=100 C
Tj=25 C
rF (
0 1 2
10
2 2 5
)
2
10
5 2
1 10-2
VF (V)
10-1
1
10
102
IF (mA)
Reverse capacitance vs. reverse voltage
Amissible repetitive peak forward current vs. pulse duration
1.1 Tj=25 C f=1MHz
100
5 4 3 2
1.0
Ctot (VR) Ctot (0 V)
10
I FRM (A)
0.9
5 4 3 2
V=0 0.1 0.2 0.5
0.8
1
5 4 3 2
0.7 0 2 4 6 8 10
0.1 10-5
2
5
10
-4 2
5
10
-3 2
5
10-2
2
5
10
-1 2
5
1
2
5
10
VR (V)
tp (s)
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1N4148WSGH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X