Part Number Hot Search : 
L324D 74AUC MB90387 2SA1679 EMC1413 74HC16 A0105Y 5KE18
Product Description
Full Text Search
 

To Download 165X16019X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D-SUB Hoods and A c c e s s o r i e s
D-SUB Plastic Hood
Side cable entry - 9-50 pos. - With and without internal shielding
Description
Material: Poylcarbonate Black or Grey + Glas filled Design: - without shielding - with internal shielding Fastening: Metal jack screw with plastic head or full metal jack screws Press-fit housing assembly Attentuation factor at 10 MHz > 60dB (shielded version) Bulk or single packaged units
RoHS compliant - CSA listed, File No.: LR 115000-1 - UL listed, File No.: E202784
Product drawing
9 pos. 15-50 pos.
No. of pos.
09 15 25 37 50
A
31.30 39.62 53.52 69.80 67.41
B
25.00 33.30 47.00 63.50 61.10
C
39.15 39.15 39.15 39.15 39.15
D
15.00 15.00 15.00 15.00 19.00
OE
8.00 9.00 11.00 11.00 14.50
Order data
D-SUB Plastic hood - Side cable entry - Unshielded No. of pos. Design
09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw
D-SUB Plastic hood - Side cable entry - Shielded Part Number
165 X 11709 165 X 11719 165 X 11729 165 X 11739 165 X 11749 165 X 00829 165 X 00839 165 X 00849 165 X 00859 165 X 00869 165 X 16019 165 X 16029 165 X 16039 165 X 16049 165 X 16059 165 X 16069 165 X 16079 165 X 16089 165 X 16099 165 X 16109 X X X X X A A A A A X X X X X X X X X X
No. of pos. Design
09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Grey housing Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Metal jack screw Plastic head Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw Full metal jack screw
Part Number
165 X 11759 165 X 11769 165 X 11779 165 X 11789 165 X 11799 165 X 00779 165 X 00789 165 X 00799 165 X 00809 165 X 00819 165 X 16119 165 X 16129 165 X 16139 165 X 16149 165 X 16159 165 X 16169 165 X 16179 165 X 16189 165 X 16199 165 X 16209 X X X X X A A A A A X X X X X X X X X X
For single packaged add the letter E" at the end of the part number.
10| 13


▲Up To Search▲   

 
Price & Availability of 165X16019X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X