Part Number Hot Search : 
APTM1 MAX63 MLSEP12 FM1608B 350FV 2222A SEL1210R W503YDT
Product Description
Full Text Search
 

To Download 0981930001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0981930001 Active
mox_crimp_terminals 2.85mm (.112") Pitch MOX Receptacle Housing with TPATM, Single Row, 6 Circuits, Black
Documents: Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-98193-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 98193 mox_crimp_terminals MOX EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 6 Black Female No None Yes Nylon 1 Bag No 0.112 In 2.85 mm 0.112 In 2.85 mm Yes No -40C to +105C
Search Parts in this Series 98193Series Mates With Contact Molex Use With 98658 MOX Crimp Terminal
Electrical
Current - Maximum per Contact 6A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-98193-018 PK-98193-020 PS-98193-001, RPS-98192-004 SD-98193-001, SD-98193-004 TS-98193-008
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0981930001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X