Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download 0903270310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0903270310 Active
1.27mm (.050") Pitch Picoflex(R) PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Glow-Wire Compliant MolexKits Product Name Ribbon Cable / Wire Trap Connectors 90327 Low Profile Housing No Yes Picoflex(R)
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 10 Natural 30 90 Angle 94V-0 Yes Phosphor Bronze Tin Tin Polyester 2 None Bag 0.050 In 1.27 mm 80.00 2.000 80.00 2.00 Yes No N/A -40C to +105C IDT or Pierce 1.00mm (.039") max. 26, 28 Ribbon Cable
Search Parts in this Series 90327Series Mates With Low Profile Vertical 90325 , Low Profile Right Angle 90800 , 90715 , 90814 , 90779 Vertical Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Arbor Press Fixture 0690201902 Extrator Tool 0621006000 for PicoflexTM Connectors Extraction Tool 0690081070 (Plastic) for 90327 Connector, 4-26 Circuit
Electrical
Current - Maximum per Contact Voltage - Maximum 1.2A 250V
Material Info
Reference - Drawing Numbers
Application Specification Sales Drawing ES-99033-0001 SDA-90327
Handtool for 0690081090 90327, 90584 and 91577 Picoflex(R) Connectors, 4-26 Circuit Arbor Press Fixture 0690201908 for 91577 Picoflex(R) Connectors Semi-Automatic 0691271001 Bench Press PB14 for 90327 Connectors, 4 to 26 Circuit
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0903270310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X