Part Number Hot Search : 
2SC1213 RGLZ41A 00V21 01308 AP6N100H 2SC1185 BL50462 R5F7286
Product Description
Full Text Search
 

To Download 0894001320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0894001320 Active
2.00mm (.079") Pitch Wire-to-Board Header, Vertical, 13 Circuits, with Kinked PC Tail
Product Specification PS-87369-0002 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 89400 Wire-to-Board N/A
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 13 13 Natural 30 No 94V-0 No No None Yes Tin Tin Nylon 1 Vertical 0.134 In 3.40 mm No Yes 0.045 In 1.20 mm Bag 0.079 In 2.00 mm 50 1.27 50 1.27 No Partial No -25C to +85C Through Hole
Search Parts in this Series 89400Series Mates With 87369 Crimp Housing
Electrical
Current - Maximum per Contact 4A
Voltage - Maximum
250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87369-0002, RPS-87369-001 SD-89400-**2*
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0894001320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X