Part Number Hot Search : 
CEBLTG4 H222J Z5232 LD1206 284941 DM8575N 158AFB XC6385C
Product Description
Full Text Search
 

To Download 0878763001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878763001 Active
extreme_powerplus_ssi 5.08mm (.200") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM PS-P Receptacle, Press-fit, Vertical, 36 Circuits, Power Beta 4, Signal 28, Power Alpha 4, No Recessed Power Circuit, with Guide Post, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87633-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 87876 Board-to-Board No Recessed Power Circuit extreme_powerplus_ssi EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Temperature Range - Operating Termination Interface: Style 36 Power Alpha 4, Signal 28, Power Beta 4 Black 100 No Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Vertical 0.135 In 3.43 mm No Yes 0.092 In 2.34 mm Tray 0.100 In, 0.175 In, 0.200 In 2.54 mm, 4.44 mm, 5.08 mm 30 0.76 100 2.54 Yes Yes -20C to +105C Through Hole - Compliant Pin
Search Parts in this Series 87876Series
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 50A 250V DC
Material Info
Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018, AS-87633-007 PS-87633-006 SD-87876-005
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0878763001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X