Part Number Hot Search : 
APT100 BFE520 X13139HD 100AX 100AX MN6500JT C1236 IRF3415L
Product Description
Full Text Search
 

To Download 0877159920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877159920 Active
1.00mm (.039") Pitch, Edge Card Connector, 200 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76m (30") Gold (Au) Plating, with Plastic Pegs, 2.54mm (.100") Soldertail, Lead Free
Agency Certification
CSA LR19980
General
Product Family Series Component Type Overview Product Name Edge Card Connectors 87715 Edgecard to PCB edge_card_connectors Edge Card
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 200 200 All Signal 50 Vertical (Top Entry) 94V-0 Yes Gold Tin 0.100 In 2.54 mm Yes Yes 0.062 In 1.60 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm 30 0.76 Yes -55C to +85C Through Hole Search Parts in this Series 87715Series Mates With 1.0mm Thick Memory Module
Electrical
Current - Maximum per Contact Voltage - Maximum 1.1A 50V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification PK-87715-212 PS-87715-200
Sales Drawing Test Summary
SD-87715-212 TS-87715-212
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0877159920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X