Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download 0877159912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877159912 Active
1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Copper Alloy, 0.76m (30") Gold (Au) Plating, with Beveled Metal Pins, 2.54mm (.100") Soldertail, Lead Free
Agency Certification
CSA UL LR19980 E29179
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Overview Product Name Edge Card Connectors 87715 PCI 16 lanes Edgecard to PCB pci_express_card_edge_connector PCI Express*
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 164 164 All Signal 50 Vertical (Top Entry) 94V-0 Yes Gold Tin 0.100 In 2.54 mm Yes Yes 0.062 In 1.60 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm 30 0.76 100 2.50 Yes -55C to +85C Through Hole Search Parts in this Series 87715Series Mates With PCI Express Card
Electrical
Current - Maximum per Contact Voltage - Maximum 1.1A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification PK-87715-205 PS-87715-200
Sales Drawing Test Summary * PCI Express is a registered trademark of PCI-SIG(R)
SD-87715-211 TS-87715-211
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0877159912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X