Part Number Hot Search : 
OP97EJ 90ECB MBR340 MM5Z13VB UFS160G MC1439G IRHN450 30M25
Product Description
Full Text Search
 

To Download 0563772000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0563772000 Active
CRCTM Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 Circuits, Front Mount Type
Documents: Drawing (PDF) Product Specification PS-51238-010 (PDF)
Product Specification PS-51238-018 (PDF) RoHS Certificate of Compliance (PDF) Series I/O Connectors 56377 Panel-Mount, Wire-to-Wire Panel Mount Shell CRCTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Orientation Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A N/A 20 100 Receptacle Yes Yes n/a Vertical Tray Front 0.000 In 0.00 mm Yes N/A N/A -40C to +105C N/A No
Search Parts in this Series 56377Series Use With 51233-201*|51238-201*
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 3.5A Full Shield Yes 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51238-010, PS-51238-018, RPS-51238-001 SD-56377-005
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0563772000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X