Part Number Hot Search : 
6A2010X0 C15034 EPSA1 D5011UK KTA2013F N5101 2SC3802K ZMM11LZB
Product Description
Full Text Search
 

To Download 0520430419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0520430419 Active
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Right Angle, ZIF, Bottom Contact Style Receptacle, 4 Circuits, Lead-free
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 52043 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 4 Bottom 30 90 Angle 94V-0 0.165 In 4.20 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth Nylon, Polyester 1 Right Angle 0.126 In 3.20 mm Yes 0.063 In 1.60 mm Tray 0.039 In 1.00 mm No No -20C to +80C Through Hole FFC/FPC
Search Parts in this Series 52043Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-52043 PS-52043-005, RPS-52043-005, RPS-52043-006 SD-52043-002
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0520430419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X