Part Number Hot Search : 
VDZ24B SC2608A DG2715 MCP2122 40N03 IDT72 PM100 DTA12
Product Description
Full Text Search
 

To Download 0511030700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0511030700 Active
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 7 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51103-001 (PDF) Product Specification PS-51103-002 (PDF) Product Specification PS-51103-005 (PDF) Product Specification PS-51103-006 (PDF) Product Specification PS-51103-007 (PDF)
Product Specification PS-51103-024 (PDF) Product Specification PS-51103-025 (PDF) Product Specification PS-51103-026 (PDF) Product Specification PS-51103-027 (PDF) Product Specification PS-51198-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
General
Product Family Series MolexKits Product Name Crimp Housings 51103 Yes N/A
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 7 Natural 94V-0 Female No Polyester 1 Bag No 0.098 In 2.50 mm No -40C to +105C
Search Parts in this Series 51103Series Mates With 51198 , 53375 , 53426 , 53517 , 53608 Use With 50351 , 50752
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-51103-001 PS-51103-001, PS-51103-002, PS-51103-005, PS-51103-006, PS-51103-007, PS-51103-024, PS-51103-025, PS-51103-026, PS-51103-027, PS-51198-003, RPS-51103-001, RPS-51103-003, RPS-51103-009, RPS-51103-010, RPS-51103-011, RPS-51103-012, RPS-51103-018, RPS-51103-021, RPS-51103-022, RPS-51103-027, RPS-51103-028, RPS-51103-030, RPS-51103-031, RPS-51103-032, RPS-51103-033, RPS-51103-034, RPS-51103-039, RPS-51103-041, RPS-51103-043, RPS-51103-044, RPS-51103-046, RPS-51103-047, RPS-51103-050, RPS-51103-051, RPS-51103-056, RPS-51103-057, RPS-53375-001
Sales Drawing
SD-51103-020, SD-51103-021, SD-51103-023
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0511030700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X