|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0511030600 Active 2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 6 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-51103-001 (PDF) Product Specification PS-51103-002 (PDF) Product Specification PS-51103-005 (PDF) Product Specification PS-51103-006 (PDF) Product Specification PS-51103-007 (PDF) Product Specification PS-51103-024 (PDF) Product Specification PS-51103-025 (PDF) Product Specification PS-51103-026 (PDF) Product Specification PS-51103-027 (PDF) Product Specification PS-51198-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL LR19980 R72081037 E29179 General Product Family Series MolexKits Product Name Crimp Housings 51103 Yes N/A Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 6 Natural 94V-0 Female No Polyester 1 Bag No 0.098 In 2.50 mm No -40C to +105C Search Parts in this Series 51103Series Mates With 51198 , 53375 , 53426 , 53517 , 53608 Use With 50351 , 50752 Material Info Reference - Drawing Numbers Packaging Specification Product Specification SPK-51103-001 PS-51103-001, PS-51103-002, PS-51103-005, PS-51103-006, PS-51103-007, PS-51103-024, PS-51103-025, PS-51103-026, PS-51103-027, PS-51198-003, RPS-51103-001, RPS-51103-003, RPS-51103-009, RPS-51103-010, RPS-51103-011, RPS-51103-012, RPS-51103-018, RPS-51103-021, RPS-51103-022, RPS-51103-027, RPS-51103-028, RPS-51103-030, RPS-51103-031, RPS-51103-032, RPS-51103-033, RPS-51103-034, RPS-51103-039, RPS-51103-041, RPS-51103-043, RPS-51103-044, RPS-51103-046, RPS-51103-047, RPS-51103-049, RPS-51103-050, RPS-51103-051, RPS-51103-053, Sales Drawing RPS-51103-054, RPS-51103-056, RPS-51103-057, RPS-53375-001 SD-51103-020, SD-51103-021, SD-51103-023 This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0511030600 |