Part Number Hot Search : 
SUS30505 P147T 20B5T UT3401Z SST201 80710 PN222112 7078AF1
Product Description
Full Text Search
 

To Download 0351890110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0351890110 Active
4.75mm (.187") Tab, MP-LockTM Housing, 1 Circuit, UL94V-2, Natural
Product Specification PS-35189-001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series Product Name Crimp Housings 35189 MP-LockTM
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 1 Natural 94V-2 Female No None None Nylon 1 Bag No 0.000 In 0.00 mm Yes No -40C to +105C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 35189Series Mates With Appliance Timer|Appliance Capacitor| Appliance Heater Use With 35068 MP-LockTM Quick Disconnect
Electrical
Current - Maximum per Contact 12A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-35189-001, RPS-35068-001 SD-35189-0110
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0351890110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X