Part Number Hot Search : 
3100S L74VHC1G BTC3906 STD5KA40 PIC18F86 15N120 ML69FCG RN2962FS
Product Description
Full Text Search
 

To Download 0190040008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190040008 Active
InsulKrimpTM Fully Insulated Coupler, Male, for 14-16 AWG Wire, Mylar Tape
Documents: Drawing (PDF) Product Specification PS-19902-008 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E79133 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19004 Yes InsulKrimpTM Quick Disconnect
Physical
Barrel Type Color - Resin Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-0 Male No Nylon (PA) None Brass Zinc Chromate Zinc Chromate Nylon Straight Adhesive Tape on Reel 200 5 200 5 No 0.81mm (.032") 6.35mm (.250") -65C to +105C 4.32mm (.170") max. 14, 16 1.30 - 2.00
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 19004Series Use With 19005-0005 , 19005-0008 , 19005-0009 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880095 MTA-100 Tape Applicator used in 3BF Press, MTA-105 Tape Applicator used in TM-2000TM Press, and ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals
Electrical
Voltage - Maximum 600V
Material Info
Old Part Number BB-2262T
Reference - Drawing Numbers
Product Specification Sales Drawing PS-19902-008 SD-19004-001
Mini-MacTM Applicator
0638852600
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190040008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X