Part Number Hot Search : 
A3290 SG1825CJ PL375SBR BDS935 HC224 67F090 P4KE100 PA3202
Product Description
Full Text Search
 

To Download UT63M105PCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Products
UT63M1XX MIL-STD-1553A/B Bus Transceiver
Data Sheet
Sept. 1999
FEATURES q Full conformance to MIL-STD-1553A and 1553B q Completely monolithic bipolar technology q Low power consumption q Fit and functionally compatible to industry standard 631XX series q Idle low encoding version q Flexible power supply voltages: V CC=+5V, V EE=-12V or 15V, and V CCA=+5V to +12V or +5V to +15V -
INTRODUCTION The monolithic UT63M1XX Transceivers are complete transmitter and receiver pairs conforming fully to MIL-STD1553A and 1553B. Encoder and decoder interfaces are idle low. UTMC's advanced bipolar technology allows the positive analog power to range from +5V to +12V or +5V to +15V, providing more flexibility in system power supply design. The receiver section of the UT63M1XX series accepts biphasemodulated Manchester II bipolar data from a MIL-STD-1553 data bus and produces TTL-level signal data at its RXOUT and RXOUT outputs. An external RXEN input enables or disables the receiver outputs.
q Full military operating temperature range, -55C to +125C, screened to QML Q or QML V requirements q Standard Military Drawing available
RXEN
RXOUT RXIN RXIN FILTER and LIMITER THRESHOLD REFERENCE DRIVERS TXOUT COMPARE TXOUT TXIN FROM ENCODER TXIN FILTER TO DECODER RXOUT
TXIHB
Figure 1. Functional Block Diagram
1
The transmitter section accepts biphase TTL-level signal data at its TXIN and TXIN and produces MIL-STD-1553 data signals. The transmitter's output voltage is typically 42VPP, LL. Activating the TXIHB input or setting both data inputs to the same logic level disables the transmitter.
The UT63M1XX series offers a monolithic transmitter and receiver packaged in either single channel (24-pin) or dualchannel (36-pin) configurations designed for use in any MILSTD-1553 application.
Legend for TYPE field: TI = TTL input TO = TTL output DO = Differential output DI = Differential input () = Channel designator TRANSMITTER NAME TXOUT (A) TXOUT (B) TXOUT (A) TXOUT (B) TXIHB (A) TXINB (B) TXIN (A) TXIN (B) TXIN (A) TXIN (B) PACKAGE PIN SINGLE DUAL 1 1 N/A 2 N/A 21 N/A 22 N/A 23 N/A 10 2 11 34 25 35 26 36 27 TYPE DO DO DO DO TI TI TI TI TI TI TXIN is the complement of TXIN input. Transmitter inputs: TXIN and TXIN are complementary TTL-level Manchester II encoder inputs. Transmitter inhibit: this is an active high input signal. TXOUT is the complement of TXOUT. DESCRIPTION Transmitter outputs: TXOUT and TXOUT are differential data signals.
2
RECEIVER NAME RXOUT (A) RXOUT (B) RXOUT (A) RXOUT (B) RXEN (A) RXEN (B) RXIN (A) RXIN (B) RXIN (A) RXIN (B) PACKAGE PIN SINGLE DUAL 7 5 N/A 10 N/A 8 N/A 15 N/A 16 N/A 14 8 17 6 15 29 20 30 21 TYPE TO TO TO TO TI TI DI DI DI DI RXIN is the complement of RXIN input. Receiver inputs: RXIN and RXIN are biphase-modulated Manchester II bipolar inputs from MIL-STD-1553 data bus. Receiver enable/disable: This is an active high input signal. RXOUT is the complement of RXOUT output DESCRIPTION Receiver outputs: RXOUT and RXOUT are complementary Manchester II decoder outputs.
POWER AND GROUND NAME VCC (A) VCC (B) VCCA (A) VCCA (B) VEE (A) VEE (B) GND (A) GND (B) PACKAGE PIN SINGLE DUAL 20 33 N/A 13 N/A 19 N/A 3, 9, 18 N/A 24 28 19 32 23 3, 7, 31 12, 16, 22 TYPE PWR PWR PWR PWR PWR PWR GND GND Ground reference -12 or -15VDC power ( 5%) Recommended de-coupling capacitors 4.7F and.1F +5 to +12VDC power or +5 to +15VDC power ( 5%) +5VDC power (10%) DESCRIPTION
3
TXOUT TXOUT GND NC NC NC RXOUT RXEN GND RXOUT NC NC
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 CHANNEL 20 A 19 18 17 16 15 14 13
NC TXIN TXIN TXIHB VCC VEE GND NC RXIN RXIN NC VCCA
Figure 2a. Functional Pin Diagram--Single Channel
TXOUT TXOUT GND NC RXOUT RXEN GND RXOUT NC TXOUT TXOUT GND NC RXOUT RXEN GND RXOUT NC
1 2 3 4 5 6 7 8 9 10 11 12
36 35 34 CHANNEL 33 A 32 31 30 29 26 28 27 26 25
TXIN TXIN TXIHB VCC VEE GND RXIN RXIN VCCA TXIN TXIN TXIHB VCC VEE GND RXIN RXIN VCCA
13 CHANNEL 24 B 14 23 15 16 17 18 22 21 20 19
Figure 2b. Functional Pin Diagram--Dual Channel 4
TRANSMITTER The transmitter section accepts Manchester II biphase TTL data and converts this data into differential phase-modulated current drive. Transmitter current drivers are coupled to a MIL-STD1553 data bus via a transformer driven from the TXOUT and TXOUT terminals. Transmitter output terminals' nontransmitting state is enabled by asserting TXIHB (logic 1), or by placing both TXIN and TXIN at the same logic level. Table 1, Transmit Operating Mode, lists the functions for the output data in reference to the state of TXIHB. Figure 3 shows typical transmitter waveforms. RECEIVER The receiver section accepts biphase differential data from a MIL-STD-1553 data bus at its RXIN and RXIN inputs. The receiver converts input data to biphase Manchester II TTL format and is available for decoding at the RXOUT and RXOUT terminals. The outputs RXOUT and RXOUT represent positive and negative excursions (respectively) of the inputs RXIN and RXIN. Figure 4 shows typical receiver output waveforms. Models UT63M105, UT63M107, UT63M125, and UT63M127 idle in the "0" state when disabled or receiving no signal.
TXIN BOTH HIGH OR BOTH LOW
TXIN
TXIHB LINE-TO-LINE DIFFERENTIAL OUTPUT TXOUT, TXOUT 90%
10%
TXIN TXIN
tTXDD
Figure 3. Typical Transmitter Waveforms POWER SUPPLY VOLTAGES The UT63M1XX series meets device requirements over a wide range of power supply voltages. Table 2 shows the overall capabilities of all available devices. Each channel of the dual transceiver is electrically and physically separate from the other and fully independent, including all power and signal lines. Thus there will be no interaction between the channels.
Table 1. Transmit Operating Mode TXIN x
1
TXIN x 0 1 0 1
TXIHB 1 x 0 0 x
TXOUT Off 2 Off 3 On On Off 3
0 0 1 1
Notes: 1. x = Don't care. 2. Transmitter output terminals are in the non-transmitting mode during Off time. 3. Transmitter output terminals are in the non-transmitting mode during Off time, independent of TXIHB status.
5
DATA BUS INTERFACE The designer can connect the UT63M1XX to the data bus via a short-stub (direct-coupling) connection or a long-stub (transformer-coupling) connection. Use a short-stub connection when the distance from the isolation transformer to the data bus does not exceed a one-foot maximum. Use a long-stub connection when the distance from the isolation transformer exceeds the one-foot maximum and is less than twenty-five feet. Figure 5 shows various examples of bus coupling configurations. The UT63M1XX series transceivers are designed to function with MIL-STD-1553A and 1553B compatible transformers. RECOMMENDED THERMAL PROTECTION All packages, single and dual, should mount to or contact a heat removal rail located in the printed circuit board. To insure proper heat transfer between the package and the heat removal rail, use a thermally conductive material between the package and the heat removal rail. Use a material such as Mereco XLN-589 or equivalent to insure heat transfer between the package and heat removal rail.
RXOUT LINE-TO-LINE DIFFERENTIAL INPUT
RXOUT RXOUT QUIESCENT IDLE LOW
RXOUT
tRXDD
Figure 4. Typical Receiver Waveforms
Table 2. Transceiver Model Capabilities MODEL UT63M105 UT63M107 UT63M125 UT63M127 VCC +5V +5V +5V +5V VEE -15V -12V -15V -12V VCCA +5 to +15V +5 to +12V +5 to +15V +5 to +12V IDLE Low Low Low Low
6
1.4:1 15VDC OPERATION
SHORT-STUB DIRECT COUPLING 1 FT MAX
55 OHMS
ZO
55 OHMS LONG-STUB TRANSFORMER COUPLING 2:1 20 FT MAX 1:1.4 .75Z O
.75Z O
SHORT-STUB DIRECT COUPLING 1.2:1 1 FT MAX 55 OHMS
12VDC OPERATION
55 OHMS LONG-STUB TRANSFORMER COUPLING 1.66:1 20 FT MAX 1:1.4 .75ZO
.75ZO
Note: ZO defined per MIL-STD-1553B in section 4.5.1.5.2.1.
Figure 5. Bus Coupling Configuration
ZO
7
VCC RECEIVER 55 OHMS VIN 35 OHMS RXIN 55 OHMS RXEN TRANSMITTER 55 OHMS TXIN TXOUT 1.4:1 RL = TXIN TXOUT 35 OHMS A RXOUT 15pF TP RXOUT 1:1.4 RXIN 15pF * TP 2K OHMS 2K OHMS
55 OHMS
Notes: TXIHB 1. TP = Test point. 2. RL removed for terminal input impedance test. 3. TX and RX tied together.
Figure 6. Direct-Coupled Transceiver with Load
RECEIVER 1.4:1 VIN RXIN L:N RXIN
2K OHMS RXOUT 15pF * TP RXOUT 15pF TP
2K OHMS
RXEN TRANSMITTER TXIN TXOUT N:L A TXIN TXIHB
Notes: 1. TP = Test point. 2. N:L Ratio is dependent on power supply voltage. 3. RL removed for terminal input impedance test. 4. TX and RX tied together.
1:1.4
TXOUT 55 OHMS 35 OHMS 55 OHMS Figure 7. Transformer-Coupled Transceiver with Load
8
TXOUT TERMINAL RL TXOUT
Notes: Transformer-Coupled Stub: Terminal is defined as transceiver plus isolation transformer. Point A defined in figure 7. Direct-Coupled Stub: Terminal is defined as transceiver plus isolation transformer and fault resistors. Point A defined in figure 6.
A
Figure 8. Transceiver Test Circuit MIL-STD-1553B
ABSOLUTE MAXIMUM RATINGS 1 (Referenced to V SS) SYMBOL VCC VEE VCCA VIN VIN IO PD QJC TJ TC TSTG Supply Voltage Supply Voltage Supply Voltage Input Voltage Range (Receiver) Logic Input Voltage Output Current (Transmitter) Power Dissipation (per Channel) Thermal Impedance, Junction-to-Case Operating Temperature, Junction Operating Temperature, Case Storage Temperature PARAMETER LIMITS 7.0 -22 +22 42 -0.3 to +5.5 190 4 6
2
UNIT V V V VPP, L-L V mA W C/W C C C
-55 to +150 -55 to +125 -65 to +150
Notes: 1. Stress outside the listed absolute maximum rating may cause permanent damage to the devices. This is a stress rating only, and functional operation of the device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. Mounting per MIL-STD-883, Method 1012.
RECOMMENDED OPERATING CONDITIONS PARAMETER Logic input voltage range Receiver differential voltage Driver peak output current Serial data rate Case operating temperature range (TC) LIMITS 0 to +5.0 9.0 180 0.1 to 1 -55 to +125 UNIT V VP-P mA MHz C
9
DC ELECTRICAL CHARACTERISTICS VCC = +5V ( 10%) VCCA = +5V to + 12V ( 5%) or +5V to +15V ( 5%) VEE = -12V or -15V ( 5%) -55C < T C < +125C SYMBOL VIL VIH IIL IIH VOL VOH ICC PARAMETER Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage Output High Voltage VCC Supply Current 60 60 60 mA mA mA 2.4 2.0 -1.6 40 0.55 MINIMUM MAXIMUM 0.8 UNIT V V mA A V V CONDITION RXEN, TXIHB, TXIN, TXIN RXEN, TXIHB, TXIN, TXIN VIL = 0.4V; RXEN, TXIHB, TXIN, TXIN VIL = 2.4V; RXEN, TXIHB, TXIN, TXIN IOL = 4.0 mA; RXOUT, RXOUT IOH = 0.4 mA; RXOUT, RXOUT VEE = -12V V CC = 5V VCCA = +5V to +12V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -15V V CC = 5V VCCA = +5V to +15V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -12V V CC = 5V VCCA = +5V to +12V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -15V V CC = 5V VCCA = +5V to +15V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -12V V CC = 5V VCCA = +5V to +12V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -15V V CC = 5V VCCA = +5V to +15V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz)
60 60 60 ICCA VCCA Supply Current 10 10 10
mA mA mA
mA mA mA
10 10 10 IEE VEE Supply Current 40 140 230
mA mA mA
mA mA mA
40 130 230
mA mA mA
10
DC ELECTRICAL CHARACTERISTICS VCC = +5V ( 10%) 2 VCCA = +5V to + 12V ( 5%) or +5V to +15V ( 5%) 2 VEE = -12V or -15V ( 5%) -55C < T C < +125C SYMBOL PCD PARAMETER Power Dissipation 0.9 2.1 3.3 W W W MINIMUM MAXIMUM UNIT CONDITION VEE = -12V V CC = 5V VCCA = +5V to +12V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz) VEE = -15V V CC = 5V VCCA = +5V to +15V 0% duty cycle (non-transmitting) 50% duty cycle ( = 1MHz) 100% duty cycle ( = 1MHz)
1
1.0 2.5 3.8
Notes: 1. All tests guaranteed per test figure 6. 2. As specified in test conditions.
W W W
11
RECEIVER ELECTRICAL CHARACTERISTICS 1 V CC = +5V ( 10%) V CCA = +5V to + 12V ( 5%) or +5V to +15V ( 5%) V EE = -12V or -15V ( 5%) -55C < TC < +125C SYMBOL RIZ
2
PARAMETER Differential (Receiver) Input Impedance Input Capacitance Common Mode Input Voltage Input Threshold Voltage (No Response)2
MINIMUM 15
MAXIMUM
UNIT K Ohms
CONDITION Input = 1MHz (no transformer in circuit) RXEN; input = 1MHz @ 0V Direct-coupled stub: input 1.2VPP, 200ns rise/fall time 25ns, = 1MHz. Transformer-coupled stub: input at = 1MHz, rise/fall time 200ns at (Receiver output 0 1 transition). Direct-coupled stub: input at = 1MHz, rise/fall time 200ns at (Receiver output 0 1 transition). Transformer-coupled stub: input at = 1MHz, rise/fall time 200ns output at (Receiver output 0 1 transition). Direct-coupled stub: input at = 1MHz, rise/fall time 200ns output at (Receiver output 0 1 transition).
CIN2 V IC
2
10 -10 +10
pF V
VTH
0.20
VPP,L-L
Input Threshold Voltage (No Response)
0.28
VPP,L-L
Input Threshold Voltage (Response)2
0.86
14.0
VPP,L-L
Input Threshold Voltage (Response)
1.20
20.02
VPP,L-L
CMMR2
Common Mode Rejection Ratio
Pass/Fail3
N/A
Notes: 1. All tests guaranteed per test figure 6. 2. Guaranteed by device characterization. 3. Pass/fail criteria per the test method described in MIL-HDBK-1553 Appendix A, RT Validation Test Plan, Section 5.1.2.2, Common Mode Rejection.
12
TRANSMITTER ELECTRICAL CHARACTERISTICS1 VCC = +5V ( 10%) VCCA = +5V to + 12V ( 5%) or +5V to +15V ( 5%) VEE = -12V or -15V ( 5%) -55C < T C < +125C SYMBOL VO PARAMETER Output Voltage Swing per MIL-STD-1553B 2 (See figure 9) per MIL-STD-1553B (See figure 9) per MIL-STD-1553A 2 (See figure 9) MINIMUM 18 MAXIMUM 27 UNIT CONITION
VPP, L-L Transformer-coupled stub, Figure 8, Point A: input = 1MHz, RL = 70 ohms. VPP, L-L Direct-coupled stub, Figure 8, Point A: input = 1MHz, RL = 35 ohms. Figure 7, Point A: input = 1MHz, RL = 35 ohms.
6
9
6
20
VPP, L-L
VNS 2
Output Noise Voltage Differential (See figure 9)
14
mV-RMS, Transformer-coupled stub, Figure L-L 8, Point A: input = DC to 10MHz, RL = 70 ohms. mV-RMS, Direct-coupled stub, Figure 8, L-L Point A: input = DC to 10MHz, RL = 35 ohms. mVPP, L-L Transformer-coupled stub, Figure 8, Point A: R L = 70 ohms, measurement taken 2.5s after end of transmV , L-L mission
PP
5
VOS 2
Output Symmetry (See figure 9)
-250
+250
-90
+90
Direct-coupled stub, Figure 8, Point A: RL = 35 ohms, measurement taken 2.5s after end of transmission V DIS 2 Output voltage distortion (overshoot or ring) (See figure 9) -900 +900 mV peak, Transformer-coupled stub, Figure L-L 8, Point A: RL = 70 ohms. mV peak, Direct-coupled stub, Figure 8, L-L Point A: RL = 35 ohms.
-300
+300
CIN 2 TIZ 2
Input Capacitance Terminal Input Impedance 1
10
pF Kohm
TXIHB, TXIN, TXIN; input = 1MHz @ 0 V Transformer-coupled stub, Figure 7, Point A: input = 75KHz to 1MHz (power on or power off: nontransmitting, RL removed from circuit). Direct-coupled stub, Figure 6, Point A: input = 75KHz to 1MHz (power on or power off: non-transmitting, RL removed from circuit).
2
Kohm
Notes: 1. All tests guaranteed per test figure 6. 2. Guaranteed by device characterization.
13
AC ELECTRICAL CHARACTERISTICS 1 VCC = +5V ( 10%) VCCA = +5V to + 12V ( 5%) or +5V to +15V ( 5%) VEE = -12V or -15V ( 5%) -55C < T C < +125C SYMBOL tR, tF PARAMETER Transmitter Output Rise/Fall Time (See figure 10) RXOUT Delay TXIN Skew Zero Crossing tRZCD Zero Crossing Stability (See figure 10) -25 +25 ns MINIMUM 100 MAXIMUM 300 UNIT ns CONDITION Input = 1MHz 50% duty cycle: direct-coupled R L = 35 ohms output at 10% through 90% points TXOUT, TXOUT. Figure 3. RXOUT to RXOUT; Figure 4. TXIN to TXIN; Figure 4. Direct-coupled stub; input = 1MHz, 3VPP (skew INPUT 150ns), rise/fall time 200ns. Input TXIN and TXIN should create transmitter output zero crossings at 500ns, 1000ns, 1500ns, and 2000ns. These zero crossings should not deviate more than 25ns. TXIN and TXIN toggling @ 1MHz; TXIHB transitions from logic zero to one. TXIN and TXIN toggling @ 1MHz; TXIHB transitions from logic one to zero.
tRXDD tTXDD 3
-200 -25 -150
+200 +25 +150
ns ns ns
tTZCS2
tDXOFF3,4
Transmitter Off; Delay from Inhibit Active Transmitter On; Delay from Inhibit Inactive
400
ns
250
ns
tDXON3,5
Notes: 1. All tests guaranteed per test figure 6. 2. Guaranteed by device characterization. 3. Supplied as a design limit but not guaranteed or tested. 4. Delay time from transmit inhibit (1.5V) to transmit off (280mV). 5. Delay time from not transmit inhibit (1.5V) to transmit on (1.2V).
Table 3. Transformer Requirements Versus Power Supplies COUPLING TECHNIQUE DIRECT-COUPLED: Isolation Transformer Ratio TRANSFORMER-COUPLED: Isolation Transformer Ratio Coupling Transformer Ratio 12VDC 1.2:1 1.66:1 1:1.4 15VDC 1.4:1 2:1 1:1.4
14
VDIS (Ring)
VDIS (Overshoot)
0 Volts
VO
0 Volts
VNS
Figure 9. Transmitter Output Characteristics (VDIS, VNS, VO)
tR
90% 90%
VO
tTZCS Zero Crossing Stability 25ns
10%
10%
tF
Figure 10. Transmitter Output Zero Crossing Stability (tTZCS, tR, tF)
VIN
tRZCD Zero Crossing Distortion 150ns
Figure 11. Receiver Input Zero Crossing Distortion (tRZCD) 15
0.001 MIN.
.023 MAX. .014 MIN. LEAD 1 INDICATOR
1.89 MAX
0.100
.610 MAX. 0.005 MIN. .570 MIN.
0.155 MAX.
0.150 MIN.
.015 MAX. .008 MIN. .620 MAX .590 MIN. (AT SEATING PLANE)
Notes: 1. Package material: opaque ceramic. 2. All package finishes are per MIL-PRF-38535. 3. It is recommended that package ceramic be mounted on a heat removal rail in the printed circuit board. A thermally conductive material should be used.
Figure 12. 36-Pin Side-Brazed DIP, Dual Cavity
16
Notes: 1. All package finishes are per MIL-M-38510. 2. It is recommended that package ceramic be mounted on a heat removal rail in the printed circuit board. A thermally conductive material such as MERECO XLN-589 or equivalent should be used. 3. Letter designations are for cross-reference to MIL-M-38510.
Figure 13. 24-Pin Side-Brazed DIP, Single Cavity 17
Notes: 1. All package finishes are per MIL-M-38510. 2. It is recommended that package ceramic be mounted on a heat removal rail in the printed circuit board. A thermally conductive material such as MERECO XLN-589 or equivalent should be used. 3. Letter designations are for cross-refernce to MIL-M-38510.
Figure 14. 36-Pin Lead Flatpack (100-MIL Lead Spacing)
18
LEAD 1 INDICATOR
D 1.00+.025 -
b 0.016.002
e .050 E 0.7000.015 L
A 0.130 MAX.
C +0.002 0.007 -0.001
Q 0.0700.010 (AT CERAMIC BODY) Notes: 1. Package material: opaque ceramic. 2. All package plating finishes are per MIL-M-38510. 3. Lid is not connected to any electrical potential. 4. It is recommended that package ceramic be mounted to a heat removal rail located in the printed circuit board. A thermally conductive material such as Mereco XLN-589 or equivalent should be used.
Figure 15. 36-Lead Flatpack, Dual Cavity (50-Mil Lead Spacing)
19
ORDERING INFORMATION
UT63M Single Channel MIL-STD-1553 Monolithic Transceiver: SM 5962 * * * * * *
Lead Finish: (A) = Solder (C) = Gold (X) = Optional Case Outline: (U) = 24 pin DIP Class Designator: (-) = Bland or No field is QML Q (Q) = QML
Device Type (01) = +\-15V, idle low (02) = +\-12V, Idle low Drawing Number: 88644 Total Dose: None (R) = 1E5 (100KRad)
Federal Stock Class Designator: No options Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold). 3. RadHard offered only on 01 device type. Cobalt 60testing required. 4. For QML Q product, the Q designator is intentionally left blank in the SMD number (e.g. 5962-8864401UX).
20
UT63M Single Channel MIL-STD-1553 Monolithic Transceiver
UT63M
*
*
*
*
*
Radiation: 5 = 1E5 rads(Si) = None Lead Finish: (A) = Solder (C) = Gold (X) = Optional Screening: (C) = Military Temperature (P) = Prototype (Q) = QML-Q (V) = QML-V Package Type: (P) = 24-pin DIP Device Type Modifier: 105 = +\-15V, Idle low 107 = +\- 12V, Idle Low
Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold). 3. Military Temperature range devices are burned-in and are tested at -55C, room temperature, and 125C. Radiation characteristics are neither tested nor guaranteed and may not be specified. 4. Devices have prototype assembly and are tested at 25C only. Radiation characteristics are neither tested nor guaranteed and may not be specified. Lead finish is at UTMC's option and an "X" must be specified when ordering. 5. The 63M105 only may be ordered with 1E5 rads(Si) total dose. Co60 testing is required. Contact factory for details. 6. SEU and neutron irradiation limits will be added when available.
21
ORDERING INFORMATION
UT63M Dual Monolithic Transceiver: SMD 5962 * * * * *
Lead Finish: (A) = Solder (C) = Gold (X) = Optional Case Outline: (X) = 36 pin DIP (Y) = 36 pin FP (.100) (Z ) = 36 pin FP (.50) Class Designator: (-) = Blank orNo field is QML Q (V) = QML V Device Type (05) = +\-15V, idle low (06) = +\-12V, Idle low Drawing Number: 88644 (-) = None (R) = 1E5 (100Krad)
Federal Stock Class Designator: No options Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold). 3. RadHard offered only on 05 device type. Cobalt 60testing required. 4. For QML Q product, the Q designator is intentionally left blank in the SMD number (e.g. 5962-8864405YX).
Appendix 1 - 22
UT63M Dual Multichip Monolithic Transceiver
UT63M-
*
*
*
*
Radiation: None Lead Finish: (A) = Solder (C) = Gold (X) = Optional Screening: (C) = Military Temperature (P) = Prototype (Q) = QML-Q (V) = QML-V Package Type: (B) = 36-pin DIP (D) = 36-pin FP (.100) (C) = 36-pin FP (.50) Device Type Modifier: 125 = +\-15V, Idle low 127 = +\- 12V, Idle Low
Notes: 1. Lead finish (A, C, or X) must be specified. 2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold). 3. Military Temperature range devices are burned-in and tested at -55C, room temperature, and 125C. Radiation characteristics are neither tested nor guaranteed and may not be specified. 4. Devices have prototype assembly and are tested at 25C only. Radiation characteristics are neither tested nor guaranteed and may not be specified. Lead finish is GOLD only.
23


▲Up To Search▲   

 
Price & Availability of UT63M105PCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X