Part Number Hot Search : 
CH7003B TMP360 PN4303 W91030BS EL110C PN222 38ECP IN4007
Product Description
Full Text Search
 

To Download STP60N3LH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD60N3LH5 STP60N3LH5, STU60N3LH5
N-channel 30 V, 0.0072 48 A DPAK, IPAK, TO-220 , STripFETTM V Power MOSFET
Features
Type STD60N3LH5 STP60N3LH5 STU60N3LH5

VDSS 30 V 30 V 30 V
RDS(on) max 0.008 0.0084 0.0084
ID 48 A
3
48 A 48 A
TO-220
1
2
RDS(on) * Qg industry benchmark Extremely low on-resistance RDS(on) Very low switching gate charge High avalanche ruggedness Low gate drive power losses
1 3
1 3 2
DPAK
IPAK
Application
Figure 1.
Internal schematic diagram
Switching applications
Description
This STripFETTMV Power MOSFET technology is among the latest improvements, which have been especially tailored to achieve very low on-state resistance providing also one of the best-in-class FOM.
Table 1.
Device summary
Marking 60N3LH5 60N3LH5 60N3LH5 Package DPAK TO-220 IPAK Packaging Tape and reel Tube Tube
Order codes STD60N3LH5 STP60N3LH5 STU60N3LH5
April 2009
Doc ID 14079 Rev 3
1/16
www.st.com 16
Contents
STD60N3LH5, STP60N3LH5, STU60N3LH5
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuits
.............................................. 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VDS VGS ID (1) ID IDM
(2)
Absolute maximum ratings
Parameter Drain-source voltage (VGS=0) Drain-source voltage (VGS = 0) @ TJMAX Gate-Source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor Value 30 35 22 48 42.8 192 60 0.4 160 -55 to 175 Unit V V V A A A W W/C mJ C
PTOT
(3)
EAS
Single pulse avalanche energy Operating junction temperature Storage temperature
Tj Tstg
1. Limited by wire bonding 2. Pulse width limited by safe operating area 3. Starting Tj = 25 C, Id = 24 A, Vdd = 12 V
Table 3.
Symbol Rthj-case Rthj-amb Tj
Thermal resistance
Parameter Thermal resistance junction-case max Thermal resistance junction-case max Maximum lead temperature for soldering purpose Value 2.5 100 275 Unit C/W C/W C
Doc ID 14079 Rev 3
3/16
Electrical characteristics
STD60N3LH5, STP60N3LH5, STU60N3LH5
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th)
Static
Parameter Drain-source breakdown Voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Test conditions ID = 250 A, VGS= 0 VDS = 30 V VDS = 30 V,Tc = 125 C VGS = 22 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 24 A SMD version 1 1.8 0.0072 Min. 30 1 10
100
Typ.
Max.
Unit V A A nA V
3 0.008
RDS(on)
Static drain-source on resistance
VGS= 10 V, ID= 24 A VGS= 5 V, ID= 24 A SMD version VGS= 5 V, ID= 24 A
0.0076 0.0084 0.0088 0.011
0.0092 0.0114
Table 5.
Symbol Ciss Coss Crss Qg Qgs Qgd Qgs1 Qgs2
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Pre Vth gate-to-source charge Post Vth gate-to-source charge Test conditions Min. Typ. 1350 265 32 8.8 4.7 2.2 2.2 2.5 nC Max. Unit pF pF pF nC nC nC nC
VDS =25 V, f=1 MHz, VGS=0 VDD=15 V, ID = 48 A VGS =5 V (Figure 14) VDD=15 V, ID = 48 A VGS =5 V (Figure 19) f=1 MHz gate bias Bias= 0 test signal level=20 mV open drain
-
-
-
-
RG
Gate input resistance
-
1.1
-
4/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5
Electrical characteristics
Table 6.
Symbol
Switching on/off (resistive load)
Parameter Test conditions VDD=10 V, ID= 24 A, RG=4.7 , VGS= 10 V (Figure 13 and Figure 18) VDD=10 V, ID= 24 A, RG=4.7 , VGS= 10 V (Figure 13 and Figure 18) Min. Typ. Max. Unit
td(on) tr
Turn-on delay time Rise time
-
6 33
-
ns ns
td(off) tf
Turn-off delay time Fall time
-
19 4.2
-
ns ns
Table 7.
Symbol ISD ISDM VSD trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed)(1) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=24 A, VGS=0 ISD=48 A, di/dt =100 A/s, VDD=20 V, (Figure 15) Test conditions Min. 25 18.5 1.5 Typ. Max. 48 192 1.1 Unit A A V ns nC A
1. Pulsed: pulse duration = 300s, duty cycle 1.5%
Doc ID 14079 Rev 3
5/16
Electrical characteristics
STD60N3LH5, STP60N3LH5, STU60N3LH5
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
ID (A) 70 60 50 40 30 20 10 0 0
Transfer characteristics
AM03360v1
1
2
3
VGS(V)
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
6/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5 Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
Doc ID 14079 Rev 3
7/16
Test circuits
STD60N3LH5, STP60N3LH5, STU60N3LH5
3
Test circuits
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5 Figure 19. Gate charge waveform
Test circuits
Doc ID 14079 Rev 3
9/16
Package mechanical data
STD60N3LH5, STP60N3LH5, STU60N3LH5
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
10/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5
Package mechanical data
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
Doc ID 14079 Rev 3
11/16
Package mechanical data
STD60N3LH5, STP60N3LH5, STU60N3LH5
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
12/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
Doc ID 14079 Rev 3
13/16
Packaging mechanical data
STD60N3LH5, STP60N3LH5, STU60N3LH5
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
14/16
Doc ID 14079 Rev 3
STD60N3LH5, STP60N3LH5, STU60N3LH5
Revision history
6
Revision history
Table 8.
Date 19-Oct-2007 23-Sep-2008 20-Apr-2009
Document revision history
Revision 1 2 3 First release VGS value has been changed on Table 2 and Table 5 - Inserted typical adn maximum value in VGS(th) parameter - Figure 5: Transfer characteristics has been updated - Added device in TO-220 Changes
Doc ID 14079 Rev 3
15/16
STD60N3LH5, STP60N3LH5, STU60N3LH5
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16
Doc ID 14079 Rev 3


▲Up To Search▲   

 
Price & Availability of STP60N3LH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X