Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download SST-ESR2-CLX-RLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1120730001 Active
BradCommunicationsTM SSTTM 1 Ethernet and 2 Serial ports PLC communications module for Allen-Bradley ControlLogix, includes Remote Link Library feature
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112073 CE, Class 1 Division 2 Ethernet: 10/100 Mbps, Serial: 2,400 to 115,200 bps N/A SSTTM N/A PLC Module
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 3 Ethernet - Serial Ethernet: RJ45, Serial: D-Sub Male (9 pin) Carton Freescale MCF5772 0C to +60C Search Parts in this Series 112073Series
Electrical
Current - Maximum Input EMC Supply Voltage 5.5W EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN 61000-6-2 N/A
Material Info
Old Part Number SST-ESR2-CLX-RLL
Reference - Drawing Numbers
Sales Drawing E-112073-0001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
The BradCommunicationsTM SST communications module connects your Rockwell Automation ControlLogix(R) controller with up to 1 Ethernet Modbus TCP and 2 Serial Modbus networks.
03 Apr. 08 DW2007211
1 Ethernet + 2 Serial Channels
For the Allen-Bradley(R) ControlLogix(R) Controller
Features
Save money! 1 Ethernet and 2 RS232/RS485 Serial Modbus channels on a single slot - 1756 backplane compatible Save time! No ladder logic to write for configuration and data transfer between module and ControlLogix processor Boot user configuration and update firmware module through integrated USB port Data format: Bit, Byte, Word, Dword, Float RLL feature : configure and diagnose Modbus network remotely via A-B RSLinx(R) Advanced Windows configuration and diagnostics tools Up to 8 SSTTM modules can be used in one ControlLogix rack Support local and remote chassis
Overview
The BradCommunicationsTM SSTTM Ethernet / Serial module connects Rockwell Automation(R) ControlLogix(R) controllers to Modbus networks. Each module has 1 Ethernet and 2 Serial communication channels that act as independent Modbus TCP Client/Server and Modbus Master or Slave protocols to exchange data with other Modbus compatible devices. The SST module acts as a 1756 input/output module between the Modbus network and the ControlLogix backplane. The data transfer from the SSTTM module to the ControlLogix processor supports 2 modes; a direct mode allowing mapping of Modbus data in I/O processor image (496 inputs bytes / 496 output bytes) and a messaging mode (based on CIP transaction) allowing access to Modbus data images stored in 32K registers of the SSTTM module's memory. The SST module has a USB port on the front panel which can be used for the startup of the module when the user configuration is stored to a USB key. This can also be beneficial if a breakdown occurs, allowing a very quick startup to occur with a new SST module.
Protocols
Modbus TCP Client /Server Modbus Serial Master or Slave (RTU / ASCII)
Configuration and Diagnostics
Save your time, the SST module doesn't require any ladder logic programming to be used. The configuration is created using a PC-based Windows console software connected via RLL (Remote Link Library) functionality allowing a remote access to the SST module for the configuration and the diagnostics through Rockwell network architectures (Ethernet/ControlNet/DeviceNetTM). The SST console allows the user to define the network parameters, Modbus devices and the cyclic data exchanges. The console includes a user configuration manager offering services for download, upload, copy, and rename of user configurations. With this, a user can very easily and quickly create a new configuration to initialize and start a SST module. The SST console includes diagnostic tools to help with the commissioning and monitoring of the Modbus connection. These tools allow access in read and write modes to the Modbus slaves or to monitor and modify the module's internal data shared bound for a Modbus Master. Thus, the user-friendly tools are available for controlling the communication in commissioning phase (PROG mode). This same information is also available in production (RUN mode) through status words making it possible for the user to manage the execution of the control application in its ladder logic.
Typical Applications
SCADA / supervisory communication Integration of legacy Modbus devices Bridge Rockwell networks to Modbus compatible devices
1 Ethernet + 2 Serial Channels
Diagnostic & Software Tools Hardware Specifications
Bus Interface Memory * * * * * * * Allen-Bradley 1756 ControlLogix Support multiple modules in a chassis Local and remote rack 128 MB of onboard shared memory 8 MB of flash memory (user configuration and firmware) 4 characters display 3 LEDs indicator: 1 - health of the network (COMM) 2 - communication status (SYS) 3 - initialization complete and module is ok (OK) * Type A, USB 2 and 1.1 compatible * User configuration boot * Module firmware upgrade 850 mA @ 5V or 1.75 mA @ 24V 0C (32F) up to +60C (140F) -40C (-40F) up to +85C (185F) CE Class 1 Div 2 (pending) * Maximum 496 bytes input data * Maximum 496 bytes output data * Maximum 250 words status data * Maximum 41 bytes configuration data * 32K words and 32K bits * Read/Write access * Ladder logic based on CIP messaging Windows-based software tools through A-B RSLinxTM and Remote TCP
(R) (R)
Diagnostics
USB Port (pending) Current Consumption Operating Temperature Storage Temperature Regulatory Approvals I/O Mapping (for ControlLogix) Shared Memory (for ControlLogix) Configuration/Diagnostics
- User Configuration Manager -
Network Specifications
Serial Communication Port Port: 2 distinct Serial ports Speed: 110 to 115200 bps Parity: none, even, and odd Data bits: 5, 6, 7, or 8 Stop bits: 1 or 2 Connector: RJ45 (DB9 male supplied cable) Electrical interface: RS232, RS422 and RS485, 500V galvanic insulation Protocol: Master RTU or ASCII Mode Maximum slave: 127 slaves devices Function code: 0, 1, 2, 3, 4, 5, 6, 15, 16 (R) (R) Data format: Intel / Motorola Slave RTU or ASCII Mode 32K words / 32K bits shared memory Function Code: 0, 1, 3, 5, 6, 15, 16 Ethernet Communication Port Port: 1 distinct Ethernet port Speed: 10/100 Mbps, auto-negotiation Connector: BaseT (RJ45) Protocol: Support client/server modes simultaneously Support TCP and UDP connection Client mode Up to 128 Modbus server devices Support up to 4 simultaneous requests Function code: 0, 1, 2, 3, 4, 15,16 Data format: Intel / Motorola Server mode 32K words / 32K bits shared memory Function Code: 0, 1, 3, 15, 16
- Configuration Console -
Ordering Information
Part Number
SST-ESR2-CLX-RLL - Modbus Read/Write Data Diagnostic Tool Also available: SST-SR4-CLX-RLL
Description
BradCommunicationsTM SSTTM 1 Ethernet and 2 Serial ports PLC communications module for Allen-Bradley ControlLogix, includes Remote Link Library feature BradCommunicationsTM SSTTM 4 Serial ports PLC communications module for Allen-Bradley ControlLogix, includes Remote Link Library feature
More Serial and Ethernet protocols available for Altus (AL2000 series), Alstom (Alspa C80-35 & C80-75), GE Fanuc (GE90-30 & 90-70), Mitsubishi (AnA, AnU, AnS, QnA, QnAS), Omron (Sysmac C, CV and CS1), Schneider (Premium, Micro, TSX/PMX), Siemens (S7-200/300/400, S5, TI-505). Please contact us for more information.
To contact us: www.woodhead.com
Reference Number: DW2007211 Date Published: January 2008
North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United: Kingdom +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 BradCommunications and SST are trademarks of Woodhead Industries. (c) 2008 Molex Incorporated.


▲Up To Search▲   

 
Price & Availability of SST-ESR2-CLX-RLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X