Part Number Hot Search : 
167BZI 80001 ADN4662 1450C 54LS181J EPSA1 CP4725 4006B
Product Description
Full Text Search
 

To Download SPP20N60C309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDS * * * * * * * *G
P-TO220-3-31
1 2 3
Tjmax
G
FP
G
2
G-TO220
G-TO220 G PG-TO262 G FP SP000216354
C3
TC TC
tp
VDD
Tjmax
Tjmax
VDD
EAR
Tjmax Gate source voltage static Power dissipation, TC = 25C Reverse diode dv/dt 7) VGS VGS Ptot dv/dt 15 V/ns
Rev.3.1
2009-02-19
V DS
Tj
RthJC RthJA
wavesoldering
V(BR)DSS V GS
V GS , V DS Tj Tj V GS V GS Tj Tj VDS VGS V
RG
Rev.3.1
Page 2
2009-02-19
3
Transconductance Input capacitance Output capacitance Reverse transfer capacitance
g fs Ciss Coss Crss
V DS
V GS f
V DS
V GS V DS
Turn-on delay time
td(on)
V DD
V GS Tj 5C
RG
Rise time Turn-off delay time Fall time
tr td(off) tf
Gate to source charge Gate to drain charge
Qgs Qgd
V DD
V DD V GS V DD
0J-STD20 and JESD22 EAR f
Coss Coss
VDS VDS
7I <=I , di/dt<=400A/us, V SD D DClink=400V, VpeakRev.3.1
9-02-19
TC
Inverse diode direct current, pulsed
I SM
VGS
Reverse recovery time Reverse recovery charge Peak reverse recovery current
t rr Q rr I rrm
VR diF/dt
Tj
I
Rev.3.1.
9-02-19
3
TC
Ptot
TC
Ptot
Ptot
TC
TC
VDS TC
10
2
TC
A
10 1
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -2 0 10
10
1
10
2
10 V VDS
3
VDS
Rev.3.1
09-02-19
tp tp
tp
tp
VDS
Tj VGS
VDS
Tj VGS
VDS
VDS
Rev.3.1
9-02-19
f Tj
VGS
VGS
Tj
VGS
VGS
VGS
Rev.3.1
9-02-19
3
Tj V DS VGS RG
IF
RG VDS VGS
Tj
di/dt
RG V DS VGS
Tj
RG
di/dt
RG
Rev.3.1
9-02-19
dv/dt
RG VDS VGS
Tj V DS VGS
P
Tj RG
dv/dt
RG
RG VDS VGS
P
Tj Tj
RG
Rev.3.1
09-02-19
Tj VDD
V(BR)DSS
Tj
Tj
V(BR)DSS
Tj
f E AR
VDS V GS
f
VDS
Rev.3.1
9-02-19
Coss f VDS
VDS
Rev.3.1
9-02-19
SPP20N60C3 SPI20N60C3, SPA20N60C3
PG-TO220-3-1, PG-TO220-3-21 : Outline
Rev.3.1
Page 12
2009-02-19
SPP20N60C3 SPI20N60C3, SPA20N60C3
PG-TO220-3-31/-3-111 Fully isolated package ( 2500 VAC; 1 minute )
Rev.3.1
Page 13
2009-02-19
SPP20N60C3 SPI20N60C3, SPA20N60C3
PG-TO262-3-1/PG-TO262-3-21 (I-PAK)
Rev.3.1
Page 14
2009-02-19
SPP20N60C3 SPI20N60C3, SPA20N60C3
81726 Munchen Germany 2006
Rev.3.1
5
9-02-19


▲Up To Search▲   

 
Price & Availability of SPP20N60C309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X