Part Number Hot Search : 
JMB381 TBB1004 1KSMBJ27 100E1 MAX501 UPC1891A SC114 A330MC
Product Description
Full Text Search
 

To Download SPP18P06P09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPP18P06P G
SIPMOS(R) Power-Transistor
Features * P-Channel * Enhancement mode * Avalanche rated * dv /dt rated * 175C operating temperature
* Pb-free lead finishing; RoHS compliant
Product Summary V DS R DS(on),max ID -60 0.13 -18.6 V A
PG-TO220-3
Type
Package
Tape and reel information 50pcs / tube
Marking 18P06P
Lead free Yes
SPP18P06PG PG-TO220-3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Symbol Conditions Value steady state Continuous drain current ID T A=25 C T A=100 C Pulsed drain current Avalanche energy, single pulse I D,pulse E AS T A=25 C I D=18.7 A, R GS=25 -18.7 -13.2 -74.8 151 mJ A Unit
Avalanche energy, periodic limited by E AR Tjmax Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature ESD class Soldering temperature IEC climatic category; DIN IEC 68-1 dv /dt V GS P tot T j, T stg T A=25 C1) I D=18.7 A, V DS=48 V, di /dt =-200 A/s, T j,max=175 C
8
-6 20 81.1 "-55 ... +175"
kV/s V W C
260 C 55/150/56
Rev1.8
page 1
2009-04-14
SPP18P06P G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB: R thJC Values typ. max. Unit
-
-
1.85
K/W
R thJA
-
-
62
R thJA
minimal footprint
-
-
62
K/W
6 cm2 cooling area1)
-
-
40
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=-250 A V GS(th) V DS=V GS, I D=1000 A V DS=-60 V, V GS=0 V, T j=25 C V DS=-60 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=-20 V, V DS=0 V V GS=-10 V, I D=-13.2 A |V DS|>2|I D|R DS(on)max, I D=-13.2 A -60 -2.1 2.7 -4 V
Zero gate voltage drain current
I DSS
-
-0.1
-1
A
-
-10 -10 102
-100 -100 130 nA m
Transconductance
g fs
5
10
-
S
1)
Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air.
Rev1.8
page 2
2009-04-14
SPP18P06P G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge IS I S,pulse V SD t rr Q rr V R=30 V, I F=|I S|, di F/dt =100 A/s T A=25 C V GS=0 V, I F=-18.6 A, T j=25 C -0.99 70 139 18.60 -74.8 -1.33 105 208 V ns nC A Q gs Q gd Qg V plateau V DD=-48 V, I D=18.6 A, V GS=0 to -10 V -4.1 -11 -21 -5.94 -5.5 -17 -28 V nC C iss C oss C rss t d(on) tr t d(off) tf V DD=-30 V, V GS=10 V, I D=-13.2 A, R G=2.7 V GS=0 V, V DS=-25 V, f =1 MHz 690 230 95 12.0 5.8 25 11 860 290 120 18.0 8.7 37 16.5 ns pF Values typ. max. Unit
Rev1.8
page 3
2009-04-14
SPP18P06P G
1 Power dissipation P tot=f(T A) 2 Drain current I D=f(T A); |V GS|10 V
90 80 70 60
20
15
P tot [W]
-I D [A]
50 40 30 20 10 0 0 40 80 120 160
10
5
0 0 40 80 120 160
T A [C]
T A [C]
3 Safe operating area I D=f(V DS); T A=25 C ; D =0 parameter: t p
10 s 100 s limited by on-state resistance
4 Max. transient thermal impedance Z thJA=f(t p) parameter: D =t p/T
101
1)
101
1 ms 10 ms
100
DC
0.5
Z thJS [K/W]
0.2 0.1 0.05
-I D [A]
10
0
10-1 10-1 10
0.02
-5
0.01 10
-4
10-3
10-2
10-1
100
101
102
single pulse
10-2 0.1 1 10 100
-V DS [V]
t p [s]
Rev1.8
page 4
2009-04-14
SPP18P06P G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
40 400 35
-20 V -10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
30
-7 V
320
-4 V -4.5 V -5 V -5.5 V -6 V
R DS(on) [m]
25
-I D [A]
240
-7 V
20
-6 V
15
-5.5 V
160
10
-5 V
-10 V
80 5
-4.5 V -4 V
-20 V
0 0 2 4 6 8
0 0 5 10 15 20 25 30 35
-V DS [V]
-I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
8
8 Typ. forward transconductance g fs=f(I D); T j=25 C
14
12 6 10
-I D [A]
g fs [S]
125 C 25 C
4
8
6
2
4
2
0 0 1 2 3 4 5
0 0 5 10 15 20 25 30
-V GS [V]
-I D [A]
Rev1.8
page 5
2009-04-14
SPP18P06P G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=-13.2 A; V GS=-10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS; I D=-1000 A
4 350 3.5 300 3 250
max.
R DS(on) [m]
2.5
-V GS(th) [V]
typ.
200
98 %
2
min.
150
typ.
1.5
100
1
50
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
25 C, typ
103
Ciss
101
150 C, typ
C [pF]
Coss
102
I F [A]
100
150 C, 98% 25 C, 98%
Crss
101 0 5 10 15 20 25
10-1 0 0.5 1 1.5 2 2.5 3
-V DS [V]
-V SD [V]
Rev1.8
page 6
2009-04-14
SPP18P06P G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
10
2
14 Typ. gate charge V GS=f(Q gate); I D=-18.6 A pulsed parameter: V DD
16
14
12
25 C 12 V 30 V 48 V
10
-I AV [A]
V GS [V]
101
125 C
100 C
8
6
4
2
0 100 10
0
0 10
1
5
10
15
20
25
30
t AV [s]
10
2
10
3
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=-250 A
16 Gate charge waveforms
70
V GS
Qg
65
-V BR(DSS) [V]
60
V g s(th)
55
Q g(th)
Q sw
Q g ate
50 -60 -20 20 60 100 140 180
Q gs
Q gd
T j [C]
Rev1.8
page 7
2009-04-14
SPP18P06P G
Package Outline: PG-TO220-3
Rev1.8
page 8
2009-04-14
SPP18P06P G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev1.8
page 9
2009-04-14


▲Up To Search▲   

 
Price & Availability of SPP18P06P09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X