Part Number Hot Search : 
P4KE43 AP9566GH L6920 MMSZ5 PMMAD ETL9321N LT4356 CAT28
Product Description
Full Text Search
 

To Download SPD18P06P08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPD18P06P G SIPMOS (R) Power-Transistor
Features
*
Product Summary Drain source voltage Drain-source on-state resistance Continuous drain current
P-Channel Enhancement mode Avalanche rated dv/dt rated 175C operating temperature
VDS RDS(on) ID
-60 0.13 -18.6
V
W
*
* * *
A
Pb-free lead plating; RoHS compliant
Type SPD18P06P G
Package PG-TO252-3
Pin 1 G
PIN 2/4 D
PIN 3 S
Maximum Ratings,at T j = 25 C, unless otherwise specified Parameter Symbol Continuous drain current
Value -18.6 -13.2
Unit A
ID
T C = 25 C T C = 100 C
Pulsed drain current
ID puls EAS EAR
dv/dt
-74.4 150 8 6 kV/s mJ
T C = 25 C
Avalanche energy, single pulse
I D = -18.6 A , V DD = -25 V, RGS = 25 W
Avalanche energy, periodic limited by Tjmax Reverse diode dv/dt
I S = -18.6 A, V DS = -48 V, di/dt = 200 A/s, T jmax = 175 C
Gate source voltage Power dissipation
VGS Ptot Tj , Tstg
20 80 -55...+175 55/175/56
V W C
T C = 25 C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Rev 3.4
Page 1
2008-09-02
SPD18P06P G
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 1) Symbol min. Values typ. max. 1.85 100 75 50 K/W Unit
RthJC RthJA RthJA
-
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Static Characteristics Drain- source breakdown voltage Symbol min. Values typ. -3 max. -4 A -0.1 -10 -10 0.1 -1 -100 -100 0.13 nA V Unit
V(BR)DSS VGS(th) IDSS
-60 -2.1
VGS = 0 V, I D = -250 A
Gate threshold voltage, VGS = VDS I D = -1 mA Zero gate voltage drain current
VDS = -60 V, V GS = 0 V, T j = 25 C VDS = -60 V, V GS = 0 V, T j = 150 C
Gate-source leakage current
IGSS RDS(on)
-
VGS = -20 V, VDS = 0 V
Drain-source on-state resistance
W
VGS = -10 V, I D = -13.2 A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Rev 3.4 Page 2
2008-09-02
SPD18P06P G
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Symbol Values min. Dynamic Characteristics Transconductance typ. max.
Unit
gfs Ciss Coss Crss td(on)
4 -
8 690 230 95 12
860 290 120 18
S pF
VDS2*I D*RDS(on)max , ID = -13.2 A
Input capacitance
VGS = 0 V, V DS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, V DS = -25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, V DS = -25 V, f = 1 MHz
Turn-on delay time ns
VDD = -30 V, V GS = -10 V, ID = -13.2 A, RG = 2.7 W
Rise time
tr
-
5.8
8.7
VDD = -30 V, V GS = -10 V, ID = -13.2 A, RG = 2.7 W
Turn-off delay time
td(off)
-
24.5
37
VDD = -30 V, V GS = -10 V, ID = -13.2 A, RG = 2.7 W
Fall time
tf
-
11
16.5
VDD = -30 V, V GS = -10 V, ID = -13.2 A, RG = 2.7 W
Rev 3.4
Page 3
2008-09-02
SPD18P06P G
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Symbol Values min. Dynamic Characteristics Gate to source charge typ. max.
Unit
Qgs Qgd Qg V(plateau)
-
4.4 9.3 22 -5.56
6.6 14 33 -
nC
VDD = -48 , ID = -18.6 A
Gate to drain charge
VDD = -48 V, ID = -18.6 A
Gate charge total
VDD = -48 V, ID = -18.6 , V GS = 0 to -10 V
Gate plateau voltage V
VDD = -48 , I D = -18.6 A
Parameter Reverse Diode Inverse diode continuous forward current
Symbol min.
Values typ. -1 70 139 max. -18.6 -74.4 -1.33 105 208
Unit
IS ISM VSD trr Qrr
-
A
T C = 25 C
Inverse diode direct current,pulsed
T C = 25 C
Inverse diode forward voltage V ns nC
VGS = 0 V, I F = -18.6 A
Reverse recovery time
VR = -30 V, IF=I S , di F/dt = 100 A/s
Reverse recovery charge
VR = -30 V, IF=l S , diF/dt = 100 A/s
Rev 3.4
Page 4
2008-09-02
SPD18P06P G
Power dissipation Drain current
Ptot = f (TC)
SPD18P06P
ID = f (TC )
parameter: VGS 10 V
SPD18P06P
90
-20
W
70 60
A
-16 -14
Ptot
ID
50 40 30 20 10 0 0 20 40 60 80 100 120 140 160C 190
-12 -10 -8 -6 -4 -2 0 0
20
40
60
80
100 120 140 160C 190
TC
TC
Safe operating area
Transient thermal impedance
I D = f ( VDS )
parameter : D = 0 , T C = 25 C
-10
2
ZthJC = f (tp )
parameter : D = tp /T
tp = 29.0s
SPD18P06P
10 1
SPD18P06P
K/W
10 0
A
Z thJC
100 s
ID
10 -1
-10 1 D = 0.50 10
1 ms
DS
/I
-2
D
0.20 0.10 0.05
DS (on )
=V
R
10 -3
10 ms
0.02 0.01 single pulse
DC -10 0 -1 -10 -10
0
-10
1
V
-10
2
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Rev 3.4 Page 5
tp
2008-09-02
SPD18P06P G
Typ. output characteristic Typ. drain-source-on-resistance
I D = f (VDS); T j=25C parameter: tp = 80 s
SPD18P06P
RDS(on) = f (ID )
parameter: VGS
SPD18P06P
-50
Ptot = 80.00W
VGS [V] a
0.42
A
-40 -35
h l
-4.0 -4.5
W
a
b
c
d
e
f
g
h
0.36 0.32
jk i
b c d e
-5.5 -6.0 -6.5 -7.0 -7.5 -8.0 -9.0 -10.0 -20.0
RDS(on)
-5.0
0.28 0.24 0.20 0.16
i
ID
-30 -25 -20 -15 -10 -5 0 0
g
f g
fh e
i j k
d c
l
0.12 0.08
k l
j
b a
VGS [V] =
0.04
a b c d e f -4.0 -4.5 -5.0 -5.5 -6.0 -6.5
g h i j k l -7.0 -7.5 -8.0 -9.0 -10.0 -20.0
-1
-2
-3
-4
-5
-6
-7
-8
V
-10
0.00 0
-4
-8
-12 -16 -20 -24 -28 -32 A
-38
VDS
ID
Typ. transfer characteristics I D= f ( V GS )
Typ. forward transconductance
VDS 2 x I D x RDS(on)max
parameter: tp = 80 s
-40
A
gfs = f(ID); Tj=25C
parameter: gfs
10
S
8 -30 7
ID
-25
gfs
V
6 5 4 3
-20
-15
-10 2 -5 1 0 0
0 0
-1
-2
-3
-4
-5
-6
-7
-8
-10
-5
-10
-15
-20
A
-30
VGS
ID
Rev 3.4
Page 6
2008-09-02
SPD18P06P G
Drain-source on-state resistance Gate threshold voltage
RDS(on) = f (Tj)
parameter : I D = -13.2 A, VGS = -10 V
SPD18P06P
VGS(th) = f (Tj)
parameter: VGS = VDS , ID = -1 mA
-5.0 V -4.4 -4.0
W
RDS(on)
0.38
0.32 0.28 0.24 0.20
V GS(th)
-3.6 -3.2 -2.8
98%
0.16
-2.4 -2.0 -1.6 -1.2 -0.8
max
typ
0.12 0.08 0.04 0.00 -60
typ
-0.4 -20 20 60 100 140 C 200 0.0 -60 -20 20 60 100 140
V
min
200
Tj
Tj
Typ. capacitances
Forward characteristics of reverse diode
C = f (VDS)
parameter: VGS=0V, f=1 MHz
10
4
IF = f (VSD )
parameter: Tj , tp = 80 s
-10 2
SPD18P06P
pF
A
10 3
-10 1
C
Coss
10 2
IF
-10 0
Ciss
Crss
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
-5
-10
-15
-20
-25
V
-35
-10 -1 0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VDS
VSD
Page 7
Rev 3.4
2008-09-02
SPD18P06P G
Avalanche energy Typ. gate charge
EAS = f (Tj)
para.: I D = -18.6 A , VDD = -25 V, RGS = 25
160
VGS = f (QGate )
parameter: ID = -18.6 A pulsed
SPD18P06P
-16
mJ
V
120
-12
E AS
100
VGS
-10 0,2 VDS max 0,8 VDS max
80
-8
60
-6
40
-4
20
-2
0 25
45
65
85
105
125
145
C 185 Tj
0 0
4
8
12
16
20
24
28 nC
34
QGate
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
SPD18P06P
-72
V
-68 -66 -64 -62 -60 -58 -56 -54 -60
V(BR)DSS
-20
20
60
100
140 C
200
Tj
Rev 3.4 Page 8
2008-09-02
SPD18P06P G
Package outline: PG-TO252-3
Rev 3.4
page 9
2008-09-02
SPD18P06P G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev 3.4
Page 10
2008-09-02


▲Up To Search▲   

 
Price & Availability of SPD18P06P08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X