Part Number Hot Search : 
IRF5N60 143V20M UFT3010 K2049 CTA17 F8720 63812 03597
Product Description
Full Text Search
 

To Download SPD08P06P08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPD08P06P G
SIPMOS(R) Power-Transistor
Features * P-Channel * Enhancement mode * Avalanche rated * dv /dt rated * 175C operating temperature * Pb-free lead finishing; RoHS compliant
Product Summary V DS R DS(on),max ID -60 0.3 -8.8 V A
PG-TO252-3
Type
Package
Tape and reel information 1000 pcs / reel
Marking 08P06P
Lead free Yes
Packing
Non dry
SPD08P06PG PG-TO252-3
Parameter
Symbol Conditions
Value steady state
Unit
Continuous drain current
ID
T A=25 C T A=100 C
-8.83 -6.25 -35.32 70 4.2
A
Pulsed drain current Avalanche energy, single pulse
I D,pulse E AS
T A=25 C I D=8.83 A, R GS=25
mJ
Avalanche energy, periodic limited by E AR Tjmax I D=8.83 A, V DS=48 V, di /dt =-200 A/s, T j,max=175 C
Reverse diode dv /dt
dv /dt
-6
kV/s
Gate source voltage Power dissipation Operating and storage temperature ESD class Soldering temperature IEC climatic category; DIN IEC 68-1
V GS P tot T j, T stg T A=25 C
20 42 "-55 ... +175"
V W C
260 C 55/175/56
Rev 1.9
page 1
2008-10-13
SPD08P06P G G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient,leaded SMD version, device on PCB: R thJC Values typ. max. Unit
-
-
3.6
K/W
R thJA R thJA minimal footprint 6 cm2 cooling area1)
-
-
75 70 50 K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=-250 A V GS(th) V DS=V GS, I D=-250 A V DS=-60 V, V GS=0 V, T j=25 C V DS=-60 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=-20 V, V DS=0 V V GS=-6.2 V, I D=-10 A |V DS|>2|I D|R DS(on)max, I D=-6.2 A -60 -2.1 -3.0 -4 V
Zero gate voltage drain current
I DSS
-
-0.1
-1
A
-
-10 -10 230
-100 -100 300 nA m
Transconductance
g fs
2.5
4.9
-
S
1)
Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 ( one layer, 70, thick) copper area for drain connection. PCB is vertical without blown air.
Rev 1.9
page 2
2008-10-13
SPD08P06P G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge IS I S,pulse V SD t rr Q rr V R=30 V, I F=|I S|, di F/dt =100 A/s T A=25 C V GS=0 V, I F=-8.83 A, T j=25 C -0.98 60 100 -8.80 -35.3 -1.55 90 150 V ns nC A Q gs Q gd Qg V plateau V DD=-48 V, I D=-8.8 A, V GS=0 to -10 V -1.9 -5 -10 -6 -2.6 -8 -13 V nC C iss C oss C rss t d(on) tr t d(off) tf V DD=-30 V, V GS=10 V, I D=-6.2 A, R G=6 V GS=0 V, V DS=-25 V, f =1 MHz 335 105 65 16.0 46.0 48 14 420 135 95 24.0 69 72 21 pF Values typ. max. Unit
Rev 1.9
page 3
2008-10-13
SPD08P06P G
1 Power dissipation P tot=f(T A) 2 Drain current I D=f(T A); |V GS|10 V
9 40 8 7 30 6
P tot [W]
-I D [A]
5 4 3
20
10
2 1
0 0 40 80 120 160
0 0 40 80 120 160
T A [C]
T A [C]
3 Safe operating area I D=f(V DS); T A=25 C; D =0 parameter: t p
102
10 s limited by on-state resistance
4 Max. transient thermal impedance Z thJA=f(t p) parameter: D =t p/T
101
100 s 0.5 1 ms
10
1
100
10 ms
0.2 0.1 0.05 0.02 0.01
-I D [A]
DC
10
0
Z thJS [K/W]
10-1
single pulse
-5
10-1
10
10-4
10-3
10-2
10-1
100
101
102
10-2 10-1 100 101 102
-V DS [V]
t p [s]
Rev 1.9
page 4
2008-10-13
SPD08P06P G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS 6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
1000 18
-20 V
900 800 700
-10 V
15
-7 V -4 V -4.5 V -5 V -5.5 V
12
R DS(on) [m]
600 500 400 300 200 100 0
-I D [A]
9
-6 V
-6 V -7 V -10 V -20V
6
-5.5 V
-5V
3
-4.5 V -4 V
0 0 1 2 3 4 5 6 7 8
0
2
4
6
8
10
12
14
-V DS [V]
-I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
6
8 Typ. forward transconductance g fs=f(I D); T j=25 C
6
5
5
4
4
-I D [A]
3
g fs [S]
125 C 25 C
3
2
2
1
1
0 0 1 2 3 4 5 6 7 8
0 0 2 4 6 8 10
-V GS [V]
-I D [A]
Rev 1.9
page 5
2008-10-13
SPD08P06P G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=-6.2 A; V GS=-10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS; I D=-250 A
700
5 4.5
600 4 500 3.5
98 % max.
R DS(on) [m]
400
-V GS(th) [V]
3 2.5 2
min.
typ.
300
200
typ.
1.5 1
100 0.5 0 -60 -20 20 60 100 140 180 0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
103
Ciss
175 C, typ
101
25 C, 98%
Coss
C [pF]
102
Crss
I F [A]
100
175 C, 98%
10-1
25 C, typ
101 0 5 10 15 20 25
10-2 0 0.5 1 1.5 2 2.5 3
-V DS [V]
-V SD [V]
Rev 1.9
page 6
2008-10-13
SPD08P06P G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
101
14 Typ. gate charge V GS=f(Q gate); I D=-8.8 A pulsed parameter: V DD
16 14 12
30 V 12 V 48 V
25 C 100 C 125 C
10
V GS [V]
100 100 101 t AV [s] 102 103
-I AV [A]
8 6 4 2 0 0 3 6 9 12 15
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=-250 A
70
65
-V BR(DSS) [V]
60
55
50 -60 -20 20 60 100 140 180
T j [C]
Rev 1.9
page 7
2008-10-13
SPD08P06P G
Package outline: PG-TO252-3
Rev 1.9
page 8
2008-10-13
SPD08P06P G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev 1.9
page 9
2008-10-13


▲Up To Search▲   

 
Price & Availability of SPD08P06P08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X