Part Number Hot Search : 
C4014A P4KE39 G8081293 XBNXXX KBP206 SC33063A MRF838A GU7806A
Product Description
Full Text Search
 

To Download SD-47494-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0474940001 Active
sim__smart_card 2.54mm (.100") Pitch SIM Card Connector, 8 Circuits, Housing Height 1.50mm (.059"), Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47494-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 47494 N/A Housing Height: 1.50mm (.059") Header/Socket (Host) sim__smart_card SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Comments Component Type Overview Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 8 8 Black 500 No Ejector Button Present Horizontal, Side Entry, Vertical None Phosphor Bronze Gold Gold High Temperature Thermoplastic 0.000 In 0.00 mm No Normal None Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 32 0.80 2 0.05 0 -40C to +85C Surface Mount
Search Parts in this Series 47494Series Mates With Standard SIM Card Use With SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum Voltage Key 0.5A No 15V DC N/A
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 2 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47494-001 PS-47494-001 SD-47494-001
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-47494-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X