Part Number Hot Search : 
VSH31012 02100 25FU106B B250014 F2010 RF6330J APT60 ISL5585
Product Description
Full Text Search
 

To Download SD-19600-1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
0196001302 Active
AvikrimpTM Fully Insulated Female Quick Disconnect
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E79133 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19600 Yes AvikrimpTM Quick Disconnect
Physical
Barrel Type Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Closed 94V-2 Female No Nylon (PA) None Brass Straight Bag No 0.51mm (.020") 4.75mm (.187") -65C to +105C 6.89x4.32mm (.270x.170") max. 16+16, 18+18, 20+20, 22+22
Search Parts in this Series 19600Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # HAND CRIMP TOOL 0640017100 Air Powered Crimp 0640057100 Tool Head
Electrical
Voltage - Maximum 300V
Material Info Reference - Drawing Numbers
Sales Drawing SD-19600-1300
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-19600-1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X