Part Number Hot Search : 
MBA0204 DP68H8B STRLP 1FM44 UPC592 LC552 E1500 LT1033CP
Product Description
Full Text Search
 

To Download S1ZB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S1ZB20 - S1ZB80
PRV : 200 - 800 Volts Io : 0.8 Amperes
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board Pb / RoHS Free
MINI-BRIDGE RECTIFIERS
MBS
0.029(0.74) 0.017(0.43) 0.023 min. (0.58 min.)
0.161(4.10) 0.144(3.65)
~
~
0.272(6.90) 0.252(6.40) 0.030 min. (0.76 min.)
0.272 max. (6.91 max.)
0.105(2.67) 0.095(2.41) 0.195(4.95) 0.179(4.55)
0.105(2.67) 0.095(2.41)
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Terminals : Plated Lead solderable per MIL-STD-202, Method 208 * Polarity : Polarity symbols marked on body * Mounting position : Any * Weight : 0.22 gram
0.106(2.70) 0.094(2.40) 0.114(2.90) 0.094(2.40)
0.205(5.21) 0.195(4.95) 0.049(1.24) 0.039(0.99) 0.016(0.41) 0.006(0.15)
0.0075(0.19) 0.0065(0.16)
0.038(0.96) 0.019(0.48)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Maximum Peak Forward Surge Current, Non-Repititive 1 Cycle Peak Value Current Squared Time at 1ms t < 10 ms. Maximum Forward Voltage per Diode at IF = 0.4 A Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Thermal Resistance, Junction to Lead Operating Junction Temperature Range Storage Temperature Range
SYMBOL VRRM VRMS VDC IF(AV)
S1ZB20 200 140 200
S1ZB60 600 420 600
S1ZB80 800 560 800
UNIT V V V A
0.5 (on glass-epoxy substrate) 0.8 (on aliminum substrate)
IFSM I2t VF IR RJL TJ TSTG
30 4.5 1.05 10 20 - 40 to + 150 - 40 to + 150
A A 2S V A C/W C C
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( S1ZB20 - S1ZB80 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.0 Aluminum Substrate 0.8 30
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER BRIDGE ELEMENT PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
24
0.6
18
0.4
Glass Epoxy Substrate
12
Ta = 40 C Single Half Sine-Wave (JEDEC Method)
0.2 Resistive Load 0 0 25 50 75 100 125 150 175
6
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10
100 TJ = 125 C
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT, AMPERES
1
10
Pulse Width = 300 s 1% Duty Cycle 0.1
1.0
TL = 25 C
TJ = 25 C 0.1
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of S1ZB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X