Part Number Hot Search : 
TLP62 16245A FLT100U 1N825 2F0515XS 0512T OM5193 DG6045C
Product Description
Full Text Search
 

To Download PPC-154T-EPCE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-154T-EPCE
Features
15" TFT XGA LCD
15" Panel PC Panel PC with Intel(R) Pentium(R) 4 Processor
Intel(R) Pentium(R) 4 CPU up to 3.06 GHz System memory up to 2 GB DDR SDRAM 10/100Base-T Ethernet (Gigabit optional)
RoHS
COMPLIANT
2002/95/EC
Introduction
The PPC-154T is an Intel Pentium 4 based Panel PC with 15" color TFT LCD (resolution up to 1024 x 768). It features multimedia devices, various connectors, and can be installed in virtually any application. In addition, its user-friendly interface makes it a great host for information appliances.
Specifications
CPU Disk Drive Housing Dimensions (W x H x D) Weight Front Panel Protection Memory Network (LAN) I/O Ports Bus Expansion Operating Temperature Relative Humidity Shock EMC Safety Output Rating Input Voltage Output Voltage Display Type Max. Resolution Max. Colors or Grayscales Pixel Pitch (mm) Luminance (cd/m2) Contrast Ratio 400 : 1 Viewing Angle Operating Temperature Lamp Life Types Resolution Light Transmission Controller Power Consumption Software Driver Durability (Touches) Supports Socket 478 based Pentium 4 CPU up to 3.06 GHz Room for 1 x 2.5" HDD 420 x 323.3 x 130.5 mm (16.54" x 12.72" x 5.12") 6.5 kg (14.32 lbs) IP65/NEMA 4 compliant (not for SAW model) Supports up to 2 GB DDR SDRAM (184-pin) 10/100Base-T Ethernet interface (Gigabit optional) - 2 x serial ports - 4 x USB 2.0 ports - 1 x PS/2 mouse and keyboard interface - Mic-in, Line-in, Line-out 1 x PCS Slot 0 ~ 45 C (32 ~ 113 F) 10 ~ 95% @ 40 C, non-condensing 10 G peak acceleration (11 msec. duration) BSMI, VCCI, CE, FCC Class B, CCC CB, CE, UL 180 W (max.) 100 ~ 240 VAC @ 50 ~ 60 Hz +3.3 V @ 16.8 A, +5 V @ 12 A, +12 V @ 10 A, -12 V @ 0.8 A, +5 VSB @ 2 A 15" Color TFT LCD 1024 x 768 262 K 0.297 x 0.297 250 500 70 (left), 65 (right), 75 (up), 75 (down) 0 ~ 50 C (32 ~ 122 F) 60,000 hrs Analog Resistive (Default) Capacitive (Optional) Surface Acoustic Wave (Optional) Continuous 1024 x 1024 4096 x 4096 80% 91.5% 91% USB Interface USB Interface USB Interface +5 V @ 200 mA +5 V @ 100 mA +5 V @ 150 mA Supports both DOS and Windows 35 million 225 million 50 million
Processor System
Environmental Specifications
Power Supply
LCD Display
Touchscreen (Optional)
Infrared (Optional) 4096 x 4096 91% USB Interface +5 V @ 150 mA 100,000 hrs
Panel PCs
PPC-154T-EPCE Dimensions
391
Unit: mm (inches)
130.5 118.5 12 420
294.5
2.4
Fully Integrated I/O
A B C D E F
Feature Details
Protection
To meet the requirements of a public environment, the front panel of PPC-154T complies with the IP65/NEMA 4 protection standards. Furthermore, the watchdog timer and power management features make the system secure and stable. The onboard hardware monitoring feature provides automatic protection that prevents the CPU from becoming overheated.
G
H
Networking
Two serial ports and a 10/100Base-T Ethernet port (Gigabit optional) give the PPC-154T advanced networking capabilities, and provide a great solution for versatile applications.
A: Line-in/Line-out/Mic-in B: USB 2.0 x 4 C: 10/100Base-T Ethernet D: VGA port
E: Com port x 2 F: PS/2 mouse & keyboard G: AC inlet H: Power Switch
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC154T's modular design. In order to replace a defective LCD or touchscreen, one merely needs to remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from three optional types of touchscreens: Resistive change to Infrared capacitive and SAW (Surface Acoustic Wave). These options make the PPC-154T a more user-friendly interface for different environments.
Online Download www.advantech.com/products
323.3


▲Up To Search▲   

 
Price & Availability of PPC-154T-EPCE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X