Part Number Hot Search : 
EN25S T3274005 KE400A T221021 40L45 L0437 30KP108A 00AXI
Product Description
Full Text Search
 

To Download PD-118009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
InGaAs PIN PHOTODIODES
1 mm InGaAs PIN Photdiode with TO-46 Package FEATURES
High responsivity for dual windows at 1310 nm and 1550 nm Low dark current Hermetically sealed 3-pin TO-46 metal case Active diameter 1 mm
PD-1180
************************************************************************************************************************************************************
PD-1180
************************************************************************************************************************************************************
DESCRIPTION
PD-1180 InGaAs Photodiode is suited to receive the light at the wavelength range from 800 nm to 1650 nm. With high reliability, PD-1180 series are the best choice for power monitor application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25C)
Symbol Parameter Active Area Detection Range R Responsivity VR=5V, =1300nm VR=5V, =1550nm Idark C Rshunt BW Dark Current Capacitance Shunt Resistance Bandwidth VR=5V VR=5V VR=5V 10 30 100 800 0.85 0.9 5 nA pF M MHz Test Conditions Min. Typ. 1000 1650 Max. Unit m nm A/W
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Parameter Po VRD IFD Topr Tstg Input Optical Power Reverse Voltage Forward Current Operating Temperature Storage Temperature Ratings 10 10 10 -40~+85 -40~+85 Unit mW V mA C C
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw
4/9/2009 V2.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
PD-1180
************************************************************************************************************************************************************
PHOTOSENSITIVE SURFACE
CASE
PD(+)
PD(-)
Note: 1. Specifications subject to change without notice. 2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P D- 1 1 8 0
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw
4/9/2009 V2.0
Optoway
Revision History
Version
1.0 2.0
PD-1180
************************************************************************************************************************************************************
Subject
Initial datasheet Add the indication of photosensitive surface
Release Date
2003/4/1 2009/4/9
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw
4/9/2009 V2.0


▲Up To Search▲   

 
Price & Availability of PD-118009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X