Part Number Hot Search : 
2SD25 CYHME301 UF2001 TMG1C80A 14051 EH390 EM78M612 H2920
Product Description
Full Text Search
 

To Download P6SMB440CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
P6SMB6.8CA - P6SMB440CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMB (DO-214AA)
2.0 0.1 1.1 0.3
VBR : 6.8 - 440 Volts PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V * Pb / RoHS Free
4.8 0.15
5.4 0.2
0.22 0.07 3.6 0.15 2.3 0.2
Dimensions in millimeters
MECHANICAL DATA
* Case : SMB Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.093 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C" Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Operating and Storage Temperature Range
Symbol
PPK PD
Value
Minimum 600 5.0
Unit
Watts Watts
IFSM TJ, TSTG
100 - 55 to + 150
Amps. C
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm 2 ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
Page 1 of 3
Rev. 05 : March 31, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
ELECTRICAL CHARACTERISTICS
Breakdown Voltage @ It ( Note 1 )
(Rating at 25C ambient temperature unless otherwise specified) Maximum Reverse Leakage @ VRWM IR (A) Maximum Reverse Current IRSM (A) 57.0 53.0 50.0 45.0 41.0 38.0 36.0 33.0 28.0 27.0 24.0 22.0 20.0 18.0 16.0 14.4 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2 1.83 1.75 1.45 1.25 1.10 1.00 Maximum Clamping Voltage @ IRSM VRSM (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103 113 125 137 152 165 179 207 219 234 246 274 328 344 414 482 548 602 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110
Working Peak Reverse Voltage
Type No.
VBR (V) Min. Max. It (mA)
VRWM (V)
P6SMB6.8CA 6.45 7.14 10 5.80 2000 P6SMB7.5CA 7.13 7.88 10 6.40 1000 P6SMB8.2CA 7.79 8.61 10 7.02 400 P6SMB9.1CA 8.65 9.55 1.0 7.78 100 P6SMB10CA 9.50 10.5 1.0 8.55 20 P6SMB11CA 10.5 11.6 1.0 9.40 5.0 P6SMB12CA 11.4 12.6 1.0 10.2 5.0 P6SMB13CA 12.4 13.7 1.0 11.1 5.0 P6SMB15CA 14.3 15.8 1.0 12.8 5.0 P6SMB16CA 15.2 16.8 1.0 13.6 5.0 P6SMB18CA 17.1 18.9 1.0 15.3 5.0 P6SMB20CA 19.0 21.0 1.0 17.1 5.0 P6SMB22CA 20.9 23.1 1.0 18.8 5.0 P6SMB24CA 22.8 25.2 1.0 20.5 5.0 P6SMB27CA 25.7 28.4 1.0 23.1 5.0 P6SMB30CA 28.5 31.5 1.0 25.6 5.0 P6SMB33CA 31.4 34.7 1.0 28.2 5.0 P6SMB36CA 34.2 37.8 1.0 30.8 5.0 P6SMB39CA 37.1 41.0 1.0 33.3 5.0 P6SMB43CA 40.9 45.2 1.0 36.8 5.0 P6SMB47CA 44.7 49.4 1.0 40.2 5.0 P6SMB51CA 48.5 53.6 1.0 43.6 5.0 P6SMB56CA 53.2 58.8 1.0 47.8 5.0 P6SMB62CA 58.9 65.1 1.0 53.0 5.0 P6SMB68CA 64.6 71.4 1.0 58.1 5.0 P6SMB75CA 71.3 78.8 1.0 64.1 5.0 P6SMB82CA 77.9 86.1 1.0 70.1 5.0 P6SMB91CA 86.5 95.5 1.0 77.8 5.0 P6SMB100CA 95.0 105 1.0 85.5 5.0 P6SMB110CA 105 116 1.0 94.0 5.0 P6SMB120CA 114 126 1.0 102 5.0 P6SMB130CA 124 137 1.0 111 5.0 P6SMB150CA 143 158 1.0 128 5.0 P6SMB160CA 152 168 1.0 136 5.0 P6SMB170CA 162 179 1.0 145 5.0 P6SMB180CA 171 189 1.0 154 5.0 P6SMB200CA 190 210 1.0 171 5.0 P6SMB220CA 209 231 1.0 185 5.0 P6SMB250CA 237 263 1.0 214 5.0 P6SMB300CA 285 315 1.0 256 5.0 P6SMB350CA 332 368 1.0 300 5.0 P6SMB400CA 380 420 1.0 342 5.0 P6SMB440CA 418 462 1.0 376 5.0 Notes: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 2 ) "P6SMB" will be omitted in marking on the diode.
Page 2 of 3
Rev. 05 : March 31, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( P6SMB SERIES )
FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
120
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
120
100
PEAK FORWARD SURGE CURRENT, AMPERES
100
80
80
60 40
60
40
20 0 0 25 50 75 100 125 150 175
20 0 1
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C) FIG.3 - STEADY STATE POWER DERATING
5.00 100
NUMBER OF CYCLES AT 60Hz FIG.4 - PULSE RATING CURVE
PD, STEADY STATE POWER DISSIPATION (WATTS)
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
2.50
1.0
1.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C) FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 3 of 3
Rev. 05 : March 31, 2008


▲Up To Search▲   

 
Price & Availability of P6SMB440CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X