Part Number Hot Search : 
TC8129 MH16S ILC5140 1N5261 ADR40L R2001 BA7356 L7952AC
Product Description
Full Text Search
 

To Download P6SMB440A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6SMB6.8A - P6SMB540A
VBR : 6.8 - 540 Volts PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V * Pb / RoHS Free
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMB (DO-214AA)
1.1 0.3 5.4 0.15 4.8 0.15
2.0 0.1 3.6 0.15 2.3 0.2
0.22 0.07
MECHANICAL DATA
* Case : SMB Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.093 grams
Dimensions in millimeter
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Operating and Storage Temperature Range Notes :
Symbol
PPK PD
Value
Minimum 600 5.0
Unit
Watts Watts
IFSM TJ, TSTG
100 - 55 to + 150
Amps.
C
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm2 ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
Page 1 of 3
Rev. 03 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Breakdown Voltage @ It ( Note 1 )
(Rating at 25C ambient temperature unless otherwise specified) Maximum Reverse Leakage @ VRWM IR (A) 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 57.0 53.0 50.0 45.0 41.0 38.0 36.0 33.0 28.0 27.0 24.0 22.0 20.0 18.0 16.0 14.4 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2 1.83 1.75 1.45 1.25 1.10 1.00 0.91 0.86 0.81 Maximum Clamping Voltage @ IRSM VRSM (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103 113 125 137 152 165 179 207 219 234 246 274 328 344 414 482 548 602 658 698 740 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
Type No.
VBR (V) Min. P6SMB6.8A P6SMB7.5A P6SMB8.2A P6SMB9.1A P6SMB10A P6SMB11A P6SMB12A P6SMB13A P6SMB15A P6SMB16A P6SMB18A P6SMB20A P6SMB22A P6SMB24A P6SMB27A P6SMB30A P6SMB33A P6SMB36A P6SMB39A P6SMB43A P6SMB47A P6SMB51A P6SMB56A P6SMB62A P6SMB68A P6SMB75A P6SMB82A P6SMB91A P6SMB100A P6SMB110A P6SMB120A P6SMB130A P6SMB150A P6SMB160A P6SMB170A P6SMB180A P6SMB200A P6SMB220A P6SMB250A P6SMB300A P6SMB350A P6SMB400A P6SMB440A P6SMB480A P6SMB510A P6SMB540A 6.45 7.13 7.79 8.65 9.50 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105 114 124 143 152 162 171 190 209 237 285 332 380 418 456 485 513 Max. 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210 231 263 315 368 420 462 504 535 567 It (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Working Peak Reverse Voltage VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.40 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 185 214 256 300 342 376 408 434 459
Notes: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 50 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., IF = 50 Amps. ( 100 Volts thru 540 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled. ( 4 ) "P6SMB" will be omitted in marking on the diode.
Page 2 of 3
Rev. 03 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( P6SMB SERIES )
FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
120
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
120
100
PEAK FORWARD SURGE CURRENT, AMPERES
100
80
80
60 40
60
40
20 0 0 25 50 75 100 125 150 175
20 0 1
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
5.00 100
FIG.4 - PULSE RATING CURVE
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
2.50
1.0
1.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRMS T J=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 3 of 3
Rev. 03 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of P6SMB440A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X