Part Number Hot Search : 
SEL2015 20N20 1667C2 B32161 L9341V 41470C CMPWR161 SC420I
Product Description
Full Text Search
 

To Download MPF1-115RS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoelectrics Through-beam System, Relay Output Type MPF.RS
* * * * * * * * * * * * * Industrial doors and gates Range: 15 m Modulated infrared light Option with individually adjustable channel sensitivity Amplifier with "Snap-ON" photoelectric switches Supply voltage: 12-24 VAC/DC, 115 VAC or 230 VAC Output: SPST relay LED indications for light ON and supply ON 4 module M36 DIN rail housing O12 mm "Snap-ON", O18 or M14 photoelectric housing 1, 2 or 3 multiplexed channels With make or break test input UL 325, EN 12453 (TUV approved)
Product Description
The MPFRS.. is a family of inexpensive general purpose photoelectric sensors in 3 different types of housings with separate amplifier. They are designed to meet the requirements for industrial doors and gates. The "Snap-ON" photo switch can be mounted in material with a thickness from 0.6 mm and up to 2.25 mm. The sensor set is easy to use and no adjustments are necessary. The amplifier has a test input designed to disable the emitters and therefore evaluate the sensor function. Multiplexed channels prevent cross-talk between each set of photosensors. The amplifiers are available with the following voltages: 12-24 VAC/DC, 115 VAC and 230 VAC. The output is made as positive security e.g. power lost, short-circuit or broken sensor cable makes the relay go to off state.
Ordering Key
Amplifier
Type Number of channels Voltage supply Output relay Safety Adjustable sensitivity Inverted test input (break)
MPF 3 230 RS AI
Sensor
Type Emitter Range Housing diameter Optical angle Connectors on cable Ordering no. Supply: 115 VAC MPF1-115 RS MPF2-115 RS MPF3-115 RS MPF1-115 RSI *) MPF2-115 RSI *) MPF3-115 RSI *) MPF1-115 RSA *) MPF2-115 RSAv MPF3-115 RSA *) MPF1-115 RSAI *) MPF2-115 RSAI *) MPF3-115 RSAI *)
MPF T 15 M14 4C
Type Selection, Amplifier
Housing WxHxD 70 x 57 x 86 mm Ordering no. Supply: 12-24 VAC/DC MPF1-912 RS MPF2-912 RS MPF3-912 RS MPF1-912 RSI *) MPF2-912 RSI *) MPF3-912 RSI *) MPF1-912 RSA *) MPF2-912 RSA *) MPF3-912 RSA *) MPF1-912 RSAI *) MPF2-912 RSAI *) MPF3-912 RSAI *)
Ordering no. Supply: 230 VAC MPF1-230 RS MPF2-230 RS MPF3-230 RS MPF1-230 RSI *) MPF2-230 RSI *) MPF3-230 RSI *) MPF1-230 RSA *) MPF2-230 RSA MPF3-230 RSA *) MPF1-230 RSAI *) MPF2-230 RSAI *) MPF3-230 RSAI *)
*) Products available on request
Type Selection, Photoelectric Switch
Housing diameter O12 mm M14 D18 O12 mm M14 D18 Fitting for O12 Rated operational distance (Sn) 15 m 15 m 15 m 15 m 15 m 15 m Optical angle 4 4 4 4 4 4 Ordering no. Emitter MPFT 15-4 MPFT 15-M14-4 MPFT 15-D18-4 MPFT 15-4C MPFT 15-M14-4C MPFT 15-D18-4C Ordering no. Receiver MPFR-4 MPFR-M14-4 MPFR-D18-4 MPFR-4C MPFR-M14-4C MPFR-D18-4C AMPF-MB1 Ordering no. Fitting
Specifications are subject to change without notice (12.09.2005)
1
MPFRS
Specifications, Amplifier
Rated operational volt. AC types (UB) Terminals 1 & 3 MPF.- 230 RS. MPF.- 115 RS. MPF.- 912 RS. Dielectric voltage MPF.- 230 RS. Rated impulse withstand volt. Rated operational power MPF.- 912 RS AC supply DC supply MPF.- 115/230 RS AC supply DC supply Output Specifications Resistive load MPF.-xxx RS, RSA, RSI, RSAI 600.000 switchings 300.000 switchings 100.000 switchings AC15 AC14 DC13 Rated insulation volt. (Ui) MPF.- 230 RS. MPF.- 115 RS. MPF.- 912 RS. Operating frequency (f) Light/dark ratio 1:1 Contact output Response time OFF-ON (tON) ON-OFF (tOFF) Power ON delay (tv) Output function MPF1+2 MPF3 Indication function Supply ON Beam ON (no object present) Environment Overvoltage category Degree of protection Pollution degree Temperature Operating Storage Connection Protection output 1 A@250 VAC/30 VDC 2 A@250 VAC/30 VDC 2 A@250 VAC/30 VDC (UL) 0.75 A@240 VAC 0.60 A@120 VAC 0.22 A@125 VDC 250 VAC (rms) 120 VAC (rms) 50 VAC (rms), 50 VDC Test input MPF.- 230 RS. MPF.- 115 RS. MPF.- 912 RS. Testfunction activated Testfunction deactivated MPF.- 912 RSI. Testfunction deactivated Testfunction activated Housing material Weight MPF.- 115/230 RS MPF.- 912 RS CE-marking UL-marking TUV-marking Relay 2 x SPST Relay 2 x SPST + 2 x SPST LED, green LED, yellow III (IEC 66064) IP 40 (IEC 60529/60947-5-2) 3 (IEC 60664/60664A, 60947-1) -20 to +60C (-4 to +140F) -30 to +80C (-22 to +176F) Screw terminals (max. 2.5 mm2) Reverse output, transients, short-circuit Potential-free contact Potential-free contact Max. 28 V@15 mA AC/DC 3.5 V AC/DC 1.0 V AC/DC Max. 28 V@15 mA AC/DC 3.5 V AC/DC 1.0 V AC/DC PC 280 g 126 g Yes Yes (UL 508, UL 325) Yes (EN 12453)
230 VAC 15%, 50 to 60 Hz 115 VAC 15%, 50 to 60 Hz 12-24 VAC/DC 15%, 50 to 60 Hz 4 kVAC (rms) 4 kV (1.2/50 s)
3 VA 2W max. 4.5 VA max. 4.5 VA
10 Hz 50 ms 40 ms 300 ms
Specifications, Photoelectric Switches
Rated operation dist. (Sn) Light source Light type Ambient light Housing material MPFT15-4/C MPFT15-D18-4/C MPFR-4/C MPFR-D18-4/C Housing Backpart MPFT15-M14-4/C MPFR15-M14-4/C Housing Backpart Connection MPFT15-XXX-4 MPFR15-XXX-4 Cable 15 m - 8 m (UL 325) LED 880 nm Infrared modulated > 20.000 lux MPFT15-XXX-4C Red connector pair MPFR15-XXX-4C White connector pair Connector is placed 15 cm from sensorhead Cable PVC, grey, 10 m, O 2.9 mm2 Degree of protection IP 67 (IEC 60529/60947-5-2) Mounting "Snap-ON" O12 mm or fitting MPFT15-4/C MPFR-4/C Rubber profile MPFT15-D18-4/C MPFR-D18-4/C Threaded barrel MPFT15-M14-4/C MPFR-M14-4/C CE-marking UL-marking TUV-marking D18
PC ABS
Stainless steel/PC PTE
M14
PVC, grey, 10 m, O 2.9 mm2
Yes Yes (UL 508, UL 325) Yes (EN 12453)
2
Specifications are subject to change without notice (12.09.2005)
MPFRS
Wiring Diagrams
RX1
RX2
RX3
TX3
TX2
TX1
1)
2)
2)
1)
RX1
RX2
1 2
BK BU
13 14 15 16 17 18 19 20 21 22 23 24 3 2 1 1 2 3
TEST EMITTER RECEIVER
13 14 15 16 17 18 19 20 21 22 23 24 3
RD
2
RD BK
1
RD BK BK
RX3
3
BU
TX3
TX2
TX1
BU
TEST
EMITTER
RECEIVER
+
SUPPLY 230 V + OUT 3 250 VAC OUT 1+2
TP 30 VDC Max. 2 A TP
+
SUPPLY 115/230 V OUT 3 250 VAC OUT 2
TP 30 VDC Max. 2 A TP
1
2
3
4
5
6
7
8
9 10 11 12
1
1
2
3
4
5
6
7
8
9 10 11 12
1) Not MPF1 and MPF2 2) Not MPF1
1) Not MPF1 and MPF2 2) Not MPF1
Test input make, shown for 115/230 version
Test input break, shown for 115/230 version
AC/DC AC/DC
AC/DC AC/DC
23
24
23
24
23
24
23
24
TEST
TEST
TEST
TEST
DC DC
DC DC
23
24
23
24
23
24
23
24
TEST
TEST
TEST
TEST
Test input make, shown for 912 version
Test input break, shown for 912 version
Operation Diagram
Power supply Object present Output contact closed
Tv Toff Ton Ton
Specifications are subject to change without notice (12.09.2005)
3
MPFRS
Detection Diagram
Emitter X Y Receiver
Excess Gain
(feet)
1000
0 60 40 20 (cm) 0 -20 -40 -60 0
9.5
26.2
39.4
52.5
65.6 23.8
Excess gain
15.7 7.9 (inch) 0
100
10
-7.9 -15.7 -23.8 4 8 12 Sensing Range (m) 16 20
1 1000
10000 Range [mm]
100000
Max. Rating ------ Potentiometer in min.
Dimensions
3
2
1
1
2
3
TEST
O15
O2.9
EMITTER
RECEIVER
86
CH1
MPF3-230RS
PHOTOELECTRIC AMPLIFIER
SUPPLY 230 V
CH2 CH3
OUT 3 250 VAC OUT 1+2 30 VDC MAX 2A
O11.8
17.3
2.6
Amplifier
70
48 57
5 O2.9
20
2.6
O10
M14 x 1
O12 0.6 - 2.25 mm
27.6
O12
To be mounted in material with a thickness of 0.6 - 2.25 mm
M14
19
O12.8
8.
1
28.3 O6
5
33.2
24
O2.9
R6
O17.5
O22
Fitting for O12
D18
4
Specifications are subject to change without notice (12.09.2005)
Installation Hints
To avoid interference from inductive voltage/ current peaks, separate the prox. switch power cables from any other power cables, e.g. motor, contactor or solenoid cables Relief of cable strain Protection of the sensing face Switch mounted on mobile carrier
Incorrect
Correct The cable should not be pulled A proximity switch should not serve as mechanical stop Any repetitive flexing of the cable should be avoided
Delivery Contents
* Amplifier, MPF.. * Installation instruction * Packaging: cardboard box
Specifications are subject to change without notice (12.09.2005)
5


▲Up To Search▲   

 
Price & Availability of MPF1-115RS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X