Part Number Hot Search : 
ML145403 LBT14303 PJL9436A 1370F HAT2170H RXXP09D TCLLZ10V ACS32K
Product Description
Full Text Search
 

To Download MO-11001FLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MO SERIES
METAL OXIDE RESISTORS
Flameproof Only available in RoHS compliant version Meets overload test of UL#1412 Meets solvent test of method 215 of MIL-STD-202 Low cost alternative for power carbon composition and wirewounds * TCR 200 ppm * Coating meets UL-94V-0
PERFORMANCE CHARACTERISTICS (Tested Per MIL-R-22684 Rev. C):
ELECTRICAL Power Ratings @ 70C (watts) Derated to 0 Load at Maximum Working Voltage (volts) Operating Temperature Range Resistance Range (ohms) MO 1/2 1/2 200C 250 -55C to +200C 0.1 - 75K (5%) 0.1 - 75K (1%) MO 1 1 200C 350 -55C to +200C 0.1 - 120K (5%) 0.1 - 100K (1%)
1.5% 1% 2% 0.5% 0.55+0.05 0.5% 700V RMS 750V 10,000 meg min. 0.001%/V (0.5+0.05)
General Purpose
* * * * *
MO 2 2 200C 350 -55C to +200C 0.1 - 150K (5%) 0.1 - 120K (1%)
1.5% 1% 2% 0.5% 0.55+0.05 0.5% 700V RMS 1000V 10,000 meg min. 0.001%/V (0.5+0.05)
MO 3 3 200C 500 -55C to +200C 1 - 150K (5%) 10 - 10K (1%)
1.5% 1% 2% 0.5% 0.55+0.05 0.5% 800V RMS 1500V 10,000 meg min. 0.001%/V (0.5+0.05)
MO 5 5 200C 750 -55C to +200C 1 - 180K (5%) 10 - 10K (1%)
1.5% 1% 2% 0.5% 0.55+0.05 0.5% 800V RMS 1500V 10,000 meg min. 0.001%/V (0.5+0.05)
Environmental (Operating Temperature Range: -55C to +200C) Moisture Resistance 1.5% Thermal Shock Load Life @ 70C - 1000 hrs. Shock and Vibration Resistance to Soldering Heat Terminal Strength Dielectric Withstand Voltage Maximum Pulse Voltage Insulation Resistance Voltage Coefficient Short Time Overload
1% 2% 0.5% 0.55+0.05 0.5% 400V RMS 400V 10,000 meg min. 0.001%/V (0.5+0.05)
DIMENSIONS (Inches and (mm)):
PACKAGING: MO 1: MO 2: MO 3: MO 5: All Above: 2500/reel 1000/reel 1000/ammo box 1000/bulk box 1000/bulk box
HOW TO ORDER:
Sample Part No.:
MO-1 1001 J LF
IRC Type Size Resistance Value
3 digit range and 1 digit multiplier
A
MO 1/2 MO 1 MO 2 MO 3 MO 5 1.100.08 (28.02.0) 1.100.08 (28.02.0) 1.500.12 (38.03.0) 1.500.12 (38.03.0) 1.500.12 (38.03.0)
B
0.350.04 (9.01.0) 0.430.04 (11.01.0) 0.590.02 (15.00.5) 0.980.04 (25.02.0) 1.610.04 (41.01.0)
C
0.0280.002 (0.700.05) 0.0280.002 (0.700.05) 0.0310.002 (0.800.05) 0.0310.002 (0.800.05) 0.0310.002 (0.800.05)
D
0.120.02 (3.00.5) 0.160.02 (4.00.5) 0.220.04 (5.51.0) 0.340.04 (8.51.0) 0.340.04 (8.51.0)
Tolerance
J = 5%, F = 1%
RoHS Compliance
LF = RoHS compliant construction
Power - Temperature Derating
Percent Rated Load
Current Noise
Temperaure Rise (C)
Surface Temperature Rise vs Load
150 MO3 MO2 MO1 MO1/2
Noise (V/v)
100
50
0
0
25
Ambient Temperature (C)
Nominal Resistance (ohms)
50 75 Load Factor(%)
100
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
WIREWOUND AND FILM TECHNOLOGIES DIVISION
Telephone: 361-992-7900
* 4222 South Staples Street * * Facsimile: 361-992-3377 * Website: www.irctt.com
Corpus Christi Texas 78411 USA
A subsidiary of TT electronics plc Issue October 2008
55


▲Up To Search▲   

 
Price & Availability of MO-11001FLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X