|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0367180001 Active din_41612 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Female, Right Angle,Through Hole, 0.60m (24") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits Documents: Drawing (PDF) Product Specification PS-36509-001 (PDF) RoHS Certificate of Compliance (PDF) EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 36718 Daughtercard No Mounting Clip. With Sealing Strip PCB Receptacle din_41612 IEC 603-2/DIN 41612 R Physical Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 64 64 1,2,3,...32; a+c Gray 400 No No Yes Phosphor Bronze Gold Tin Polyester 32 Open Pin Field 2 Right Angle 0.118 In 3.00 mm No Yes 0.063 In 1.60 mm Carton 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.60 Yes No No -55C to +125C Through Hole Search Parts in this Series 36718Series Electrical Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 1000V (RMS) Material Info Old Part Number MMB2500R963-101 Reference - Drawing Numbers Product Specification Sales Drawing PS-36509-001 SD-36718-001 This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of MM-B2500-R963-101 |