Part Number Hot Search : 
CM100 DTC114T ZMM5234 GZF51C MAX1136 EC4188B SCS215AJ DTA114Y
Product Description
Full Text Search
 

To Download MAX139309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3644; Rev 2; 10/09
KIT ATION EVALU ABLE AVAIL
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
General Description
The MAX1393/MAX1396 micropower, serial-output, 12bit, analog-to-digital converters (ADCs) operate with a single power supply from +1.5V to +3.6V. These ADCs feature automatic shutdown, fast wake-up, and a highspeed 3-wire interface. Power consumption is only 0.734mW (VDD = +1.5V) at the maximum conversion rate of 312.5ksps. AutoShutdownTM between conversions reduces power consumption at slower throughput rates. The MAX1393/MAX1396 require an external reference V REF that has a wide range from 0.6V to V DD . The MAX1393 provides one true-differential analog input that accepts signals ranging from 0 to VREF (unipolar mode) or VREF/2 (bipolar mode). The MAX1396 provides two single-ended inputs that accept signals ranging from 0 to V REF . Analog conversion results are available through a 5MHz 3-wire SPITM-/QSPITM-/ MICROWIRETM-/digital signal processor (DSP)-compatible serial interface. Excellent dynamic performance, low voltage, low power, ease of use, and small package sizes make these converters ideal for portable battery-powered data-acquisition applications, and for other applications that demand low power consumption and minimal space. The MAX1393/MAX1396 are available in a space-saving (3mm x 3mm) 10-pin TDFN package. The parts operate over the extended (-40C to +85C) temperature range.
Features
312.5ksps, 12-Bit Successive-Approximation Register (SAR) ADCs Single True-Differential Analog Input Channel with Unipolar-/Bipolar-Select Input (MAX1393) Dual Single-Ended Input Channel with ChannelSelect Input (MAX1396) 1 LSB INL, 1 LSB DNL, No Missing Codes 2 LSB Total Unadjusted Error (TUE) 70dB SINAD at 75kHz Input Frequency External Reference (0.6V to VDD) Single-Supply Voltage (+1.5V to +3.6V) 0.915mW at 300ksps, 1.8V 0.305mW at 100ksps, 1.8V 3.1W at 1ksps, 1.8V < 1A Shutdown Current AutoShutdown Between Conversions SPI-/QSPI-/MICROWIRE-/DSP-Compatible, 3- or 4-Wire Serial Interface Small (3mm x 3mm) 10-Pin TDFN Package
Typical Operating Circuit and Pin Configurations appear at end of data sheet. AutoShutdown is a trademark of Maxim Integrated Products, Inc. SPI/QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
MAX1393/MAX1396
Applications
Portable Datalogging Data Acquisition Medical Instruments Battery-Powered Instruments Process Control
Ordering Information
PART MAX1393ETB+ MAX1396ETB+ TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 10 TDFN-EP* 10 TDFN-EP* ANALOG INPUTS 1-CH DIFF 2-CH S/E TOP MARK AOZ APC
+Denotes a lead(Pb)-free/RoHS-compliant package. *EP = Exposed pad.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
ABSOLUTE MAXIMUM RATINGS
VDD to GND ..............................................................-0.3V to +4V SCLK, CS, OE, CH1/CH2, UNI/BIP, DOUT to GND.........................................-0.3V to (VDD + 0.3V) AIN+, AIN-, AIN1, AIN2, REF to GND ........-0.3V to (VDD + 0.3V) Maximum Current into Any Pin .........................................50mA Continuous Power Dissipation (TA = +70C) 10-Pin TDFN (derate 18.5mW/C above +70C) ....1481.5mW Operating Temperature Ranges MAX139_E_ _...................................................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = +1.5V to +3.6V, VREF = VDD, CREF = 0.1F, fSCLK = 5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER DC ACCURACY (Note 1) Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Total Unadjusted Error Offset-Error Temperature Coefficient Gain-Error Temperature Coefficient Channel-to-Channel Offset Matching Channel-to-Channel Gain Matching Input Common-Mode Rejection DYNAMIC SPECIFICATIONS (Note 2) VREF = VDD = 1.6 Signal-to-Noise Plus Distortion SINAD VREF = VDD = 1.8-2.5 VREF = VDD = 2.5-3.6 VREF = VDD = 1.6 Signal-to-Noise Ratio Total Harmonic Distortion Spurious-Free Dynamic Range Intermodulation Distortion Channel-to-Channel Crosstalk SNR THD SFDR IMD fIN1 = 73kHz at -6.5dBFS, fIN2 = 77kHz at -6.5dBFS MAX1396 only VREF = VDD = 1.8-2.5 VREF = VDD = 2.5-3.6 70 71 -83 -85 -78 -70 -75 -76 dBc dBc dB dB 69 70 70.5 71 dB 70 dB CMR MAX1396 only MAX1396 only VCM = 0 to VDD, MAX1393 only TUE 0.004 0.001 0.1 0.1 0.1 Offset nulled INL DNL No missing code overtemperature 0.5 0.5 12 1 1 2 2 2 Bits LSB LSB LSB LSB LSB LSB/C LSB/C LSB LSB mV/V SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.5V to +3.6V, VREF = VDD, CREF = 0.1F, fSCLK = 5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Full-Power Bandwidth Full-Linear Bandwidth CONVERSION RATE Conversion Time Throughput Rate Power-Up and Acquisition Time Aperture Delay Aperture Jitter Serial Clock Frequency tACQ tAD tAJ fCLK Unipolar Bipolar, MAX1393 only, (AIN+ - AIN-) Bipolar, MAX1393 only, [(AIN+) + (AIN-)] / 2 Channel not selected, or conversion stopped, or in shutdown mode 16 VDD + 0.05 24 0.025 312.5ksps 20 2.5 60 0.3 x VDD 0.7 x VDD 0.06 x VDD IIL CIN Inputs at GND or VDD CS, OE CH1/CH2, UNI/BIP 1 12.5 0.1 x VDD 0.9 x VDD 1 0.1 0 -VREF/2 0 tCONV 13 clock cycles 16 clock cycles per conversion; includes power-up, acquisition, and conversion time Three SCLK cycles 600 8 30 5.0 VREF +VREF/2 VDD 1 2.6 312.5 s ksps ns ns ps MHz SYMBOL -3dB point SINAD > 68dB MAX1393 MAX1396 CONDITIONS MIN TYP 4 200 150 MAX UNITS MHz kHz
MAX1393/MAX1396
ANALOG INPUTS (AIN+, AIN-, AIN1, AIN2) Input Voltage Range Common-Mode Input Voltage Range Input Leakage Current Input Capacitance REFERENCE INPUT (REF) REF Input Voltage Range REF Input Capacitance REF DC Leakage Current REF Input Dynamic Current DIGITAL INPUTS (SCLK, CS, OE, CH1/CH2, UNI/BIP) Input-Voltage Low Input-Voltage High Input Hysteresis Input Leakage Current Input Capacitance DIGITAL OUTPUT (DOUT) Output-Voltage Low Output-Voltage High VOL VOH ISINK = 2mA ISOURCE = 2mA V V VIL VIH V V V A pF VREF 0.6 V pF A A VIN VCM V V A pF
_______________________________________________________________________________________
3
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.5V to +3.6V, VREF = VDD, CREF = 0.1F, fSCLK = 5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Tri-State Leakage Current Tri-State Output Capacitance POWER SUPPLY Positive Supply Voltage VDD fSAMPLE = 100ksps Positive Supply Current (Note 3) IDD fSAMPLE = 312.5ksps Power-down mode (Note 4) Power-down mode (Note 5) Power-Supply Rejection PSR VDD = 1.5V to 3.6V, full-scale input (Note 6) VDD = 1.6V VDD = 3V VDD = 1.6V VDD = 3V 1.5 176 225 520 710 5 0.2 150 3.6 200 260 600 800 10 2.5 1000 V/V A V SYMBOL ILT COUT OE = VDD OE = VDD 10 CONDITIONS MIN TYP MAX 1 UNITS A pF
TIMING CHARACTERISTICS
(VDD = +1.5V to +3.6V, VREF = VDD, CREF = 0.1F, fSCLK = 5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Figure 1)
PARAMETER SCLK Clock Period SCLK Pulse-Width High SCLK Pulse-Width Low CS Fall to SCLK Rise Setup SCLK Rise to CS Fall Ignore SCLK Fall to DOUT Valid OE Rise to DOUT Disable OE Fall to DOUT Enable CS Pulse-Width High or Low OE Pulse-Width High or Low CH1/CH2 Setup Time (to the First SCLK) CH1/CH2 Hold Time (to the First SCLK) UNI/BIP Setup Time (to the First SCLK) UNI/BIP Hold Time (to the First SCLK) SYMBOL tCP tCH tCL tCSS tCSO tDOV tDOD tDOE tCSW tOEW tCHS tCHH tUBS tUBH MAX1396 only MAX1396 only MAX1393 only MAX1393 only 80 80 10 0 10 0 CLOAD = 0 to 30pF CONDITIONS MIN 200 90 90 80 0 10 6 9 80 20 20 TYP MAX 10,000 UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: 4
VDD = 1.5V, VREF = 1.5V, and VAIN = 1.5V. VDD = 1.5V, VREF = 1.5V, VAIN = 1.5VP-P, fSCLK = 5MHz, fSAMPLE = 312.5ksps, and fIN (sine wave) = 75kHz. All digital inputs swing between VDD and GND. VREF = VDD, fIN = 75kHz sine wave, VAIN = VREFP-P, CLOAD = 30pF on DOUT. CS = VDD, OE = UNI/BIP = CH1/CH2 = VDD or GND, SCLK is active. CS = VDD, OE = UNI/BIP = CH1/CH2 = VDD or GND, SCLK is inactive. Change in VAIN at code boundary 4094.5.
_______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
UNI/BIP OR CH1/CH2 tCHS OE tUBS tCHH tUBH tOEW CS tCSO SCLK tDOE tCP tDOV DOUT HIGH-Z tDOD HIGH-Z tCSS tCL tCH tCSW
Figure 1. Detailed Serial-Interface Timing Diagram
VDD
10mA
DOUT DOUT
10mA
50pF 50pF GND GND b) HIGH IMPEDANCE TO VOL, VOH TO VOL, AND VOL TO HIGH IMPEDANCE
a) HIGH IMPEDANCE TO VOH, VOL TO VOH, AND VOH TO HIGH IMPEDANCE
Figure 2. Load Circuits for Enable/Disable Times
_______________________________________________________________________________________
5
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
Typical Operating Characteristics
(VDD = +1.5V, VREF = +1.5V, CREF = 0.1F, CL = 30pF, fSCLK = 5MHz. TA = +25C, unless otherwise noted.)
INL vs. CODE
MAX1393/96 toc01
INL ERROR vs. REFERENCE VOLTAGE
0.8 0.6 INL ERROR (LSB) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 MIN INL MAX INL DNL (LSB) VDD = 3.6V
MAX1393/96 toc02
DNL vs. CODE
0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 VDD = 1.5V VREF = 1.5V
MAX1393/96 toc03
1.0 0.8 0.6 0.4 INL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 VDD = 1.5V VREF = 1.5V
1.0
1.0
512 1024 1536 2048 2560 3072 3584 4096 CODE
0.6
1.1
1.6
2.1
2.6
3.1
3.6
0
512 1024 1536 2048 2560 3072 3584 4096 CODE
REFERENCE VOLTAGE (V)
DNL ERROR vs. REFERENCE VOLTAGE
MAX1393/96 toc04
OFFSET ERROR vs. SUPPLY VOLTAGE
MAX1393/96 toc05
OFFSET ERROR vs. TEMPERATURE
VDD = 2.6V 300 OFFSET ERROR (V) 200 100 0 -100 -200 -300 -400
MAX1393/96 toc06
1.0 0.8 0.6 DNL ERROR (LSB) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0.6 1.1 1.6 2.1 2.6 3.1 MIN DNL VDD = 3.6V MAX DNL
400 300 OFFSET ERROR (V) 200 100 0 -100 -200 -300 -400
400
VREF = 1.5V TEMPERATURE = +25C AIN2
AIN1
3.6
1.5
1.8
REFERENCE VOLTAGE (V)
2.1 2.4 2.7 3.0 SUPPLY VOLTAGE (V)
3.3
3.6
-55
-25
5
35
65
95
125
TEMPERATURE (C)
OFFSET ERROR vs. REFERENCE VOLTAGE
MAX1393/96 toc07
GAIN ERROR vs. SUPPLY VOLTAGE
300 200 GAIN ERROR (V) 100 0 -100 -200 -300 -400 VREF = 1.5V TEMPERATURE = +25C
MAX1393/96 toc08
GAIN ERROR vs. TEMPERATURE
VDD = 2.6V 300 AIN2 200 GAIN ERROR (V) 100 0 -100 -200 -300 -400 AIN1
MAX1393/96 toc09
400 VDD = 3.6V 300 OFFSET ERROR (V) 200 100 0 -100 -200 -300 -400 0.6 1.1 1.6 2.1 2.6 3.1
400
400
3.6
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
-55
-25
5
35
65
95
125
REFERENCE VOLTAGE (V)
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
6
_______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Typical Operating Characteristics (continued)
(VDD = +1.5V, VREF = +1.5V, CREF = 0.1F, CL = 30pF, fSCLK = 5MHz. TA = +25C, unless otherwise noted.)
GAIN ERROR vs. REFERENCE VOLTAGE
MAX1393/96 toc10
MAX1393/MAX1396
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX1393/96 toc11
SUPPLY CURRENT vs. TEMPERATURE
VREF = 1.5V, CL = 33pF fSCLK = 4.8MHz, fSAMPLE = 300ksps AIN = FULL SCALE, 10kHz SINE WAVE SUPPLY CURRENT (A) 550
MAX1393/96 toc12
400 VDD = 3.6V 300 200 GAIN ERROR (V) 100 0 -100 -200 -300 -400 0.6 1.1 1.6 2.1 2.6 3.1
800 VREF = 1.5V, CL = 33pF fSCLK = 4.8MHz, fSAMPLE = 300ksps AIN = FULL SCALE, 10kHz SINE WAVE SUPPLY CURRENT (A) 700
600
600
500
500
450
400 3.6 1.5 1.8 2.1 2.4 2.7 3.0 3.3 3.6 REFERENCE VOLTAGE (V) SUPPLY VOLTAGE (V)
400 -55 -25 5 35 65 95 125 TEMPERATURE (C)
SUPPLY CURRENT vs. CONVERSION RATE
MAX1393/96 toc13
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SERIAL CLOCK IDLE SHUTDOWN CURRENT (A) 0.4
MAX1393/96 toc14
SHUTDOWN SUPPLY CURRENT vs. TEMPERATURE
SHUTDOWN SUPPLY CURRENT (A)
MAX1393/96 toc15
800 fSCLK = 5MHz, fSAMPLE = 312.5ksps AIN = FULL SCALE, 75kHz SINE WAVE CL = 30pF SUPPLY CURRENT (A) 600 VDD = VREF = 3.0V 400
0.5
2.0
1.6
0.3
1.2
0.2
0.8 VDD = 3.6V 0.4 VDD = 1.8V
200
VDD = VREF = 1.6V
0.1
0 0 50 100 150 200 250 300 350 fSAMPLE (ksps)
0 1.5 1.8 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
0 -55 -25 5 35 65 95 125 TEMPERATURE (C)
SCLK-TO-DOUT TIMING
MAX1393/96 toc16
FFT
VDD = 2.5V VREF = 2.5V fS = 312.5ksps fIN = 75kHz THD = -90.3dB SINAD = 72.1dB SFDR = 93.3dB
MAX1393/96 toc17
SAMPLING ERROR vs. SOURCE IMPEDANCE
3 SAMPLING ERROR (LSB) 2 1 0 -1 -2 -3 AIN LOW-TO-HIGH FS TRANSITION
MAX1393/96 toc18
100 90 80 DOUT DELAY (ns) 70 60 50 40 30 20 10 0 0 100 200 300 CLOAD (pF) 400 500 VDD = 3.6V VDD = 1.5V
0
4 AIN HIGH-TO-LOW FS TRANSITION
-25 MAGNITUDE (dB)
-50
-75
-100 -4 0 20 40 60 80 100 120 140 160 0
-125 600 FREQUENCY (kHz)
500
1000
1500
2000
2500
SOURCE IMPEDANCE ()
_______________________________________________________________________________________
7
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
Pin Description
PIN MAX1393 1 2 -- 3 -- 4 5 MAX1396 1 -- 2 -- 3 4 5 NAME VDD AINAIN2 AIN+ AIN1 GND REF FUNCTION Positive Supply Voltage. Connect VDD to a 1.5V to 3.6V power supply. Bypass VDD to GND with a 0.1F capacitor as close to the device as possible. Negative Analog Input Analog Input Channel 2 Positive Analog Input Analog Input Channel 1 Ground External Reference Voltage Input. VREF = 0.6V to (VDD + 0.05V). Bypass REF to GND with a 0.1F capacitor as close to the device as possible. Input-Mode Select. Drive UNI/BIP high to select unipolar input mode. Pull UNI/BIP low to select bipolar input mode. In unipolar mode, the output data is in straight binary format. In bipolar mode, the output data is in two's complement format. Channel-Select Input. Pull CH1/CH2 low to select channel 1. Drive CH1/CH2 high to select channel 2. Active-Low Output Enable. Pull OE low to enable DOUT. Drive OE high to disable DOUT. Connect to CS to interface with SPI, QSPI, and MICROWIRE devices or set low to interface with DSP devices. Active-Low Chip-Select Input. A falling edge on CS initiates power-up and acquisition. Serial-Data Output. DOUT changes state on the falling edge of SCLK. DOUT is high impedance when OE is high. Serial-Clock Input. SCLK drives the conversion process and clocks data out. Acquisition ends on the 3rd falling edge after the CS falling edge. The LSB is clocked out on the SCLK 15th falling edge and the device enters AutoShutdown mode (see Figures 8, 9, and 10). Exposed Pad. Not internally connected. Connect the exposed pad to GND or leave unconnected.
6
--
UNI/BIP CH1/CH2 OE CS DOUT
--
6
7 8 9
7 8 9
10 --
10 --
SCLK EP
Detailed Description
The MAX1393/MAX1396 use an input track and hold (T/H) circuit along with a SAR to convert an analog input signal to a serial 12-bit digital output data stream. The serial interface provides easy interfacing to microprocessors and DSPs. Figure 3 shows the simplified functional diagram for the MAX1393 (1 channel, true differential) and the MAX1396 (2 channels, single ended).
VDD
CONTROL LOGIC AND TIMING
CS SCLK OE
AIN+ (AIN1)* AIN- (AIN2)*
True-Differential Analog Input T/H
The equivalent input circuit of Figure 4 shows the MAX1393/MAX1396 input architecture, which is composed of a T/H, a comparator, and a switched-capacitor DAC. The T/H enters its tracking mode on the falling edge of CS (while OE is held low). The positive input capacitor is connected to AIN+ (MAX1393), or to AIN1 or AIN2 (MAX1396). The negative input capacitor is connected to AIN- (MAX1393) or GND (MAX1396). The T/H enters its hold mode on the 3rd falling edge of SCLK
8
INPUT MUX AND T/H
12-BIT SAR ADC
OUTPUT SHIFT REGISTER
DOUT
REF
UNI/BIP (CH1/CH2)*
MAX1393 MAX1396
GND
*INDICATES THE MAX1396
Figure 3. Simplified Functional Diagram
_______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
and the difference between the sampled positive and negative input voltages is converted. The time required for the T/H to acquire an input signal is determined by how quickly its input capacitance is charged. The required acquisition time lengthens as the input signal's source impedance increases. The acquisition time, tACQ, is the minimum time needed for the signal to be acquired. It is calculated by the following equation: tACQ 9 x (RSOURCE + RIN) x CIN + tPU where: RSOURCE is the source impedance of the input signal. RIN = 500, which is the equivalent differential analog input resistance. CIN = 16pF, which is the equivalent differential analog input capacitance. tPU = 400ns. Note: tACQ is never less than 600ns and any source impedance below 400 does not significantly affect the ADC's AC performance.
Analog Input Bandwidth
The ADC's input-tracking circuitry has a 4MHz fullpower bandwidth, making it possible to digitize highspeed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. Use anti-alias filtering to avoid high-frequency signals being aliased into the frequency band of interest.
MAX1393/MAX1396
Analog Input Range and Protection
The MAX1393/MAX1396 produce a digital output that corresponds to the analog input voltage as long as the analog inputs are within their specified range. When operating the MAX1393 in unipolar mode (UNI/BIP = 1), the specified differential analog input range is from 0 to VREF. When operating in bipolar mode (UNI/BIP = 0), the differential analog input range is from -VREF/2 to +VREF/2 with a common-mode range of 0 to VDD. The MAX1396 has an input range from 0 to VREF. Internal protection diodes confine the analog input voltage within the region of the analog power input rails (VDD, GND) and allow the analog input voltage to swing from GND - 0.3V to VDD + 0.3V without damage. Input voltages beyond GND - 0.3V and VDD + 0.3V forward bias the internal protection diodes. In this situation, limit the forward diode current to less than 50mA to avoid damage to the MAX1393/MAX1396.
RSOURCE
REF GND AIN2 AIN1 (AIN+)* CIN+
DAC
MAX1393 MAX1396
COMPARATOR + -
Output Data Format
Figures 8, 9, and 10 illustrate the conversion timing for the MAX1393/MAX1396. Sixteen SCLK cycles are required to read the conversion result and data on DOUT transitions on the falling edge of SCLK. The conversion result contains 4 zeros, followed by 12 data bits with the data in MSB-first format. For the MAX1393, data is straight binary for unipolar mode and two's complement for bipolar mode. For the MAX1396, data is always straight binary.
ANALOG SIGNAL SOURCE
HOLD GND (AIN-)* CINRINHOLD VDD/2 TRACK RIN+ HOLD
Transfer Function
Figure 5 shows the unipolar transfer function for the MAX1393/MAX1396. Figure 6 shows the bipolar transfer function for the MAX1393. Code transitions occur halfway between successive-integer LSB values.
*INDICATES THE MAX1393
Figure 4. Equivalent Input Circuit
_______________________________________________________________________________________
9
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
FFF FFE FFD OUTPUT CODE (hex) FFC FFB FS = VREF ZS = 0 1 LSB = VREF 4096 OUTPUT CODE (hex) FULL-SCALE TRANSITION 7FF 7FE +FS = VREF 2 ZS = 0 -VREF 2 V 1 LSB = REF 4096 -FS = FULL-SCALE TRANSITION
001 000 FFF FFE
004 003 002 001 000 0 1 2 3 FS - 1.5 LSB INPUT VOLTAGE (LSB) 4 FS
801 800 -FS 0 -FS + 0.5 LSB +FS - 1.5 LSB INPUT VOLTAGE (LSB) +FS
Figure 5. Unipolar Transfer Function
Figure 6. Bipolar Transfer Function
Applications Information
Starting a Conversion
A falling edge on CS initiates the power-up sequence and begins acquiring the analog input as long as OE is also asserted low. On the 3rd SCLK falling edge, the analog input is held for conversion. The most significant bit (MSB) decision is made and clocked onto DOUT on the 4th SCLK falling edge. Valid DOUT data is available to be clocked into the master (microcontroller (C)) on the following SCLK rising edge. The rest of the bits are decided and clocked out to DOUT on each successive SCLK falling edge. See Figures 8 and 9 for conversion timing diagrams. Once a conversion has been initiated, CS can go high at any time. Further falling edges of CS do not reinitiate an acquisition cycle until the current conversion completes. Once a conversion completes, the first falling edge of CS begins another acquisition/conversion cycle.
Selecting Unipolar or Bipolar Mode (MAX1393 Only)
Drive UNI/BIP high to select unipolar mode or pull UNI/BIP low to select bipolar mode. UNI/BIP can be connected to VDD for logic high, to GND for logic low, or actively driven. UNI/BIP needs to be stable for tUBS prior to the first rising edge of SCLK after the CS falling edge (see Figure 1) for a valid conversion result when being actively driven.
Selecting Analog Input AIN1 or AIN2 (MAX1396 Only)
Pull CH1/CH2 low to select AIN1 or drive CH1/CH2 high to select AIN2 for conversion. CH1/CH2 can be connected to VDD for logic high, to GND for logic low, or actively driven. CH1/CH2 needs to be stable for tCHS prior to the first rising edge of SCLK after the CS falling edge (see Figure 1) for a valid conversion result when being actively driven.
10
______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
AutoShutdown Mode
The ADC automatically powers down on the SCLK falling edge that clocks out the LSB. This is the falling edge after the 15th SCLK. DOUT goes low when the LSB has been clocked into the master (C) on the 16th rising SCLK edge. Alternatively, drive OE high to force the MAX1393/ MAX1396 into power-down. Whenever OE goes high, the ADC powers down and disables DOUT regardless of CS, SCLK, or the state of the ADC. DOUT enters a high-impedance state after tDOD. 0.1F capacitor to GND for best performance (see the Typical Operating Circuit).
MAX1393/MAX1396
Serial Interface
The MAX1393/MAX1396 serial interface is fully compatible with SPI, QSPI, and MICROWIRE (see Figure 7). If a serial interface is available, set the C's serial interface in master mode so the C generates the serial clock. Choose a clock frequency between 100kHz and 5MHz. CS and OE can be connected together and driven simultaneously. OE can also be connected to GND if the DOUT bus is not shared and driven independently.
External Reference
The MAX1393/MAX1396 use an external reference between 0.6V and (VDD + 50mV). Bypass REF with a
I/O SCK
OE CS SCLK MAX1393
MAX1396
MISO I/O DOUT UNI/BIP (CH1/CH2)*
a) SPI
SPI and MICROWIRE When using SPI or MICROWIRE, make the C the bus master and set CPOL = 0 and CPHA = 0 or CPOL = 1 and CPHA = 1. (These are the bits in the SPI or MICROWIRE control register.) Two consecutive 1-byte reads are required to get the entire 12-bit result from the ADC. DOUT transitions on SCLK's falling edge and is clocked into the C on the SCLK's rising edge. See Figure 7 for connections and Figures 8 and 9 for timing diagrams. The conversion result contains 4 zeros, followed by the 12 data bits with the data in MSB-first format. When using CPOL = 0 and CPHA = 0 or CPOL = 1 and CPHA = 1, the MSB of the data is clocked into the C on the SCLK's fifth rising edge. To be compatible with SPI and MICROWIRE, connect CS and OE together and drive simultaneously. QSPI Unlike SPI, which requires two 1-byte reads to acquire the 12 bits of data from the ADC, QSPI allows the minimum number of clock cycles necessary to clock in the data. However, the MAX1393/MAX1396 require 16 clock cycles from the C to clock out the 12 bits of data. See Figure 7 for connections and Figures 8 and 9 for timing diagrams. The conversion result contains 4 zeros, followed by the 12 data bits with the data in MSB-first format. When using CPOL = 0 and CPHA = 0 or CPOL = 1 and CPHA = 1, the MSB of the data is clocked into the C on the SCLK's fifth rising edge. To be compatible with QSPI, connect CS and OE together and drive simultaneously.
CS SCK
OE CS SCLK MAX1393
MAX1396
MISO I/O DOUT UNI/BIP (CH1/CH2)*
b) QSPI
I/O SK
OE CS SCLK MAX1393
MAX1396
SI I/O DOUT UNI/BIP (CH1/CH2)*
DSP Interface
Figure 10 shows the timing for DSP operation. Figure 11 shows the connections between the MAX1393/ MAX1396 and several common DSPs.
c) MICROWIRE *INDICATES THE MAX1396
Figure 7. Common Serial-Interface Connections to the MAX1393/MAX1396
______________________________________________________________________________________ 11
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
SAMPLING INSTANT ADC STATE UNI/BIP (CH1/CH2)* POWERDOWN POWER-UP AND ACQUIRE (tACQ) BIPOLAR (AIN1)* HOLD AND CONVERT (tCONV) POWERDOWN UNI (AIN2)*
CS = OE 1 SCLK HIGH-Z HIGH-Z 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1
DOUT
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
*INDICATES THE MAX1396
Figure 8. Serial-Interface Timing for SPI/QSPI (CPOL = CPHA = 1) and MICROWIRE (G6 = 0, G5 = 1)
SAMPLING INSTANT ADC STATE UNI/BIP (CH1/CH2)* POWERDOWN POWER-UP AND ACQUIRE (tACQ) BIPOLAR (AIN1)* HOLD AND CONVERT (tCONV) POWERDOWN UNI (AIN2)*
CS = OE 1 SCLK HIGH-Z HIGH-Z 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1
DOUT
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
*INDICATES THE MAX1396
Figure 9. Serial-Interface Timing for SPI/QSPI (CPOL = CPHA = 0) and MICROWIRE (G6 = 0, G5 = 0)
12
______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
SAMPLING INSTANT ADC STATE OE UNI/BIP (CH1/CH2)* CS 16 SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 BIPOLAR (AIN1)* UNI (AIN2)* POWERDOWN POWER-UP AND ACQUIRE (tACQ) HOLD AND CONVERT (tCONV) POWERDOWN
FS 16 1 2
DOUT
D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
*INDICATES THE MAX1396
Figure 10. DSP Serial-Timing Diagram
As shown in Figure 11, drive the MAX1393/MAX1396 chip-select input (CS) with the DSP's frame-sync signal. OE may be connected to GND or driven independently. For continuous conversion operation, keep OE low and make the CS falling edge coincident with the 16th falling edge of the SCLK.
Unregulated Two-Cell or Single Lithium LiMnO2 Cell Operation
Low operating voltage (1.5V to 3.6V) and ultra-low-power consumption make the MAX1393/MAX1396 ideal for low cost, unregulated, battery-powered applications without the need for a DC-DC converter. Power the MAX1393/ MAX1396 directly from two alkaline/NiMH/NiCd cells in series or a single lithium coin cell as shown in the Typical Operating Circuit. Fresh alkaline cells have a voltage of approximately 1.5V per cell (3V with 2 cells in series) and approach end of life at 0.8V (1.6V with 2 cells in series). A typical 2xAA alkaline discharge curve is shown in Figure 12a. A typical CR2032 lithium (LiMnO2) coin cell discharge curve is shown in Figure 12b.
Figure 13 shows the recommended system ground connections. Establish a single-point analog ground (star ground point) at the MAX1393/MAX1396s' GND pin or use the ground plane. High-frequency noise in the power supply (V DD ) degrades the ADC's performance. Bypass VDD to GND with a 0.1F capacitor as close to the device as possible. Minimize capacitor lead lengths for best supply noise rejection. To reduce the effects of supply noise, a 10 resistor can be connected as a lowpass filter to attenuate supply noise.
Exposed Pad
The MAX1393/MAX1396 TDFN package has an exposed pad on the bottom of the package. This pad is not internally connected. Connect the exposed pad to the GND pin on the MAX1393/MAX1396 or leave unconnected for proper electrical performance.
Definitions
Integral Nonlinearity (INL)
INL is the deviation of the values on an actual transfer function from a straight line. For the MAX1393/ MAX1396, this straight line is between the end points of the transfer function once offset and gain errors have been nullified. INL deviations are measured at every step and the worst-case deviation is reported in the Electrical Characteristics section.
Layout, Grounding, and Bypassing
For best performance, use PC boards. Board layout must ensure that digital and analog signal lines are separated from each other. Do not run analog and digital (especially clock) lines parallel to one another, or digital lines underneath the ADC package.
______________________________________________________________________________________
13
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
I/O FSX FSR CLKX CLKR DR I/O DOUT UNI/BIP (CH1/CH2)* OE CS
3.0 2.8 2.6 VOLTAGE (V) 2.4 2.2 2.0
MAX1393 SCLK MAX1396
a) TMS320C541 CONNECTION DIAGRAM
1.8
I/O TFS RFS SCLK DR I/O SCLK DOUT UNI/BIP (CH1/CH2)* OE CS
TA = +25C 1.6 0 100 200 300 400 500 600 700
MAX1393 MAX1396
DAYS
Figure 12a. Typical 2xAA Discharge Curve at 100ksps
3.0
b) ADSP218x CONNECTION DIAGRAM
2.8
I/O SC2 SLK SDR I/O OE CS SCLK DOUT UNI/BIP (CH1/CH2)*
2.6 VOLTAGE (V) 2.4 2.2 2.0 1.8 TA = +25C 1.6 0 10 20 DAYS 30 40 50
MAX1393 MAX1396
c) DSP563xx CONNECTION DIAGRAM *INDICATES THE MAX1396
Figure 11. Common DSP Connections to the MAX1393/MAX1396
Figure 12b. Typical CR2032 Discharge Curve at 100ksps
Differential Nonlinearity (DNL)
DNL is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function. For the MAX1393/ MAX1396, DNL deviations are measured at every step and the worst-case deviation is reported in the Electrical Characteristics section.
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS signal to the RMS noise plus the RMS distortion. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first five harmonics (HD2-HD6), and the DC offset. RMS distortion includes the first five harmonics (HD2-HD6):
SIGNAL RMS SINAD = 20 x log 2 2 NOISE RMS + DISTORT I ON RMS
14
______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
THD = 20 x log
VDD 10 (OPTIONAL) STAR GROUND POINT GND
POWER SUPPLY VDD
V2 2 + V3 2 + V4 2 + V 5 2 + V6 2 V1
where V1 is the fundamental amplitude, and V2 through V6 are the amplitudes of the 2nd- through 6th-order harmonics.
Spurious-Free Dynamic Range (SFDR)
SFDR is a dynamic figure of merit that indicates the lowest usable input signal amplitude. SFDR is the ratio of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next-largest spurious component, excluding DC offset. SFDR is specified in decibels relative to the carrier (dBc).
VDD
GND DATA
DVDD
DGND
MAX1393/MAX1396
DIGITAL CIRCUITRY
Intermodulation Distortion (IMD)
IMD is the ratio of the RMS sum of the intermodulation products to the RMS sum of the two fundamental input tones. This is expressed as:
Figure 13. Power-Supply Grounding Connections
IMD = 20 x log
VIM12 + VIM2 2 + ..... + VIM3 2 + VIMN 2 V12 + V2 2
Signal-to-Noise Ratio (SNR)
SNR is a dynamic figure of merit that indicates the converter's noise performance. For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNRdB[max] = 6.02dB x N + 1.76dB In reality, there are other noise sources such as thermal noise, reference noise, and clock jitter that also degrade SNR. SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first five harmonics, and the DC offset.
The fundamental input tone amplitudes (V1 and V2) are at -6.5dBFS. Fourteen intermodulation products (VIM_) are used in the MAX1393/MAX1396 IMD calculation. The intermodulation products are the amplitudes of the output spectrum at the following frequencies, where fIN1 and fIN2 are the fundamental input tone frequencies: * 2nd-order intermodulation products: fIN1 + fIN2, fIN2 - fIN1 * 3rd-order intermodulation products: 2 x fIN1 - fIN2, 2 x fIN2 - fIN1, 2 x fIN1 + fIN2, 2 x fIN2 + fIN1 * 4th-order intermodulation products: 3 x fIN1 - fIN2, 3 x fIN2 - fIN1, 3 x fIN1 + fIN2, 3 x fIN2 + fIN1 * 5th-order intermodulation products: 3 x f IN1 - 2 x f IN2, 3 x f IN2 - 2 x f IN1, 3 x f IN1 + 2 x f IN2, 3 x f IN2 + 2 x f IN1
Channel-to-Channel Crosstalk
Channel-to-channel crosstalk indicates how well each analog input is isolated from the others. The channel-tochannel crosstalk for the MAX1396 is measured by applying DC to channel 2 while an AC sine wave is applied to channel 1. An FFT is taken for channel 1 and channel 2 and the difference (in dB) is reported as the channel-to-channel crosstalk.
Total Harmonic Distortion (THD)
THD is a dynamic figure of merit that indicates how much harmonic distortion the converter adds to the signal. THD is the ratio of the RMS sum of the first five harmonics of the fundamental signal to the fundamental itself. This is expressed as:
______________________________________________________________________________________
15
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
Aperture Delay
The MAX1393/MAX1396 sample data on the falling edge of its third SCLK cycle (Figure 14). In actuality, there is a small delay between the falling edge of the sampling clock and the actual sampling instant. Aperture delay (tAD) is the time defined between the falling edge of the sampling clock and the instant when an actual sample is taken.
THIRD FALLING EDGE SCLK
Aperture Jitter
Aperture jitter (tAJ) is the sample-to-sample variation in the aperture delay (Figure 14).
tAD ANALOG INPUT tAJ SAMPLED DATA T/H (INTERNAL SIGNAL)
DC Power-Supply Rejection Ratio (PSRR)
DC PSRR is defined as the change in the positive fullscale transfer function point caused by a full range variation in the analog power-supply voltage (VDD).
TRACK
HOLD
Chip Information
TRANSISTOR COUNT: 9106 PROCESS: BiCMOS
Figure 14. T/H Aperture Timing
Typical Operating Circuit
0.1F
2 x AA CELLS REF INPUT VOLTAGE
VDD REF 0.1F CS OE CPU SS SCL MISO
DIFFERENTIAL + INPUT VOLTAGE -
MAX1393 AIN+ MAX1396 (AIN1)*
AIN(AIN2)*
SCLK DOUT
UNI/BIP GND (CH1/CH2)*
*INDICATES THE MAX1396 ONLY.
16
______________________________________________________________________________________
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Pin Configurations
DOUT SCLK
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. PACKAGE TYPE PACKAGE CODE T1033-1 DOCUMENT NO. 21-0137
MAX1393/MAX1396
TOP VIEW
10
9
8
7
UNI/BIP 6
CS
OE
MAX1393
10 TDFN-EP
+
1 VDD
2 AIN-
3 AIN+
4 GND OE 7 4 GND
5 REF REF CH1/CH2 6 5
TDFN (3mm x 3mm) TOP VIEW
DOUT 9 2 AIN2
SCLK
10
MAX1396
+
1 VDD 3 AIN1
TDFN (3mm x 3mm)
______________________________________________________________________________________
CS 8
17
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs MAX1393/MAX1396
Revision History
REVISION NUMBER 0 1 2 REVISION DATE 5/05 11/05 10/09 Initial release. Removed the MAX package from the data sheet. Removed the military grade package from the Ordering Information. DESCRIPTION PAGES CHANGED -- 1, 2, 17 1, 2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX139309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X