Part Number Hot Search : 
CN8PBF DN135 CR8DSN 200000 C28F128 3SMC110A 2SK735 80050
Product Description
Full Text Search
 

To Download LTC14051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1405 12-Bit, 5Msps, Sampling ADC
FEATURES

DESCRIPTIO
5Msps Sample Rate Low Power Dissipation: 115mW Single 5V Supply or 5V Supplies 71.3dB S/(N + D) and 85dB SFDR at Nyquist 100MHz Full-Power Bandwidth Sampling Input PGA Integral Nonlinearity Error <0.35LSB Differential Nonlinearity <0.25LSB 2.048V, 1.024V and 0.512V Bipolar Input Range Out-of-Range Indicator True Differential Inputs with 75dB CMRR Pin-Compatible 10Msps Version (LTC1420) 28-Pin Narrow SSOP Package
The LTC(R)1405 is a 5Msps, 12-bit sampling A/D converter that draws only 115mW from either single 5V or dual 5V supplies. This easy-to-use device includes a high dynamic range sample-and-hold, a precision reference and a PGA input circuit. The LTC1405 has a flexible input circuit that allows full-scale input ranges of 2.048V, 1.024V and 0.512V. The input common mode range is rail-to-rail and a common mode bias voltage is provided for single supply applications. The input PGA has a digitally selectable 1x or 2x gain. Maximum DC specs include 1LSB INL and 1LSB DNL over temperature. Outstanding AC performance includes 71.3dB S/(N + D) and 85dB SFDR at the Nyquist input frequency of 2.5MHz. The unique differential input sample-and-hold can acquire single-ended or differential input signals up to its 100MHz bandwidth. The 75dB common mode rejection allows users to eliminate ground loops and common mode noise by measuring signals differentially from the source. A separate output logic supply allows direct connection to 3V components.
APPLICATIO S

Telecommunications Digital Signal Processing Multiplexed Data Acquisition Systems High Speed Data Acquisition Spectral Analysis Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
5V 1F GAIN VDD (PIN 7) 5V 1F VDD (PIN 23) 5V 1F OVDD OPTIONAL 3V LOGIC SUPPLY
+AIN
S/H -AIN VCM 1F MODE SELECT SENSE
PIPELINED 12-BIT ADC
OF OUTPUT BUFFERS
INL (LSBs)
D11 (MSB)
DIGITAL CORRECTION LOGIC 2.5V REFERENCE
D0 (LSB) 5MHz CLK
VREF 1F 2.048V
1405 TA01
VSS 1F 0V OR -5V
GND (PIN 6)
GND (PIN 8)
GND (PIN 24)
OGND
U
Typical INL Curve
1.00 0.75 0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 0 1024 2048 CODE 3072 4096
1405 TA02
U
U
1405fa
1
LTC1405
ABSOLUTE
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW +AIN -AIN VCM SENSE VREF GND VDD GND D11 (MSB) 1 2 3 4 5 6 7 8 9 28 GAIN 27 OF 26 CLK 25 VSS 24 GND 23 VDD 22 OVDD 21 OGND 20 D0 19 D1 18 D2 17 D3 16 D4 15 D5
0VDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 6V Negative Supply Voltage (VSS) ................................ - 6V Total Supply Voltage (VDD to VSS) ........................... 12V Analog Input Voltage (Note 3) ............................. (VSS - 0.3V) to (VDD + 0.3V) Digital Input Voltage (Note 4) ............................. (VSS - 0.3V) to (VDD + 0.3V) Digital Output Voltage ........ (VSS - 0.3V) to (VDD + 0.3V) Power Dissipation .............................................. 500mW Operating Temperature Range LTC1405C ............................................... 0C to 70C LTC1405I ............................................ - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1405CGN LTC1405IGN
D10 10 D9 11 D8 12 D7 13 D6 14
GN PACKAGE 28-LEAD PLASTIC SSOP TJMAX = 125C, JA = 80C/W
Consult factory for parts specified with wider operating temperature ranges.
CO VERTER CHARACTERISTICS
PARAMETER Resolution (No Missing Codes) Integral Linearity Error Differential Linearity Error Offset Error Full-Scale Error Full-Scale Tempco
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With Internal 4.096V Reference. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
CONDITIONS
MIN 12

TYP 0.35 0.25 5
MAX 1 1 12 16 30
UNITS Bits LSB LSB LSB LSB LSB ppm/C
(Note 7) (Note 8)
10 IOUT(REF) = 0 15
A ALOG I PUT The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
PARAMETER Analog Input Range (Note 9) +AIN - (-AIN) CONDITIONS VREF = 4.096V (SENSE = 0V), GAIN = 5V VREF = 4.096V (SENSE = 0V), GAIN = 0V VREF = 2.048V (SENSE = VREF), GAIN = 5V VREF = 2.048V (SENSE = VREF), GAIN = 0V External VREF (SENSE = 5V), GAIN = 5V External VREF (SENSE = 5V), GAIN = 0V Between Conversions During Conversions

SYMBOL VIN
MIN
TYP 2.048 1.024 1.024 0.512 VREF/2 VREF/4
MAX
UNITS V V V V V V
IIN CIN tACQ
Analog Input Leakage Current Analog Input Capacitance Sample-and-Hold Acquisition Time
10 12 6 50
1405fa
2
U
A pF pF ns
W
U
U
WW
W
U
U
U
LTC1405 A ALOG I PUT The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
PARAMETER Sample-and-Hold Aperture Delay Time Sample-and-Hold Aperture Delay Time Jitter Analog Input Common Mode Rejection Ratio -2.048V < (-AIN = +AIN) < 2.048V CONDITIONS MIN TYP - 250 0.6 75 SYMBOL tAP tjitter CMRR MAX UNITS ps ps dB
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VDD = 5V, VSS = - 5V, fSAMPLE = 5MHz, VREF = 4.096V. + AIN = - 0.1dBFS single ended input, - AIN = 0V. (Note 6)
SYMBOL S/(N + D) THD SFDR IMD PARAMETER Signal-to-Noise Plus Distortion Ratio Total Harmonic Distortion Peak Harmonic or Spurious Noise Intermodulation Distortion Full-Power Bandwidth Input Referred Noise 2.048V Input Range 1.024V Input Range, 2x Mode (SENSE = GAIN = 0V) CONDITIONS 1MHz Input Signal 2.5MHz Input Signal 1MHz Input Signal, First 5 Harmonics 2.5MHz Input Signal, First 5 Harmonics 1MHz Input Signal 2.5MHz Input Signal fIN1 = 29.37kHz, fIN2 = 32.446kHz

DY A IC ACCURACY
I TER AL REFERE CE CHARACTERISTICS
TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
PARAMETER VCM Output Voltage VCM Output Tempco VCM Line Regulation VCM Output Resistance VREF Output Voltage CONDITIONS IOUT = 0 IOUT = 0 4.75V VDD 5.25V - 5.25V VSS -4.75V 0.1mA IOUT 0.1mA SENSE = GND, IOUT = 0 SENSE = VREF, IOUT = 0 SENSE = VDD MIN 2.475 TYP 2.500 15 0.6 0.03 8 4.096 2.048 Drive VREF with External Reference 15 MAX 2.525 UNITS V ppm/C mV/V mV/V V V V ppm/C
VREF Output Tempco
DIGITAL I PUTS AND OUTPUTS
SYMBOL VIH VIL PARAMETER High Level Input Voltage (Clock Pin) Low Level Input Voltage (Clock Pin)
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
CONDITIONS VDD = 5.25V, VSS = 0V VDD = 5.25V, VSS = - 5V VDD = 4.75V, VSS = 0V VDD = 4.75V, VSS = - 5V

U
U
U
U
WU
U
U
MIN 69.0 68.7
TYP 71.6 71.3 - 87 - 83 - 89 - 85 - 80 100 0.22 0.33
MAX
UNITS dB dB
- 78.5 - 77.0 - 79.5 - 78.0
dB dB dB dB dB MHz LSBRMS LSBRMS
U
MIN 2.4 3.5
TYP
MAX
UNITS V V
0.8 1
V V
1405fa
3
LTC1405
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
SYMBOL IIN CIN VOH PARAMETER Digital Input Current Digital Input Capacitance High Level Output Voltage 0VDD = 4.75V, IO = -10A 0VDD = 4.75V, IO = -200A 0VDD = 2.7V, IO = -10A 0VDD = 2.7V, IO = -200A 0VDD = 4.75V, IO = 160A 0VDD = 4.75V, IO = 1.6mA 0VDD = 2.7V, IO = 160A 0VDD = 2.7V, IO = 1.6mA VOUT = 0V VOUT = VDD

DIGITAL I PUTS AND OUTPUTS
VOL
Low Level Output Voltage
ISOURCE ISINK
Output Source Current Output Sink Current
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
SYMBOL VDD VSS IDD ISS PD PARAMETER Positive Supply Voltage Negative Supply Voltage Positive Supply Current Negative Supply Current Power Dissipation CONDITIONS (Note 10) Dual Supply Mode Single Supply Mode

POWER REQUIRE E TS
TI I G CHARACTERISTICS
SYMBOL fSAMPLE tCONV tACQ tH tL tAD PARAMETER Sampling Frequency Conversion Time Acquisition Time CLK High Time CLK Low Time Aperture Delay of Sample-and-Hold
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
CONDITIONS

Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to ground with GND and OGND wired together (unless otherwise noted). Note 3: When these pin voltages are taken below VSS or above VDD, they will be clamped by internal diodes. This product can handle input currents greater than 100mA below VSS or above VDD without latchup.
4
UW
U
U
CONDITIONS VIN = 0V to VDD
MIN
TYP 1.8
MAX 10
UNITS A pF V V V V
4.0 2.3
4.74 4.71 2.6 0.05 0.10 0.05 0.10 50 35
0.4 0.4
V V V V mA mA
MIN 4.75 - 5.25
TYP
MAX 5.25 - 4.75
UNITS V V V mA mA mW
0 23 0.8 115 28 1.2 145
UW
MIN 0.02
TYP 150
MAX 5 180
UNITS MHz ns ns ns ns ps
20 20 20
50 100 100 - 250
(Note 9) (Note 9)

Note 4: When these pin voltages are taken below VSS they will be clamped by internal diodes. This product can handle input currents greater than 100mA below VSS without latchup. GAIN is not clamped to VDD. When CLK is taken above VDD, it will be clamped by an internal diode. The CLK pin can handle input currents of greater than 100mA above VDD without latchup. Note 5: VDD = 5V, VSS = - 5V or 0V, fSAMPLE = 5MHz, tr = tf = 5ns unless otherwise specified.
1405fa
LTC1405
ELECTRICAL CHARACTERISTICS
Note 6: Dynamic specifications are guaranteed for dual supply operation with a single-ended + AIN input and - AIN grounded. For single supply dynamic specifications, refer to the Typical Performance Characteristics. Note 7: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 8: Bipolar offset is the offset voltage measured from -0.5LSB when the output code flickers between 0000 0000 0000 and 1111 1111 1111. Note 9: Guaranteed by design, not subject to test. Note 10: Recommended operating conditions.
TYPICAL PERFORMANCE CHARACTERISTICS
S/(N+D) vs Input Frequency and Amplitude
75 VIN = 0dB 70
S/(N + D) (dB)
80 dBc 70 60 50 40 -50 DUAL SUPPLIES 2.048V RANGE GAIN = 1x fIN = 2.5MHz -40 -30 -20 -10 INPUT AMPLITUDE (dBFS) 0
1405 G02
65 DUAL SUPPLIES 2.048V RANGE GAIN = 1x
DISTORTION (dB)
VIN = -6dB
SFDR (dBc AND dBFS)
60
55 VIN = -20dB 50 0.1
10 1 INPUT FREQUENCY (MHz)
S/(N+D) vs Input Frequency and Amplitude
75 VIN = 0dB SINGLE SUPPLY 1.024V RANGE GAIN = 2x
SFDR (dBc AND dBFS)
70
S/(N + D) (dB)
65
VIN = -6dB
80 dBc 70 60 50 SINGLE SUPPLY 1.024V RANGE GAIN = 2x fIN = 2.5MHz -40 -30 -20 -10 INPUT AMPLITUDE (dBFS) 0
1405 G05
DISTORTION (dB)
60
55 VIN = -20dB 50 0.1 10 1 INPUT FREQUENCY (MHz) 100
1405 G04
UW
1405 G01
Spurious-Free Dynamic Range vs Input Amplitude
100 90
-60 -65 -70 -75 -80 -85 -90 -95 -50
Distortion vs Input Frequency
-55 DUAL SUPPLIES 2.048V RANGE GAIN = 1x AIN = 0dBFS
dBFS
THD 3RD 2ND
100
0
1 10 INPUT FREQUENCY (MHz)
100
1405 G03
Spurious-Free Dynamic Range vs Input Amplitude
100 dBFS 90
Distortion vs Input Frequency
-50 -55 -60 -65 -70 -75 -80 -85 -90 -95 0 1 10 INPUT FREQUENCY (MHz) 100
1405 G06
SINGLE SUPPLY 1.024V RANGE GAIN = 2x AIN = 0dBFS
THD 2ND
3RD
40 -50
1405fa
5
LTC1405 TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs Input Frequency, Differential Input
-50 -55 -60 -65 SFDR (dB) SFDR (dB) -70 -75 -80 -85 -90 -95 -100 0.1 10 1 INPUT FREQUENCY (MHz) 100
1405 F07
DUAL SUPPLIES 2.048V RANGE GAIN = 1x AIN = 0dBFS
-75 -80 -85 -90 -95
HITS
IDD vs Clock Frequency
23 22 21
IDD (mA)
ISS (mA)
VREF = 4.096V 20 VREF = 2.048V 19 18 17
0.4 0.3 0.2 0.1 0
CMRR (dB)
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 CLOCK FREQUENCY (MHz)
1405 G10
AMPLITUDE (dB)
6
UW
SFDR vs Input Frequency, Differential Input
-50 -55 -60 -65 -70 SINGLE SUPPLY 1.024V RANGE GAIN = 2x AIN = 0dBFS
Grounded Input Histogram
VREF = 4.096V GAIN = 1x 410554
-100 0.1 10 1 INPUT FREQUENCY (MHz) 100
1405 F08
1570 N-1 N CODE
1572 N+1
1420 F09
ISS vs Clock Frequency
0.7 0.6 0.5
90 80 70 60 50 40 30 20 10
CMRR vs Input Frequency
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 CLOCK FREQUENCY (MHz)
1405 G11
0 0.01
0.1 1 INPUT FREQUENCY (MHz)
10
1405 G12
LTC1405 Nonaveraged 4096 Point FFT
0 -20 -40 -60 -80
fSAMPLE = 5Msps fIN = 2.515869141MHz SFDR = 86.2dB SINAD = 71.3dB VIN = 4VP-P 5V SUPPLIES
-100 -120
0
0.5
1.0 1.5 FREQUENCY (MHz)
2.0
2.5
1405 * G13
1405fa
LTC1405
PI FU CTIO S
+ AIN (Pin 1): Positive Analog Input. - AIN (Pin 2): Negative Analog Input. VCM (Pin 3): 2.5V Reference Output.Optional input common mode for single supply operation. Bypass to GND with a 1F to 10F ceramic. SENSE (Pin 4): Reference Programming Pin. Ground selects VREF = 4.096V. Short to VREF for 2.048V. Connect SENSE to VDD to drive VREF with an external reference. VREF (Pin 5): DAC Reference. Bypass to GND with a 1F to 10F ceramic. GND (Pin 6): DAC Reference Ground. VDD (Pin 7): Analog 5V Supply. Bypass to GND with a 1F to 10F ceramic. GND (Pin 8): Analog Power Ground. D11 to D0 (Pins 9 to 20): Data Outputs. The output format is two's complement. OGND (Pin 21): Output Logic Ground. Tie to GND. OVDD (Pin 22): Positive Supply for the Output Logic. Connect to Pin 23 for 5V logic. If not shorted to Pin 23, bypass to GND with a 1F ceramic. VDD (Pin 23): Analog 5V Supply. Bypass to GND with a 1F ceramic. GND (Pin 24): Analog Power Ground. VSS (Pin 25): Negative Supply. Can be - 5V or 0V. If VSS is not shorted to GND, bypass to GND with a 1F ceramic. CLK (Pin 26): Conversion Start Signal. This active high signal starts a conversion on its rising edge. OF (Pin 27): Overflow Output. This signal is high when the digital output is 011111111111 or 100000000000. GAIN (Pin 28): Gain Select for Input PGA. 5V selects an input gain of 1, 0V selects a gain of 2.
U
U
U
1405fa
7
LTC1405
FU CTIO AL BLOCK DIAGRA
GAIN
+AIN
S/H -AIN VCM MODE SELECT SENSE
VREF 2.048V
VSS 0V OR -5V
TI I G DIAGRA
ANALOG INPUT
N tCLOCK tH tL
CLK tCONV tACQ DATA OUTPUT N-3 N-2 N-1 N
1405 TD
8
W
5V VDD (PIN 7) VDD (PIN 23) OVDD OPTIONAL 3V LOGIC SUPPLY PIPELINED 12-BIT ADC OF D11 (MSB) OUTPUT BUFFERS DIGITAL CORRECTION LOGIC D0 (LSB) CLK 2.5V REFERENCE
1405 FBD
W
U
UW
U
GND (PIN 6)
GND (PIN 8)
GND (PIN 24)
OGND
N+1 N+2 N+3
1405fa
LTC1405
APPLICATIO S I FOR ATIO
Conversion Details
The LTC1405 is a high performance 12-bit A/D converter that operates up to 5Msps. It is a complete solution with an on-chip sample-and-hold, a 12-bit pipelined CMOS ADC, a low drift programmable reference and an input programmable gain amplifier. The digital output is parallel, with a 12-bit two's complement format and an out-ofrange (overflow) bit. The rising edge of the CLK begins the conversion. The differential analog inputs are simultaneously sampled and passed on to the pipelined A/D. After two more conversion starts (plus a 150ns conversion time) the digital outputs are updated with the conversion result and will be ready for capture on the third rising clock edge. Thus even though a new conversion is begun every time CLK goes high, each result takes three clock cycles to reach the output. The analog signals that are passed from stage to stage in the pipelined A/D are stored on capacitors. The signals on these capacitors will be lost if the delay between conversions is too long. For accurate conversion results, the part should be clocked faster than 20kHz. In some pipelined A/D converters if there is no clock present, dynamic logic on the chip will droop and the power consumption sharply increases. The LTC1405 doesn't have this problem. If the part is not clocked for 1ms, an internal timer will refresh the dynamic logic. Thus the clock can be turned off for long periods of time to save power. Power Supplies The LTC1405 will operate from either a single 5V or dual 5V supply, making it easy to interface the analog input to single or dual supply systems. The digital output drivers have their own power supply pin (OVDD) which can be set from 3V to 5V, allowing direct connection to either 3V or 5V digital systems. For single supply operation, VSS should be connected to analog ground. For dual supply operation, VSS should be connected to - 5V. Both VDD pins should be connected to a clean 5V analog supply. (Don't connect VDD to a noisy system digital supply.)
U
Analog Input Ranges The LTC1405 has a flexible analog input with a wide selection of input ranges. The input range is always differential and is set by the voltages at the VREF and the GAIN pins (Figure 1). The input range of the A/D core is fixed at VREF/2. The reference voltage, VREF, is either set by the on-chip voltage reference or directly driven by an external voltage. The GAIN pin is a digital input that controls the gain of a preamplifier in the sample-and-hold circuit. The gain of this PGA can be set to 1x or 2x. Table 1 gives the input range in terms of VREF and GAIN.
Table 1
GAIN PIN 5V (Logic H) OV (Logic L)
GAIN 1x/2x + VIN - +AIN PGA S/H VREF/2 ADC CORE
W
U
U
PGA GAIN 1x 2x
INPUT RANGE (VIN = AIN + - AIN -) - VREF/2 < VIN < VREF/2 - VREF/4 < VIN < VREF/4
-AIN
VREF
1405 F01
Figure 1. Analog Input Circuit
Internal Reference Figure 2 shows a simplified schematic of the LTC1405 reference circuitry. An on-chip temperature compensated bandgap reference (VCM) is factory trimmed to 2.500V. The voltage at the VREF pin sets the input span of the ADC to VREF/2. An internal voltage divider converts VCM to 2.048V, which is connected to a reference amplifier. The reference programming pin, SENSE, controls how the reference amplifier drives the VREF pin. If SENSE is tied to ground, the reference amplifier feedback is connected to the R1/R2 voltage divider, thus making VREF = 4.096V. If SENSE is tied to VREF, the reference amplifier feedback is connected to SENSE thus making VREF = 2.048V. If SENSE is tied to VDD, the reference amplifier is disconnected from VREF and VREF can be driven by an external voltage. With two additional resistors, VREF can be set to any voltage between 2.048V and 4.5V.
1405fa
9
LTC1405
APPLICATIO S I FOR ATIO
An external reference or a DAC can be used to drive VREF over a 0V to 5V range (Figures 3a and 3b). The input impedance of the VREF pin is 2k, so a buffer may be required for high accuracy. Driving VREF with a DAC is useful in applications where the peak input signal amplitude may vary. The input span of the ADC can then be adjusted to match the peak input signal, maximizing the signal-to-noise ratio. Both the VCM and VREF pins must be bypassed with capacitors to ground. For best performance, 1F or larger ceramic capacitors are recommended. For the case of external circuitry driving VREF, a smaller capacitor can be used at VREF so the input range can be changed quickly. In this case, a 0.05F or larger ceramic capacitor is acceptable. The VCM pin is a low output impedance 2.5V reference that can be used by external circuitry. For single 5V supply applications it is convenient to connect AIN - directly to the VCM pin. Driving the Analog Inputs The differential inputs of the LTC1405 are easy to drive. The inputs may be driven differentially or single-ended (i. e., the AIN - input is held at a fixed value). The AIN - and AIN + inputs are simultaneously sampled and any common mode signal is reduced by the high common mode rejection of the sample-and-hold circuit. Any common mode input value is acceptable as long as the input pins stay between VDD and VSS. During conversion the analog inputs are high impedance. At the end of conversion the inputs draw a small current spike while charging the sample-and-hold. For superior dynamic performance in dual supply mode, the LTC1405 should be operated with the analog inputs centered at ground, and in single supply mode the inputs should be centered at 2.5V. If required, the analog inputs can be driven differentially via a transformer. Refer to Table 2 for a summary of the analog input and reference configurations and their relative advantages.
10
U
VREF 1F TO ADC
W
U
U
+
R1 10k
2k
-
SENSE R2 10k LOGIC 2.5V REFERENCE 2.048V VCM 1F
1405 F02
Figure 2. Reference Circuit
5V VIN VOUT LT1019A-2.5 1F VREF LTC1405 SENSE VCM 1F
1405 F03a
5V
Figure 3a. Using the LT1019-2.5 As an External Reference; Input Range = 1.25V
LTC1405
+
VREF 5k 1F SENSE 5k LTC1450 1F VCM
2.048V
-
1405 F03b
Figure 3b. Driving VREF with a DAC
1405fa
LTC1405
APPLICATIO S I FOR ATIO
Table 2. Comparison of Analog Input Configurations
SUPPLIES 5V 5V 5V 5V 5V 5V 5V COUPLING DC DC DC DC DC AC (Transformer) AC (Transformer) VREF 4.096V 4.096V 2.048V 4.096V 4.096V 4.096V 4.096V 1x 2x 1x 1x 1x 1x 1x
GAIN
DC Coupling the Input In most applications the analog input signal can be directly coupled to the LTC1405 inputs. If the input signal is centered around ground, such as when dual supply op amps are used, simply connect AIN - to ground and connect VSS to - 5V (Figure 4). In a single power supply system with the input signal centered around 2.5V, connect AIN - to VCM and VSS to ground (Figure 5). If the input signal is not centered around ground or 2.5V, the voltage for AIN - must be generated externally by a resistor divider or a voltage reference (Figure 6).
5V 4.096V VIN 0V 5V 2.048V +AIN
0V
VIN
+AIN LTC1405 -AIN
VCM 1F
VSS
1405 F04
-5V
Figure 4. DC Coupling a Ground Centered Signal (Dual Supply System)
5V
2.5V
VIN
+AIN LTC1405 -AIN
VCM 1F
VSS
1405 F05
Figure 5. DC Coupling a Signal Centered Around 2.5V (Single Supply System)
U
AIN + 2.048 2.5 1.024 2.5 1.024 2.5 2.048 0 to 4.096 1.024 2.5 1.024 AIN - 0 2.5 2.5 2.5 2.048 1.024 2.5 1.024 COMMENTS Best SNR, THD Best SINAD, THD for Single Supply Worse Noise than Above Case Best Single Supply Noise, THD Is Not Optimal Same As Above Very Best SNR, THD Very Best SNR, THD for Single Supply
5V LTC1405 -AIN SENSE VSS
1405 F06
W
U
U
Figure 6. DC Coupling a 0V to 4.096V Signal
AC Coupling the Input The analog inputs to the LTC1405 can also be AC coupled through a capacitor, though in most cases it is simpler to directly couple the input to the ADC. Figure 7 shows an example where the input signal is centered around ground and the ADC operates from a single 5V supply. Note that the performance would improve if the ADC was operated from a dual supply and the input was directly coupled (as in Figure 4). With AC coupling the DC resistance to ground should be roughly matched for AIN + and AIN - to maintain offset accuracy.
5V C 0V VIN +AIN LTC1405 -AIN R R C VCM 1F
VSS
1405 F07
Figure 7. AC Coupling to the LTC1405. Note That the Input Signal Can Almost Always Be Directly Coupled with Better Performance
1405fa
11
LTC1405
APPLICATIO S I FOR ATIO
Differential Operation
The THD and SFDR performance of the LTC1405 can be improved by using a center tap RF transformer to drive the inputs differentially. Though the signal can no longer be DC coupled, the improvement in dynamic performance makes this an attractive solution for some applications. Typical connections for single and dual supply systems are shown in Figures 8a and 8b. Good choices for transformers are the Mini Circuits T1-1T (1:1 turns ratio) and T4-6T (1:4 turns ratio). For best results the transformer should be located close to the LTC1405 on the printed circuit board.
5V MINI CIRCUITS T1-1T VIN 15 +AIN 1000pF 15 LTC1405 -AIN
VCM 1F
VSS
1405 F08a
Figure 8a. Single Supply Transformer Coupled Input
5V MINI CIRCUITS T1-1T VIN 15 +AIN 1000pF 15 LTC1405 -AIN
VCM 1F
VSS
1405 F08b
-5V
Figure 8b. Dual Supply Transformer Coupled Input
Choosing an Input Amplifier Choosing an input amplifier is easy if a few requirements are taken into consideration. First, to limit the magnitude of the voltage spike seen by the amplifier from charging the sampling capacitor, choose an amplifier that has a low output impedance (<100) at the closed-loop bandwidth frequency. For example, if an amplifier is used in a gain of 1 and has a unity-gain bandwidth of 50MHz, then the output impedance at 50MHz must be less than 100. The second requirement is that the closed-loop bandwidth
12
U
must be greater than 50MHz to ensure adequate smallsignal settling for full throughput rate. If slower op amps are used, more settling time can be provided by increasing the time between conversions. The best choice for an op amp to drive the LTC1405 will depend on the application. Generally applications fall into two categories: AC applications where dynamic specifications are most critical and time domain applications where DC accuracy and settling time are most critical. Input Filtering The noise and the distortion of the input amplifier and other circuitry must be considered since they will add to the LTC1405 noise and distortion. The small-signal bandwidth of the sample-and-hold circuit is 100MHz. Any noise or distortion products that are present at the analog inputs will be summed over this entire bandwidth. Noisy input circuitry should be filtered prior to the analog inputs to minimize noise. A simple 1-pole RC filter is sufficient for many applications. For example, Figure 9 shows a 1000pF capacitor from + AIN to - AIN and a 30 source resistor to limit the input bandwidth to 5.3MHz. The 1000pF capacitor also acts as a charge reservoir for the input sample-and-hold and isolates the amplifier driving VIN from the ADC's small current glitch. In undersampling applications, an input capacitor this large may prohibitively limit the input bandwidth. If this is the case, use as large an input capacitance as possible. High quality capacitors and resistors should be used since these components can add distortion. NPO and silver mica type dielectric capacitors have excellent linearity. Carbon surface mount resistors can generate distortion from self-heating and from damage that may occur during soldering. Metal film surface mount resistors are much less susceptible to both problems.
30 VIN 1000pF +AIN LTC1405 -AIN
1405 F09
W
U
U
Figure 9. RC Input Filter
1405fa
LTC1405
APPLICATIO S I FOR ATIO
Digital Outputs and Overflow Bit (OF)
Figure 10 shows the ideal input/output characteristics for the LTC1405. The output data is two's complement binary for all input ranges and for both single and dual supply operation. One LSB = VREF/4.096. To create a straight binary output, invert the MSB (D11). The overflow bit (OF) indicates when the analog input is outside the input range of the converter. OF is high when the output code is 1000 0000 0000 or 0111 1111 1111.
1 OVERFLOW 0 BIT 011...111 011...110 011...101
OUTPUT CODE
100...010 100...001 100...000 -(FS - 1LSB) INPUT VOLTAGE (V)
1405 F10
FS - 1LSB
Figure 10. LTC1405 Transfer Characteristics
Full-Scale and Offset Adjustment In applications where absolute accuracy is important, offset and full-scale errors can be adjusted to zero. Offset error should be adjusted before full-scale error. Figure 11 shows a method for error adjustment for a dual supply, 4.096V application. For zero offset error apply - 0.5mV (i. e., - 0.5LSB) at + AIN and adjust R1 until the output code flickers between 0000 0000 0000 and 1111 1111 1111. For full-scale adjustment, apply an input voltage of 2.0465V (FS - 1.5LSBs) at + AIN and adjust R2 until the output code flickers between 0111 1111 1110 and 0111 1111 1111. Digital Output Drivers The LTC1405 output drivers can interface to logic operating from 3V to 5V by setting OVDD to the logic power supply. If 5V output is desired, OVDD can be shorted to VDD and share its decoupling capacitor. Otherwise, OVDD requires its own 1F decoupling capacitor. To prevent digital
U
noise from affecting performance, the load capacitance on the digital outputs should be minimized. If large capacitive loads are required, (>30pF) external buffers or 100 resistors in series with the digital outputs are suggested.
5V 5V R1 50k -5V VREF 1F 10k R2 1k 10k -5V SENSE VSS
1405 F11
W
U
U
VIN 24k 100
+AIN LTC1405 -AIN
Figure 11. Offset and Full-Scale Adjust Circuit
Timing The conversion start is controlled by the rising edge of the CLK pin. Once a conversion is started it cannot be stopped or restarted until the conversion cycle is complete. Output data is updated at the end of conversion, or about 150ns after a conversion is begun. There is an additional two cycle pipeline delay, so the data for a given conversion is output two full clock cycles plus 150ns after the convert start. Thus output data can be latched on the third CLK rising edge after the rising edge that samples the input. Clock Input The LTC1405 only uses the rising edge of the CLK pin for internal timing, and CLK doesn't necessarily need to have a 50% duty cycle. For optimal AC performance the rise time of the CLK should be less than 5ns. If the available clock has a rise time slower than 5ns, it can be locally sped up with a logic gate. With single supply operation the clock can be driven with 5V CMOS, 3V CMOS or TTL logic levels. With dual power supplies the clock should be driven with 5V CMOS levels. As with all fast ADCs, the noise performance of the LTC1405 is sensitive to clock jitter when high speed inputs
1405fa
13
LTC1405
APPLICATIO S I FOR ATIO
SNR = - 20log (2 fIN tJ)dB
are present. The SNR performance of an ADC when the performance is limited by jitter is given by: where fIN is the frequency of an input sine wave and tJ is the root-mean-square jitter due to the clock, the analog input and the A/D aperture jitter. To minimize clock jitter, use a clean clock source such as a crystal oscillator, treat the clock signals as sensitive analog traces and use dedicated packages with good supply bypassing for any clock drivers. Board Layout To obtain the best performance from the LTC1405, a printed circuit board with a ground plane is required. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track. An analog ground plane separate from the logic system ground should be placed under and around the ADC. Pins 6, 8 and 24 (GND), Pin 21 (OGND) and all other analog grounds should be connected to this ground plane. In single supply mode, Pin 25 (VSS) should also be
1 1000pF ANALOG INPUT CIRCUITRY
+AIN -AIN VCM 3 1F VREF 5 1F GND 6 VDD 7
+ -
2
ANALOG GROUND PLANE
1405 F12
Figure 12. Power Supply Grounding
PLACE NON-GROUND VIAS AWAY FROM GROUND PLANE AND BYPASS CAPACITORS
Figure 13. Cross Section of LTC1405 Printed Circuit Board
1405fa
14
U
connected to this ground plane. All bypass capacitors for the LTC1405 should also be connected to this ground plane (Figure 12). The digital system ground should be connected to the analog ground plane at only one point, near the OGND pin. The analog ground plane should be as close to the ADC as possible. Care should be taken to avoid making holes in the analog ground plane under and around the part. To accomplish this, we recommend placing vias for power and signal traces outside the area containing the part and the decoupling capacitors (Figure 13). Supply Bypassing High quality, low series resistance ceramic 1F capacitors should be used at both VDD pins, VCM and VREF. If VSS is connected to - 5V it should also be bypassed to ground with 1F. In single supply operation VSS should be shorted to the ground plane as close to the part as possible. If OVDD is not shorted to Pin 23 (VDD) it also requires a 1F decoupling capacitor to ground. Surface mount capacitors such as the AVX 0805ZC105KAT provide excellent bypassing in a small board space. The traces connecting the pins and the bypass capacitors must be kept short and should be made as wide as possible.
LTC1405 GND 8 1F VDD 23 1F OVDD 22 1F GND 24 VSS 25 1F OGND 21 DIGITAL SYSTEM
LTC1405 BYPASS CAPACITOR ANALOG GROUND PLANE
1405 F13
W
U
U
AVOID BREAKING GROUND PLANE IN THIS AREA
VCC VCC U2, 74ACT16373DL 25 26 27 28 29 30 31 8 C9 0.1F 33 34 C2 1F JP3 JP2 JP1 39 40 41 42 C8 0.1F 44 45 46 47 48 1C 1OE 1 2 R20 0 1 CLOCK R17 51 2
1405 F14
VCC 24 23 1 8 7 RN1 6 5 8 7 RN2 6 5 1 1 8 7 RN3 3 6 5 D11 3201S-40G1 JP8 C7 VCC 0.1F 5 1 2 4 3 U3 NC7S04M5 1 3 4 RN4 8 7 6 D11 5 J3 (J7) BNC (SMB) OF CLK 4 2 3 4 C10 0.1F 2 RN5 8 7 6 5 2 3 4 C11 0.1F 1 2 3 4 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2
15 D6 D7 D8 D9 D10 D11 (MSB) 2D5 2Q5 VCC 2Q4 2Q3 GND 2Q2 2Q1 1Q8 1Q7 GND 1Q6 1Q5 VCC 1Q4 1Q3 GND 1Q2 1Q1 VCC 2D4 2D3 GND 2D2 2D1 1D8 1D7 GND 1D6 1D5 VCC 1D4 1D3 GND 1D2 1D1 AGND AVDD AGND VREF SENSE VCM -AIN +AIN 1 2 1 2 38 3 1 2 37 4 1 2 36 5 35 6 7 C1 1F 32 9 2D6 2Q6 10 GND GND 11 2D7 2Q7 12 2D8 2Q8 13 2C 2OE 14
18
D3
E3
1 OVDD
19
D2
C12
1F
20
D1
21
D0
23
C4
1F
24
DVDD
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10
25
DGND
APPLICATIO S I FOR ATIO
E5
E6
1 AGND
1
E7
1 GAIN
1
JP6
2
28
OF
1 43
JP5
2
GAIN
D1 MBR0520LT1
2
JP4
2
U1, LTC1405
39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1
40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2
1
J1 (J5) BNC (SMB) C6 470pF 1 3 JP7 2 2 C3 1F
1 +AIN
R18 1 20 2
5432 2
2
R15 51 OPT
1
R19 0
J2 (J6) BNC (SMB)
1 -AIN
2345
5432
2
R16 51 OPT
Figure 14. LTC1405 Demo Board Schematic
U
LTC1405
E4
C5
1F
26
VSS
1 VDD 1 VSS
27
CLK
W
22
OGND
OVDD
U
E2
1 OGND
16
D5
17
D4
U
E1
1 VCC
15
1405fa
LTC1405
APPLICATIO S I FOR ATIO
Figure 15. Top Silkscreen Layer for LTC1405/LTC1420 Demo Board
Figure 17. Ground Plane Layer for LTC1405/LTC1420 Demo Board
16
U
Figure 16. Top Layer for LTC1405/LTC1420 Demo Board
1405fa
W
U
U
LTC1405
APPLICATIO S I FOR ATIO
Figure 18. Power Plane Layer for LTC1405/LTC1420 Demo Board
Figure 19. Bottom Layer for LTC1405/LTC1420 Demo Board
U
1405fa
W
U
U
17
LTC1405
TYPICAL APPLICATIO U
Single Supply, 5Msps, 12-Bit ADC with 3V Logic Outputs
LTC1405 ANALOG INPUT (2.5V 1.024V) 30 1000pF NPO 1F 1 2 3 4 5 1F 6 7 1F 8 9 10 11 12 13 14 +AIN -AIN VCM SENSE VREF GND VDD GND D11 D10 D9 D8 D7 D6 GAIN OF CLK VSS GND VDD OVDD OGND D0 D1 D2 D3 D4 D5 28 27 26 25 24 23 22 21 20 19 18 17 16 15 0V TO 3V 12-BIT PARALLEL DATA PLUS OVERFLOW 1F 1F 3V 5V 5MHz CLOCK
1405 TA03
5V
Dual Supply, 5Msps, 12-Bit ADC with 71.3dB SINAD
LTC1405 ANALOG INPUT (2.048V) 30 1000pF, NPO 1 2 3 1F 4 5 1F 6 7 1F 8 9 10 11 12 13 14 +AIN -AIN VCM SENSE VREF GND VDD GND D11 D10 D9 D8 D7 D6 GAIN OF CLK VSS GND VDD OVDD OGND D0 D1 D2 D3 D4 D5 28 27 26 25 24 23 22 21 20 19 18 17 16 15 12-BIT PARALLEL DATA PLUS OVERFLOW 1F 5V 1F 5MHz CLOCK -5V 5V
5V
1405 TA04
1405fa
18
LTC1405
PACKAGE DESCRIPTIO U
GN Package 28-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
.045 .005 .386 - .393* (9.804 - 9.982) 28 27 26 25 24 23 22 21 20 19 18 17 1615 .033 (0.838) REF .150 - .165 .229 - .244 (5.817 - 6.198) .150 - .157** (3.810 - 3.988) .0250 BSC RECOMMENDED SOLDER PAD LAYOUT .015 .004 x 45 (0.38 0.10)
.0075 - .0098 (0.19 - 0.25) 0 - 8 TYP
.254 MIN
.0165 .0015
1 .0532 - .0688 (1.35 - 1.75)
23
4
56
7
8
9 10 11 12 13 14 .004 - .0098 (0.102 - 0.249)
.016 - .050 (0.406 - 1.270) NOTE: 1. CONTROLLING DIMENSION: INCHES INCHES 2. DIMENSIONS ARE IN (MILLIMETERS)
.008 - .012 (0.203 - 0.305) TYP
.0250 (0.635) BSC
GN28 (SSOP) 0204
3. DRAWING NOT TO SCALE *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
1405fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC1405
TYPICAL APPLICATIO
1.4MHz BOOST REGULATOR 4.7H 3.3V 0.1F 15F VIN SHDN SW LT1613 SHDN FB GND 5V
+
100k 15F
RELATED PARTS
PART NUMBER LT1019 LTC1402 LTC1403/LTC1403A LTC1407/LTC1407A LTC1412 LTC1415 LTC1420 LTC1668 LTC2225 LTC2226 LTC2227 LTC2228 LTC2236 LTC2237 LTC2238 LTC2245 LTC2246 LTC2247 LTC2248 DESCRIPTION Precision Bandgap Reference Serial 12-Bit, 2.2 Msps ADC 14-Bit/12-Bit, 2.8Msps Serial ADC 14-Bit/12-Bit, 3Msps Simultaneous Sampling Serial ADC 12-Bit, 3Msps, Sampling ADC with Parallel Output Single 5V, 12-Bit, 1.25Msps with Parallel Output 12-Bit, 10Msps, Sampling ADC 16-Bit, 50Msps DAC 12-Bit, 10Msps ADC 12-Bit, 25Msps ADC 12-Bit, 40Msps ADC 12-Bit, 65Msps ADC 10-Bit, 25Msps ADC 10-Bit, 40Msps ADC 10-Bit, 65Msps ADC 14-Bit, 10Msps ADC 14-Bit, 25Msps ADC 14-Bit, 40Msps ADC 14-Bit, 65Msps ADC COMMENTS 0.05% Max Initial Accuracy, 5ppm/C Max Drift 16-Pin Narrow SSOP Package, 72dB SINAD 3V, 14mW, Differential Input, MSOP Package 3V, 14mW, 2-Channel Differential Input, MSOP Package Best Dynamic Performance, SINAD = 72dB at Nyquist 55mW Power Dissipation, 72dB SINAD Pin Compatible with LTC1405 87dB SFDR, 1.5LSB DNL, Low Power 60mW, 71dB SNR, 5mm x 5mm QFN 75mW, 71dB SNR, 5mm x 5mm QFN 125mW, 71dB SNR, 5mm x 5mm QFN 210mW, 71dB SNR, 5mm x 5mm QFN 75mW, 61dB SNR, 5mm x 5mm QFN 125mW, 61dB SNR, 5mm x 5mm QFN 210mW, 61dB SNR, 5mm x 5mm QFN 60mW, 74.4dB SNR, 5mm x 5mm QFN 75mW, 74dB SNR, 5mm x 5mm QFN 125mW, 74dB SNR, 5mm x 5mm QFN 210mW, 74dB SNR, 5mm x 5mm QFN
1405fa LT/TP 1204 1K REV A * PRINTED IN USA
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
U
Single 3.3V Supply, 5Msps, 12-Bit ADC
LTC1405 ANALOG INPUT (2.048VP-P)
+ -
15 15 1000pF, NPO
1 2 3 1F 4 5 1F 6 7
+AIN -AIN VCM SENSE VREF GND VDD GND D11 D10 D9 D8 D7 D6
GAIN OF CLK VSS GND VDD OVDD OGND D0 D1 D2 D3 D4 D5
28 27 26 25 24 23 22 21 20 19 18 17 16 15 0V TO 3.3V 12-BIT DATA 1F 3.3V 5V TO PIN 7 1F OVERFLOW BIT 5MHz CLOCK
+
0.1F
1F
8 9 10
32.4k
11 12 13 14
1405 TA05
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2000


▲Up To Search▲   

 
Price & Availability of LTC14051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X