Part Number Hot Search : 
DTC143 LH28F 17S30LVI W78LE516 263373 HDBL155G SB102 3055L
Product Description
Full Text Search
 

To Download KP46002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCcomponents
DATA SHEET
KP 460 to 464 Polypropylene film foil capacitors
Product specification Supersedes data of 2001 Sep 13 File under BCcomponents, BC05 2002 Oct 09
BCcomponents
Product specification
Polypropylene film foil capacitors
KP AXIAL EPOXY LACQUERED TYPE
KP 460 to 464
296x12(full_width)
CBA369
Fig.1 Simplified outlines.
FEATURES * Supplied loose in box, taped on reel or unidirectional. * Intermediate values are available of the E96 series. APPLICATIONS * In circuits where close tolerance, reliability and low losses are of prime importance, for example: tuned circuits, filter and timing networks. DETAIL SPECIFICATION For more detailed data and test requirements see "Type detail specification HQN-384-13/101".
QUICK REFERENCE DATA DESCRIPTION Capacitance range (E12 series) Capacitance tolerance VALUE 47 to 62000 pF 5% (E24 series); 2% (E24, E48 series); 1% (E24, E48, E96 series) 63 V; 160 V; 250 V; 400 V; 630 V 40 V; 63 V; 125 V; 160 V; 200 V 40/100/56 85 C 100 C IEC 60384-13 class 1 class 2
Rated (DC) voltage Rated (AC) voltage Climatic category Rated temperature Maximum application temperature Reference specification Stability class for: 63; 160; 250 V versions 400; 630 V versions
2002 Oct 09
2
BCcomponents
Product specification
Polypropylene film foil capacitors
COMPOSITION OF CATALOGUE NUMBER TYPE AND VOLTAGES 460 461 63 V 160 V CAPACITANCE (numerically)
KP 460 to 464
MULTIPLIER (nF) 0.0001 0.001 0.01 0.1 9 1 2 3
Example: 1003 = 100 x 0.1 = 10 nF
2222
46.
X
XXX
X
TYPE 460 461
PACKAGING Taped on reel Taped on reel
LEAD CONFIGURATION AND TAPE DISTANCE tape distance 63.5 mm tape distance 63.5 mm
PREFERRED TYPES C-TOL 1% 2% 1% 2% ON REQUEST 5% 1% 2% 5% 1% 2% 6 4 3 2 1 0 6 4 3 2 1 0 63 V 8 7 8 7 160 V
Taped on reel Loose in box
tape distance 63.5 mm lead length 30.0 or 28.0 mm
460
Unidirectional Taped on reel Loose in box tape distance 63.5 mm lead length 30.0 or 28.0 mm
5% 1% 2% 5% 1% 2%
461
Unidirectional
2002 Oct 09
3
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
TYPE AND VOLTAGES 462 463 464 250 V 400 V 630 V CAPACITANCE (numerically)
MULTIPLIER (nF) 0.0001 0.001 0.01 0.1 9 1 2 3
Example: 1003 = 100 x 0.1 = 10 nF
2222
46.
X
XXX
X
TYPE 462 463 464
PACKAGING Taped on reel Taped on reel Taped on reel
LEAD CONFIGURATION AND TAPE DISTANCE tape distance 63.5 mm tape distance 63.5 mm tape distance 63.5 mm
PREFERRED TYPES C-TOL 1% 2% 1% 2% 1% 2% 5% 1% 2% 5% 1% 2% 5% 1% 2% 5% 1% 2% 5% 1% 2% 5% 1% 2% 250 V 8 7 400 V 630 V
8 7 8 7 ON REQUEST 6 4 3 2 1 0 6 4 3 2 1 0 6 4 3 2 1 0
Taped on reel 462 Loose in box Unidirectional Taped on reel 463 Loose in box Unidirectional Taped on reel 464 Loose in box Unidirectional
tape distance 63.5 mm lead length 30.0 or 28.0 mm
tape distance 63.5 mm lead length 30.0 or 28.0 mm
tape distance 63.5 mm lead length 30.0 or 28.0 mm
2002 Oct 09
4
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 GENERAL DATA
KP 460
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.4 Outlines.
Specific reference data for the 63 V DC capacitors DESCRIPTION Tangent of loss angle: 5000 pF < C 20000 pF 20000 pF < C 47000 pF C > 47000 pF Rated voltage pulse slope (dU/dt)R at 63 V (DC) R between leads; at 10 V; 1 minute R between interconnected leads and case; 10 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Available 63 V DC versions PACKAGING Taped on reel C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 460 8.... 2222 460 7.... 2222 460 6.... 2222 460 4.... 2222 460 3.... 2222 460 2.... 2222 460 1.... 2222 460 0.... ORDERING preferred preferred on request on request on request on request on request on request VALUE at 1 kHz 5 x 10-4 5 x 10-4 5 x 10-4 at 100 kHz 15 x 10-4 25 x 10-4 40 x 10-4
10000 V/s >100000 M >100000 M 126 V; 1 minute 400 V; 1 minute
Loose in box Unidirectional; notes Available on request PACKAGING Taped in ammopack Taped on reel
TAPE DISTANCE (mm) 52.5 63.5 52.5
2002 Oct 09
5
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 63 V; URac = 40 V
KP 460
CATALOGUE NUMBER 2222 460 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX UNIDIRECTIONAL C-tol = 2% C-tol = 1% SPQ
last 5 digits of catalogue number lt = 30.0 mm; dt = 0.60 0.06 mm 6800 7500 8200 9100 5.0 x 11.0 0.5 0.5 0.6 0.6 76802 77502 78202 79102 86802 87502 88202 89102
last 5 digits of catalogue number
06802 2500 250 07502 08202 09102
16802 17502 18202 19102 1000
lt = 28.0 mm; dt = 0.60 0.06 mm 10000 11000 12000 13000 15000 16000 18000 20000 22000 24000 27000 30000 33000 36000 39000 43000 47000 51000 56000 62000 7.5 x 15.0 8.0 x 15.0 8.5 x 15.0 7.0 x 15.0 6.5 x 15.0 6.0 x 15.0 0.6 0.6 0.7 0.8 0.7 0.7 0.8 0.8 0.9 0.9 1.0 1.1 1.2 1.2 1.3 1.4 1.5 1.6 1.7 1.8 71003 71103 71203 71303 71503 71603 71803 72003 72203 72403 72703 73003 73303 73603 73903 74303 74703 75103 75603 76203 81003 81103 81203 81303 81503 81603 81803 82003 82203 82403 82703 83003 83303 83603 83903 84303 84703 85103 85603 86203 1000 1000 1000 150 150 125 1000 200 1500 250 1500 250
2002 Oct 09
6
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 461 GENERAL DATA
KP 461
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.5 Outlines.
Specific reference data for the 160 V DC capacitors DESCRIPTION Tangent of loss angle: 1000 pF < C 5000 pF 5000 pF < C 20000 pF 20000 pF < C 39000 pF Rated voltage pulse slope (dU/dt)R at 160 V (DC) R between leads; at 100 V; 1 minute R between interconnected leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Available 160 V DC versions PACKAGING Taped on reel C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 461 8.... 2222 461 7.... 2222 461 6.... 2222 461 4.... 2222 461 3.... 2222 461 2.... 2222 461 1.... 2222 461 0.... ORDERING preferred preferred on request on request on request on request on request on request VALUE at 1 kHz 5 x 10-4 5 x 10-4 5 x 10-4 at 100 kHz 10 x 10-4 15 x 10-4 25 x 10-4
10000 V/s >100000 M >100000 M 320 V; 1 minute 400 V; 1 minute
Loose in box Unidirectional Available on request PACKAGING Taped in ammopack Taped on reel
TAPE DISTANCE (mm) 52.5 63.5 52.5
2002 Oct 09
7
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 160 V; URac = 63 V
KP 461
CATALOGUE NUMBER 2222 461 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX UNIDIRECTIONAL C-tol = 2% C-tol = 1% SPQ
last 5 digits of catalogue number lt = 30.0 mm; dt = 0.60 0.06 mm 3600 3900 4300 4700 5100 5600 6200 5.0 x 11.0 0.5 0.5 0.5 0.5 0.5 0.5 0.6 73602 73902 74302 74702 75102 75602 76202 83602 83902 84302 84702 85102 85602 86202
last 5 digits of catalogue number
03602 03902 04302 2500 250 04702 05102 05602 06202
13602 13902 14302 14702 15102 15602 16202 1000
lt = 28.0 mm; dt = 0.60 0.06 mm 6800 7500 8200 9100 10000 11000 12000 13000 15000 16000 18000 20000 22000 24000 27000 30000 33000 36000 39000 7.0 x 15.0 7.5 x 15.0 8.0 x 15.0 8.5 x 15.0 6.5 x 15.0 6.0 x 15.0 0.4 0.7 0.6 0.6 0.7 0.7 0.7 0.8 0.8 0.9 0.9 1.0 1.1 1.1 1.2 1.3 1.4 1.5 1.6 76802 77502 78202 79102 71003 71103 71203 71303 71503 71603 71803 72003 72203 72403 72703 73003 73303 73603 73903 86802 87502 88202 89102 81003 81103 81203 81303 81503 81603 81803 82003 82203 82403 82703 83003 83303 83603 83903 1000 1000 1000 1000 200 150 150 125 1500 250 1500 250
2002 Oct 09
8
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 462 GENERAL DATA
KP 462
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.6 Outlines.
Specific reference data for the 250 V DC capacitors DESCRIPTION Tangent of loss angle: 1 000 pF < C 5000 pF 5 000 pF < C 20000 pF 20 000 pF < C 22000 pF Rated voltage pulse slope (dU/dt)R at 250 V (DC) R between leads; at 100 V; 1 minute R between interconnected leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Available 250 V DC versions PACKAGING Taped on reel C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 462 8.... 2222 462 7.... 2222 462 6.... 2222 462 4.... 2222 462 3.... 2222 462 2.... 2222 462 1.... 2222 462 0.... ORDERING preferred preferred on request on request on request on request on request on request VALUE at 1 kHz 5 x 10-4 5 x 10-4 5 x 10-4 at 100 kHz 10 x 10-4 15 x 10-4 25 x 10-4
10000 V/s >100000 M >100000 M 500 V; 1 minute 500 V; 1 minute
Loose in box Unidirectional Available on request PACKAGING Taped in ammopack Taped on reel
TAPE DISTANCE (mm) 52.5 63.5 52.5
2002 Oct 09
9
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 250 V; URac = 125 V
KP 462
CATALOGUE NUMBER 2222 462 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX UNIDIRECTIONAL C-tol = 2% C-tol = 1% SPQ
last 5 digits of catalogue number lt = 30.0 mm; dt = 0.60 0.06 mm 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 5.0 x 11.0 0.5 0.5 0.4 0.5 0.6 0.6 0.5 0.5 0.5 0.5 0.5 71202 71302 71502 71602 71802 72002 72202 72402 72702 73002 73302 81202 81302 81502 81602 81802 82002 82202 82402 82702 83002 83302
last 5 digits of catalogue number
01202 01302 01502 01602 01802 2500 250 02002 02202 02402 02702 03002 03302
11202 11302 11502 11602 11802 12002 12202 12402 12702 13002 13302 1000
lt = 28.0 mm; dt = 0.60 0.06 mm 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 10000 11000 12000 13000 15000 16000 18000 20000 22000 2002 Oct 09 7.5 x 15.0 8.0 x 15.0 8.5 x 15.0 7.0 x 15.0 6.5 x 15.0 6.0 x 15.0 0.5 0.5 0.6 0.6 0.6 0.6 0.7 0.7 0.7 0.8 0.8 0.9 0.9 1.0 1.0 1.1 1.2 1.3 1.4 1.5 73602 73902 74302 74702 75102 75602 76202 76802 77502 78202 79102 71003 71103 71203 71303 71503 71603 71803 72003 72203 83602 83902 84302 84702 85102 85602 86202 86802 87502 88202 89102 81003 81103 81203 81303 81503 81603 81803 82003 82203 10 1000 1000 1000 150 150 125 1000 200 1500 250 1500 250
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 463 GENERAL DATA
KP 463
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.7 Outlines.
Specific reference data for the 400 V DC capacitors DESCRIPTION Tangent of loss angle: C 1000 pF 1 000 pF < C 5000 pF Rated voltage pulse slope (dU/dt)R at 400 V (DC) R between leads; at 100 V; 1 minute R between interconnected leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Note 1. For unidirectional capacitors 13 x 10-4. Available 400 V DC versions PACKAGING Taped on reel; notes C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 463 8.... 2222 463 7.... 2222 463 6.... 2222 463 4.... 2222 463 3.... 2222 463 2.... 2222 463 1.... 2222 463 0.... ORDERING preferred preferred on request on request on request on request on request on request at 1 kHz 5 x 10-4 5 x 10-4 VALUE at 100 kHz - 10 x 10-4 10000 V/s >100000 M >100000 M 800 V; 1 minute 800 V; 1 minute at 1MHz(1) 10 x 10-4 -
Loose in box Unidirectional Available on request PACKAGING Taped in ammopack Taped on reel 2002 Oct 09
TAPE DISTANCE (mm) 52.5 63.5 52.5 11
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 400 V; URac = 160 V
KP 463
CATALOGUE NUMBER 2222 463 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX UNIDIRECTIONAL C-tol = 2% C-tol = 1% SPQ
last 5 digits of catalogue number lt = 30.0 mm; dt = 0.60 0.06 mm 620 680 750 820 910 1000 1100 5.0 x 11.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 76201 76801 77501 78201 79101 71002 71102 86201 86801 87501 88201 89101 81002 81102
last 5 digits of catalogue number
06201 06801 07501 2500 250 08201 09101 01002 01102
16201 16801 17501 18201 19101 11002 11102 1000
lt = 28.0 mm; dt = 0.60 0.06 mm 1200 1 300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 8.5 x 15.0 8.0 x 15.0 7.5 x 15.0 7.0 x 15.0 6.5 x 15.0 6.0 x 15.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.7 0.7 0.7 0.8 0.8 0.9 0.9 1.0 1.0 1.1 1.2 1.3 71202 71302 71502 71602 71802 72002 72202 72402 72702 73002 73302 73602 73902 74302 74702 75102 75602 76202 76802 77502 78202 81202 81302 81502 81602 81802 82002 82202 82402 82702 83002 83302 83602 83902 84302 84702 85102 85602 86202 86802 87502 88202 1000 125 1000 150 1000 150 1000 200 1500 250 1500 250
2002 Oct 09
12
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 464 GENERAL DATA
KP 464
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.8 Outlines.
Specific reference data for the 630 V DC capacitors DESCRIPTION Tangent of loss angle: C 560 pF Rated voltage pulse slope (dU/dt)R at 630 V (DC) R between leads; at 500 V; 1 minute R between interconnected leads and case; 500 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Note 1. For unidirectional capacitors 13 x 10-4. Available 630 V DC versions PACKAGING Taped on reel C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 464 8.... 2222 464 7.... 2222 464 6.... 2222 464 4.... 2222 464 3.... 2222 464 2.... 2222 464 1.... 2222 464 0.... ORDERING preferred preferred on request on request on request on request on request on request VALUE at 1 kHz 5 x 10-4 at 1 MHz(1) 10 x 10-4
10000 V/s >100000 M >100000 M 1260 V; 1 minute 1260 V; 1 minute
Loose in box Unidirectional Available on request PACKAGING Taped in ammopack Taped on reel
TAPE DISTANCE (mm) 52.5 63.5 52.5
2002 Oct 09
13
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 630 V; URac = 200 V
KP 464
CATALOGUE NUMBER 2222 464 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX UNIDIRECTIONAL C-tol = 2% C-tol = 1% SPQ
last 5 digits of catalogue number lt = 30.0 mm; dt = 0.60 0.06 mm 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 5.0 x 11.0 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.5 0.4 0.4 0.5 0.5 0.6 0.6 0.6 0.7 0.4 0.4 0.5 0.5 0.5 0.5 0.5 74709 75109 75609 76209 76809 77509 78209 79109 71001 71101 71201 71301 71501 71601 71801 72001 72201 72401 72701 73001 73301 73601 73901 74301 74701 75101 75601 84709 85109 85609 86209 86809 87509 88209 89109 81001 81101 81201 81301 81501 81601 81801 82001 82201 82401 82701 83001 83301 83601 83901 84301 84701 85101 85601
last 5 digits of catalogue number
04709 05109 05609 06209 06809 07509 08209 09109 01001 01101 01201 01301 01501 2500 250 01601 01801 02001 02201 02401 02701 03001 03301 03601 03901 04301 04701 05101 05601
14709 15109 15609 16209 16809 17509 18209 19109 11001 11101 11201 11301 11501 11601 11801 12001 12201 12401 12701 13001 13301 13601 13901 14301 14701 15101 15601 1000
2002 Oct 09
14
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 464 GENERAL DATA
KP 464
296x12(full_width)
7.2 max dmax ltot (1) 1 1
Od O1.3 lt lmax lt Odt
ltot lmax
16.5
seating plane (2) 5.08+0.4 -0.2
Dimensions in mm. (1) ltot 13 mm for lmax = 11 mm ltot 16 mm for lmax = 15 mm. (2) Hole 1.0.
CBA370
Fig.9 Outlines.
Specific reference data for the 630 V DC capacitors DESCRIPTION Tangent of loss angle: C 1000 pF 1 000 pF < C 4700 pF Rated voltage pulse slope (dU/dt)R at 630 V (DC) R between leads; at 500 V; 1 minute R between interconnected leads and case; 500 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case Available 630 V DC versions PACKAGING Taped on reel C-tol 1% 2% 5% 1% 2% 5% 1% 2% FIRST 8 DIGITS OF CATALOGUE NUMBER 2222 464 8.... 2222 464 7.... 2222 464 6.... 2222 464 4.... 2222 464 3.... 2222 464 2.... 2222 464 1.... 2222 464 0.... ORDERING preferred preferred on request on request on request on request on request on request at 1 kHz 5 x 10-4 5 x 10-4 VALUE at 100 kHz - 15 x 10-4 10000 V/s >100000 M >100000 M 1260 V; 1 minute 1260 V; 1 minute at 1 MHz 10 x 10-4 -
Loose in box Unidirectional Available on request PACKAGING Taped in ammopack Taped on reel
TAPE DISTANCE (mm) 52.5 63.5 52.5
2002 Oct 09
15
BCcomponents
Product specification
Polypropylene film foil capacitors
URdc = 630 V; URac = 200 V
KP 460 to 464
CATALOGUE NUMBER 2222 464 ..... AND PACKAGING TAPED ON REEL C (E 24) (pF) DIMENSIONS dmax x lmax (mm) MASS (g) TAPE DISTANCE 63.5 mm C-tol = 2% C-tol = 1% SPQ SPQ LOOSE IN BOX
last 5 digits of catalogue number lt = 28.0 mm; dt = 0.60 0.06 mm 620 680 750 820 910 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 8.5 x 15.0 8.0 x 15.0 7.5 x 15.0 7.0 x 15.0 6.5 x 15.0 6.0 x 15.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.7 0.7 0.8 0.9 0.9 0.9 1.0 1.1 1.2 1.3 1.4 1.5 76201 76801 77501 78201 79101 71002 71102 71202 71302 71502 71602 71802 72002 72202 72402 72702 73002 73302 73602 73902 74302 74702 86201 86801 87501 88201 89101 81002 81102 81202 81302 81502 81602 81802 82002 82202 82402 82702 83002 83302 83602 83902 84302 84702
1500
250
1500
250
1000
200
1000
150
1000
150
1000
125
2002 Oct 09
16
BCcomponents
Product specification
Polypropylene film foil capacitors
CONSTRUCTION Description * Low-inductive wound cell of metal foil and a polypropylene film * Protected by a hard, water-repellent solvent-resistant blue epoxy lacquer * Axial iron leads, solder-coated.
KP 460 to 464
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION
AND SHOCK
The capacitors shall be mechanically fixed by the leads. SOLDERING CONDITIONS The capacitance stability is dependent on the maximum temperature the capacitor reaches during soldering. Figure 11 shows the typical effect of C/C as a function of soldering time under the worst possible mounting conditions (horizontal on the PCB, minimum possible pitch) and with 80 C preheating. Storage temperature * Storage temperature: Tstg = -25 to +40 C with RH maximum 80% without condensation.
144x12(halfpage)
lead - tin foil
polypropylene film connecting wire
CBA371
Fig.10 Construction.
RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS Unless otherwise specified, all electrical values apply to an ambient free air temperature of 23 1 C, an atmospheric pressure of 86 to 106 kPa and a relative humidity of 50 2%. For reference testing, a conditioning period shall be applied over 96 4 hours by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
Mounting NORMAL USE The capacitors are suitable for vertical or horizontal mounting on printed-circuit boards. The capacitors packed on bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines.
296x12(full_width) 0.4 C/C (%)
CBA372
0
-0.4
-0.8 0 2 4 6 8 soldering time (s) 10
Fig.11 C/C as a function of soldering time.C/C
2002 Oct 09
17
BCcomponents
Product specification
Polypropylene film foil capacitors
CHARACTERISTICS Capacitance * Temperature coefficient: - between -40 and +20 C for C 1000 pF: -(125 125) x 10-6/K - between -40 and +20 C for C > 1000 pF: -(125 60) x 10-6/K - between +20 and +100 C: -(250 120) x 10-6/K.
KP 460 to 464
2 296x12(full_width) C/C (%) 1 typical max.
CBA373
0
min.
-1
-2
-3 -40 0 40 80 Tamb (C)
Fig.12 Capacitance change at 1 kHz as a function of ambient temperature.
Maximum DC voltage as a function of temperature
1.2 296x12(full_width) factor 1.0 0.8 0.6 0.4 0.2 0 -60
CBA836
-40
-20
0
20
40
60
80
100 Tamb (C)
Fig.13 Multiplying factor for DC voltage as a function of temperature.
2002 Oct 09
18
BCcomponents
Product specification
Polypropylene film foil capacitors
Maximum RMS voltage (sinewave) as a function of frequency
KP 460 to 464
296x12(full_width) 10 2
CBA374
AC voltage (V)
10 1
68
22 00 0 pF
0 pF 62 00
00
pF
10 0 10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.14 AC voltage (RMS value) as a function of frequency at Tamb 70 C for URdc = 63 V.
296x12(full_width) 10 2
CBA896
AC voltage (V)
10 1
68 0
00 22 0 pF
pF 0 00 62
0
pF
10 0 10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.15 AC voltage (RMS value) as a function of frequency at 70 C < Tamb 100 C for URdc = 63 V.
2002 Oct 09
19
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
2 296x12(full_width) 10
CBA375
AC voltage (V)
10 1
00 36 pF
00 10
39 00 0 pF
0 pF
10
0
10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.16 AC voltage (RMS value) as a function of frequency at Tamb 70 C for URdc = 160 V.
2 296x12(full_width) 10
CBA897
AC voltage (V)
10 1
36 00 pF
0 10 00
39 00 0 pF
pF
10
0
10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.17 AC voltage (RMS value) as a function of frequency at 70 C < Tamb 100 C for URdc = 160 V.
2002 Oct 09
20
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
296x12(full_width) 10 3 AC voltage (V)
CBA376
10 2
10 1
24 00 pF 68 00 22 pF 00 0p F
10 0 10 4 10 5 10 6 10 7 f (Hz) 10 8
Fig.18 AC voltage (RMS value) as a function of frequency at Tamb 70 C for URdc = 250 V.
296x12(full_width) 10 3 AC voltage (V)
CBA898
10 2
10 1
24 00 pF 68 00 22 pF 00 0p F
10 0 10 4 10 5 10 6 10 7 f (Hz) 10 8
Fig.19 AC voltage (RMS value) as a function of frequency at 70 C < Tamb 100 C for URdc = 250 V.
2002 Oct 09
21
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
296x12(full_width) 10 3 AC voltage (V)
CBA377
10 2
10
1
12
10 0 10 4
11 33 00 p 00 F p 00 0p F F
10 5
10 6
10 7
f (Hz)
10 8
Fig.20 AC voltage (RMS value) as a function of frequency at Tamb 70 C for URdc = 400 V.
296x12(full_width) 10 3 AC voltage (V)
CBA904
10
2
10 1
12
11 33 00 p 00 F p 00 0p F F
10 7 f (Hz) 10 8
10 0 10 4
10 5
10 6
Fig.21 AC voltage (RMS value) as a function of frequency at 70 C < Tamb 100 C for URdc = 400 V.
2002 Oct 09
22
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
3 296x12(full_width) 10
CBA378
AC voltage (V)
10 2
47
10
1
20
10 00
pF
0p
F
pF
68
00
10
0
pF
10 4
10 5
10 6
10 7
f (Hz)
10 8
Fig.22 AC voltage (RMS value) as a function of frequency at Tamb 70 C for URdc = 630 V.
296x12(full_width) 10 3 AC voltage (V)
CBA900
10 2
47
10
1
20
10 00
pF
0p
F
pF
68
00
10
0
pF
10 4
10
5
10
6
10 7
f (Hz)
10 8
Fig.23 AC voltage (RMS value) as a function of frequency at 70 C < Tamb 100 C for URdc = 630 V. Maximum RMS current (sinewave) as a function of frequency The maximum RMS current is defined by I ac = x C x U ac . Uac is the maximum AC voltage depending on the ambient temperature in Figs 14 to 23. 2002 Oct 09 23
BCcomponents
Product specification
Polypropylene film foil capacitors
Tangent of loss angle
KP 460 to 464
CBA380
296x12(full_width) 10 dissipation factor (x 10-4)
1
0.1
10 1
10 2
10 3
10 4
10 5
10 6
f (Hz)
10 7
Fig.24 Tangent of loss angle as a function of frequency: typical curve.
Insulation resistance
296x12(full_width) 10 6 RC (s)
CBA204
10 5
10 4 0 20 40 60 80 Tamb(C) 100
Fig.25 RC product as a function of ambient free air temperature: typical curve.
Inductance * L dependent on lead and capacitor length: 10 nH/cm. 2002 Oct 09 24
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 460 to 464
Maximum allowed component temperature rise (T) as a function of the ambient temperature (Tamb)
12 296x12(full_width) T (C) 10 8 6 4 2 0 -60
CBA764
-40
-20
0
20
40
60
80 Tamb (C)
100
Fig.26 Maximum allowed component temperature rise as a function of the ambient temperature. Heat conductivity (G) as a function of body dimensions in mW/C Table 1 Heat conductivity dmax x lmax (mm) 5.0 x 11.0 5.5 x 15.0 6.0 x 15.0 7.0 x 15.0 7.5 x 15.0 8.0 x 15.0 8.5 x 15.0 Power dissipation and maximum component temperature rise The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free air ambient temperature. The power dissipation can be calculated according chapter "Introduction", section "Maximum power dissipation". The component temperature rise (T) can be measured (see section "Measuring the component temperature" for more details) or calculated by T = P G : * T = component temperature rise (C). * P = power dissipation of the component (mW). * G = heat conductivity of the component (mW/C). G (mW/C) 2.7 4.3 4.7 5.3 5.7 6.3 6.7
2002 Oct 09
25
BCcomponents
Product specification
Polypropylene film foil capacitors
Measuring the component temperature A thermocouple must be attached to the capacitor body as in Fig.27.
KP 460 to 464
Application note and limiting conditions To select the capacitor for a certain application, the following conditions must be checked: 1. The peak voltage (Up) shall not be greater than the rated DC voltage (URdc). 2. The peak-to-peak voltage (Up-p) shall not be greater than the maximum Up-p to avoid the ionisation inception level.
144x12(halfpage)
thermocouple
CBA765
3. The voltage pulse slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and divided by the applied voltage. For all other pulses following equation must be fulfilled:
Fig.27 Mounting the thermocouple.
dU dU 2 x ------- x dt < U Rdc x ------- dt dt rated
0
T
2
The temperature is measured in unloaded (Tamb) and maximum loaded condition (Tc). The temperature rise is given by T = T c - T amb . To avoid radiation or convection, the capacitor should be tested in a wind-free box.
T is the pulse duration. 4. The maximum component surface temperature rise must be lower than the limits in Fig.26. 5. The maximum component surface temperature must be lower than 100 C. 6. The capacitance drift is influenced by the soldering conditions (see section "Soldering conditions" for more details).
2002 Oct 09
26
BCcomponents
Product specification
Polypropylene film foil capacitors
MARKING Product marking The capacitors are marked in black ink with the following information: 1. Rated capacitance code in accordance with "IEC 60062" 2. Tolerance on rated capacitance: F = 1%; G 2%; J = 5% 3. Rated (DC) voltage (e.g. 63 V) 4. Code for dielectric material (KP) 5. Production date code in accordance with "IEC 60062; clause 5" 6. Manufacturer. MARKING EXAMPLE 8n2 G 63 KPK2 (see Table 2) BC.
KP 460 to 464
Table 2
Letter codes for year and numbers for month of production YEAR 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 LETTER CODE K L M N P R S T U V W X MONTH January February March April May June July August September October November December CODE 1 2 3 4 5 6 7 8 9 O N D
2002 Oct 09
27
BCcomponents
Product specification
Polypropylene film foil capacitors
Package marking The package containing the capacitors is marked as shown in Fig.28.
KP 460 to 464
Barcode label marking LINE 1 2 3 4 5 6 7 MARKING EXPLANATION Manufacturer's name Country of origin Sub-family Type description Capacitance value, tolerance, voltage and climatic category ("IEC 60068-1") - Preference origin code: A Country of origin in code: 170 (Belgium) Responsible production centre: HQ Work order: WO Product type description Quantity and production period, year and week code Product code (12NC)
8 9 10
Fig.28 Barcode label.
2002 Oct 09
28
BCcomponents
Product specification
Polypropylene film foil capacitors
QUICK REFERENCE TEST REQUIREMENTS TEST Robustness of leads Tensile: "IEC 60068-2-21" Bending: "IEC 60068-2-21" Torsion: Resistance to soldering heat: "IEC 60068-2-20" Component solvent resistance Robustness of component Vibration: "IEC 60068-2-6" Shock: "IEC 60068-2-27" Climatic sequence Dry heat: "IEC 60068-2-2" Damp heat, cyclic, test Db, first cycle: "IEC 60068-2-30" Cold: "IEC 60068-2-1" Damp heat, cyclic, test Db, remaining cycles: "IEC 60068-2-30" Other applicable tests Damp heat, steady state: "IEC 60068-2-3" Endurance (DC): "IEC 60384-13" Variation of capacitance with temperature: "IEC 60384-13" Heat storage: "IEC 60384-13" Resistance to soldering heat with preheating: "IEC 60384-13" 56 days; 40 C; 90 to 95% RH 2 hours; -40 C 16 hours; 100 C 10 to 55 Hz; amplitude 0.75 mm or acceleration 98 m/s2; 6 hours half sinewave; 490 m/s2; 11 ms load 10 N; 10 s load 5 N; 4 x 90 2 x 180 solder bath: 260 C; 5 s isopropyl alcohol; 23 C; 5 minutes PROCEDURE (quick reference)
KP 460 to 464
REQUIREMENTS
no visible damage legible marking C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF)
C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) Rins 50% of specified value
C/C 1% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) Rins 50% of specified value
C/C 1% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) Rins 50% of specified value C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) Rins 100% of specified value C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) Rins 10000 M C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF) C/C 2% +1 pF (C 1100 pF) C/C 1% (C > 1100 pF)
1000 hours; 1.5 x URdc; 85 C 1.05 x URdc; 100 C static method; one cycle
1000 hours; 100 C body temperature: 100 C; bath temperature: 260 C; dwell time: 5 s
2002 Oct 09
29


▲Up To Search▲   

 
Price & Availability of KP46002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X