Part Number Hot Search : 
ST62T00C 1N4448W MT26310 CLV1050E TG40E60 AD836 HPR120W AL5DA142
Product Description
Full Text Search
 

To Download KBP2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP200 - KBP2010
2.0A BRIDGE RECTIFIER
Features
! ! ! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards UL Recognized File # E157705 L A
KBP Dim Min Max A 14.22 15.24 B 10.67 11.68 C 15.2 -- D 4.57 5.08 E 3.60 4.10 G 2.16 2.67 H 0.76 0.86 I 1.52 -- J 11.68 12.7 K 12.7 -- L 3.2 x 45 Typical All Dimensions in mm
B +~
~ -
J
C
K H E G I
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 1.7 grams (approx.) Mounting Position: Any Marking: Type Number
D
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBP 200 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1)
Symbol VRRM VRWM VR VR(RMS) IO
KBP 201 100 70
KBP 202 200 140
KBP 204 400 280 2.0
KBP 206 600 420
KBP 208 800 560
KBP 2010 1000 700
Unit
V V A
@TA = 50C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Rating for Fusing (t<8.3ms) Typical Junction Capacitance per element (Note 2) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range @IF = 2.0A @TA = 25C @TA = 100C
IFSM VFM IRM I2t Cj RJA Tj, TSTG
60 1.1 10 500 15 25 30 -55 to +165
A V A A2s pF K/W C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
Web Site: WWW.PS-PFS.COM
2.0
IO, AVERAGE RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FWD CURRENT (A)
10
1.5
TJ = 150C TJ = 25C
1.0
1.0
0.1
0.5
Pulse Width = 300 s
0 0 75 150 225
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
T, TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics
100
100
Tj = 150c Single Half Sine Wave (JEDEC Method)
Tj = 25C f = 1MHz
IFSM , PEAK FWD SURGE CURRENT (A)
80
60
Cj, JUNCTION CAPACITANCE (pF)
10
40
20
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (mA)
10,000
1000
Tj = 150C
100
Tj = 125C Tj = 100C
10
1.0
Tj = 25C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of KBP2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X