Part Number Hot Search : 
TDA74 AN440 68HC908 25C103 18330451 UPC1470H BRF10100 BGU7062
Product Description
Full Text Search
 

To Download ISL631507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6315
Data Sheet July 18, 2007 FN9222.1
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
The ISL6315 two-phase PWM control IC provides a precision voltage regulation system for advanced loads up to 60A to 80A. Multiphase power conversion is a marked departure from single phase converter configurations employed to satisfy the increasing current demands of modern microprocessors and other electronic circuits. By distributing the power and load current, implementation of multiphase converters utilize smaller and lower cost transistors with fewer input and output capacitors. These reductions accrue from the higher effective conversion frequency with higher frequency ripple current due to the phase interleaving process of this topology. Outstanding features of this controller IC include programmable VID codes compatible with Intel VRM9, VRM10, as well as AMD's Hammer microprocessors, along with a system regulation accuracy of 1%. The ISL6315, though, does not intrinsically allow for load-line regulation (no droop). Important features of this controller IC include a set of sophisticated overvoltage and overcurrent protection. Overvoltage results in the converter turning the lower MOSFETs ON to clamp the rising output voltage and protect the microprocessor. Like other Intersil multiphase controllers, the ISL6315 uses cost and space-saving rDS(ON) sensing for channel current balance and overcurrent protection. Channel current balancing is automatic and accurate with the integrated current-balance control system. Overcurrent protection can be tailored to any application with no need for additional parts. These features provide intelligent protection for modern power systems.
Features
* Integrated Two-Phase Power Conversion * 5V to 12V Input Voltage Conversion * Precision Channel Current Sharing - Loss-Less Current Sampling - Uses rDS(ON) * Precision Output Voltage Regulation - 1% System Accuracy Over-Temperature (Commercial) * Microprocessor Voltage Identification Inputs - Up to a 6-Bit DAC - Selectable between Intel's VRM9, VRM10, or AMD's Hammer DAC codes * Fast Transient Recovery Time * Overcurrent Protection * Pre-Biased Output Start-up Operation * Sources and Sinks Output Current - Bus Termination Applications * Improved, Multi-tiered Overvoltage Protection * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile * Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL6315 (24 LD QFN) TOP VIEW
UGATE1 19 18 PHASE1 17 LGATE1 25 GND 16 PVCC 15 LGATE2 14 PGND 13 PHASE2 7 ISEN 8 VCC 9 OFS 10 SSEND 11 BOOT2 12 UGATE2 BOOT1 20
PART NUMBER ISL6315CR* ISL6315CRZ* (Note) ISL6315IRZ* (Note)
PART MARKING
TEMP. (C)
PACKAGE
PKG. DWG. #
VID1 VID0 DACSEL/VID5 1 2 3 4 5 6
24
23
22
21
ISL6315CR 0 to +70 24 Ld 4x4 QFN L24.4x4B 6315CRZ 6315IRZ 0 to +70 24 Ld 4x4 QFN L24.4x4B (Pb-free) -40 to +85 24 Ld 4x4 QFN L24.4x4B (Pb-free)
VRM10 COMP FB
*Add "-T" or "-TK" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. **Contact Factory for Availability.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2006-2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ENLL
VID2
VID3
VID4
Ordering Information
Block Diagram
SSEND OVP WHILE DISABLED 1.65V/1.95V + ENLL VCC PVCC BOOT1
POWER-ON OVP OSCILLATOR RESET (POR) GATE CONTROL
UGATE1
2
+ 200mV COMP VID0 VID1 VID2 VID3 VID4 DACSEL/VID5 VRM10 + OC TTL D/A CONVERTER (VID DAC) EA SOFT-START AND FAULT LOGIC
PHASE1
LGATE1
PWM1
PGND
ISL6315
CONTROL LOGIC BOOT2

PWM2 UGATE2
FB CURRENT CORRECTION OFFSET SOURCE GND
GATE CONTROL
PHASE2
LGATE2
2
OFS
ISEN
FN9222.1 July 18, 2007
ISL6315 Simplified Power System Diagram
+5VIN
Q1
CHANNEL1 Q2 5-6 VID DAC VOUT
Q3 CHANNEL2
ISL6315
Q4
Typical Application
+12VIN LIN +5VIN CF2 CF1 VCC DACSEL/VID12 VID4 VID3 VID2 VID1 VID0 VRM10 LGATE1 RISEN ISEN BOOT2 R'OFS SSEND ENLL OFS ROFS UGATE2 VOUT CBOOT2 CHFIN2 Q3 CBIN2 CHFOUT CBOUT Q2 PHASE1 LOUT1 UGATE1 PVCC BOOT1 CBOOT1 Q1 CHFIN1 CBIN1
ISL6315
PHASE2 COMP C2 C1 R2 LGATE2 PGND FB R1 GND Q4 LOUT2
3
FN9222.1 July 18, 2007
ISL6315
Absolute Maximum Ratings
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . -0.3V to +6.25V Absolute Boot Voltage, VBOOT . . . . . PGND - 0.3V to PGND + 27V Phase Voltage, VPHASE . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V Lower Gate Voltage, VLGATE. . . . . . . . PGND - 0.3V to VCC + 0.3V Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V ESD Classification . . . . . . . . . . . . . . . . . . HBM Class 1 JEDEC STD
Thermal Information
Thermal Resistance JA (C/W) JC (C/W) QFN Package (Notes 1, 2). . . . . . . . . . 45 7.5 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5% Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER
Test Conditions: VCC = 5V, TJ = 0C to +85C, Unless Otherwise Specified TEST CONDITIONS MIN TYP MAX UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR Input Bias Supply Current VCC POR (Power-On Reset) Threshold IVCC; ENLL = high VCC Rising VCC Falling PVCC POR (Power-On Reset) Threshold PVCC Rising PVCC Falling Switching Frequency (per channel) TJ = +25C to +85C TJ = -40C Oscillator Ramp Amplitude Maximum Duty Cycle (Note 3) CONTROL THRESHOLDS ENLL Rising Threshold ENLL Falling Threshold REFERENCE AND DAC System Accuracy TJ = -40C to +85C DAC Input Low Voltage DAC Input High Voltage DAC Input Pull-Up Current ERROR AMPLIFIER DC Gain (Note 3) Gain-Bandwidth Product (Note 3) Slew Rate (Note 3) Maximum Output Voltage Minimum Output Voltage OVERCURRENT PROTECTION Overcurrent Trip Level 72 95 115 A RL = 10k to ground CL = 100pF, RL = 10k to ground CL = 100pF, Load = 400A Load = 1mA Load = -1mA 3.90 96 20 8 4.20 0.80 0.90 dB MHz V/s V V VIDx = 0V -1 -1.5 0.8 45 1 1.5 0.4 % % V V A 0.645 0.567 V mV VP-P 4.2 3.7 189 166 4 4.4 3.9 4.3 3.3 222 205 1.33 67 6 4.6 4.1 255 241 mA V V V V kHz kHz V %
4
FN9222.1 July 18, 2007
ISL6315
Electrical Specifications
PARAMETER PROTECTION Overvoltage Threshold while IC Disabled VRM9.0 configuration Hammer and VRM10.0 configurations Overvoltage Threshold Overvoltage Hysteresis SWITCHING TIME UGATE Rise Time (Note 3) LGATE Rise Time (Note 3) UGATE Fall Time (Note 3) LGATE Fall Time (Note 3) UGATE Turn-On Non-overlap (Note 3) LGATE Turn-On Non-overlap (Note 3) OUTPUT Upper Drive Source Resistance Upper Drive Sink Resistance Lower Drive Source Resistance Lower Drive Sink Resistance NOTES: 3. Limits should be considered typical and are not production tested. 100mA Source Current 100mA Sink Current 100mA Source Current 100mA Sink Current 1.0 1.0 1.0 0.4 2.5 2.5 2.5 1.0 tRUGATE; VVCC = 5V, 3nF Load tRLGATE; VVCC = 5V, 3nF Load tFUGATE; VVCC = 5V, 3nF Load tFLGATE; VVCC = 5V, 3nF Load tPDHUGATE; VVCC = 5V, 3nF Load tPDHLGATE; VVCC = 5V, 3nF Load 8 8 8 4 8 8 ns ns ns ns ns ns FB Rising 1.90 1.60 1.95 1.65 VID +200mV 100 2.00 1.70 V V V mV Test Conditions: VCC = 5V, TJ = 0C to +85C, Unless Otherwise Specified (Continued) TEST CONDITIONS MIN TYP MAX UNITS
Timing Diagram
tPDHUGATE tRUGATE tFUGATE
UGATE LGATE
tFLGATE tPDHLGATE
tRLGATE
Functional Pin Description
VCC (Pin 8)
Bias supply for the IC's small-signal circuitry. Connect this pin to a 5V supply and locally decouple using a quality 0.1F ceramic capacitor.
GND and PGND (Pins 25 and 14)
Connect these pins to the circuit ground using the shortest possible paths. All internal small-signal circuitry is referenced to the GND pin. LGATE drive is referenced to the PGND pin.
PVCC (Pin 16)
Power supply pin for the MOSFET drives. Connect this pin to a 5V supply and locally decouple using a quality 1F ceramic capacitor.
VID0-4 (Pins 2, 1, 24-22)
Voltage identification inputs from microprocessor. These pins respond to TTL logic thresholds. The ISL6315 decodes the VID inputs to establish the output voltage; see VID Tables for correspondence between DAC codes and output voltage settings. These pins are internally pulled high, to approximately 1.2V, by 40A (typically) internal current
FN9222.1 July 18, 2007
5
ISL6315
sources; the internal pull-up current decrease to 0 as the VID voltage approaches the internal pull-up voltage. All VID pins are compatible with external pull-up voltages not exceeding the IC's bias voltage.
UGATE1, 2 (Pins 19, 12)
Connect these pins to the upper MOSFETs' gates. These pins are used to control the upper MOSFETs and are monitored for shoot-through prevention purposes. Maximum individual channel duty cycle is limited to 66%.
DACSEL/VID5 (Pin 3)
If VRM10 pin is grounded, DACSEL/VID5 represents the 6th voltage identification input from the VRM10-compliant microprocessor, otherwise known as VID5. If VRM10 pin is open or pulled high, DACSEL/VID5 selects the compliance standard for the internal DAC: pulled to ground it encodes the DAC with AMD Hammer VID codes, while left open or pulled high, it encodes the DAC with Intel VRM9.0 codes.
BOOT1, 2 (Pins 20, 11)
These pins provide the bias voltage for the upper MOSFETs' drives. Connect these pins to appropriately-chosen external bootstrap capacitors. Internal bootstrap diodes connected to the PVCC pins provide the necessary bootstrap charge.
PHASE1, 2 (Pins 18, 13)
Connect these pins to the sources of the upper MOSFETs. These pins are the return path for the upper MOSFETs' drives.
VRM10 (Pin 4)
This pin selects VRM10.0 DAC compliance when grounded. Left open, it allows selection of either VRM9.0 or Hammer DAC compliance via DACSEL pin.
LGATE1, 2 (Pins 17, 15)
These pins are used to control the lower MOSFETs and are monitored for shoot-through prevention purposes. Connect these pins to the lower MOSFETs' gates.
ENLL (Pin 21)
This pin is a precision-threshold (approximately 0.6V) enable pin. Held low, this pin disables controller operation. Pulled high, the pin enables the controller for operation.
OFS (Pin 9)
This pin is used to create an adjustable output voltage offset. For no offset, leave this pin open. For negative offset, connect a R'OFS resistor from this pin to VCC and size it according to the following equation:
1500 R OFS = R 1 x -------------------------V (EQ. 2)
FB and COMP (Pins 6, 5)
The internal error amplifier's inverting input and output respectively. These pins are connected to the external network used to compensate the regulator's feedback loop. An internal current source injects the offset (OFS) current sampled into the FB pin. Pulling COMP to ground through an impedance lower than 15 disables the controller (same effect as ENLL pulled low).
OFFSET
where: VOFFSET = desired output voltage offset magnitude (mV) For positive output voltage offset, connect a ROFS resistor from this pin to GND, sizing it according to the following equation:
500 R OFS = R 1 x -------------------------V
OFFSET
ISEN (Pin 7)
This pin is used to close the current-balance loop and set the overcurrent protection threshold. A resistor connected between this pin and VCC has a voltage drop forced across it equal to that sampled across the lower MOSFET's rDS(ON) during approximately the middle of its conduction interval. The resulting current through this resistor is used for channel current balancing and overcurrent protection. The voltage across the RISEN resistor is time multiplexed between the two channels. Use the following equation to select the proper RISEN resistor:
r DS ( ON )MAX x I OUT R ISEN = -----------------------------------------------------95A (EQ. 1)
(EQ. 3)
For more information, refer to the `Output Voltage Offset Programming' paragraph.
SSEND (Pin 10)
This pin is an end of Soft-Start (SS) indicator; open drain output device stays ON during soft-start, and goes open when soft-start ends.
where: rDS(ON)MAX = lower MOSFET's highest drain-source ON resistance (; include temperature effects) IOUT = channel maximum output current (A) Read "Channel Balance Current Loop" on page 7 paragraph for more information.
6
FN9222.1 July 18, 2007
ISL6315 Operation
The ISL6315 employs simple voltage-mode control. Figure 1 shows a simplified diagram of the voltage regulation and current balance loops. Voltage feedback is used to precisely regulate the output voltage, while current feedback tightly controls the individual channel currents, IL1 and IL2, and trips the OC protection, if so necessary. VOLTAGE LOOP Feedback from the output voltage is applied via resistor R1 to the inverting input of the Error Amplifier. This signal can drive the Error Amplifier output either high or low, depending upon the output voltage. Low output voltage makes the amplifier output move towards a higher output voltage level. Amplifier output voltage is applied to the positive inputs of the PWM Circuit comparators via the channel current correction summing networks. Out-of-phase sawtooth signals are applied to the two PWM comparators inverting inputs. Increasing Error Amplifier voltage results in increased Comparator output duty cycle. This increased duty cycle signal is passed through the output drivers with no phase reversal to drive the external upper MOSFETs. Increased duty cycle or ON time for the upper MOSFET transistors results in increased output voltage to compensate for the low output voltage sensed. CHANNEL BALANCE CURRENT LOOP The current balance control loop works in a similar fashion to the voltage control loop, but with current control information applied individually to each channel's PWM circuit. The information used for this control is the voltage that is developed across the rDS(ON) of each lower MOSFET, while they are conducting. A single resistor converts and scales the voltage across the MOSFETs to a current that is applied to the Current Sensing circuit within the ISL6315. Output from these sensing circuits is applied to the current averaging circuit. Each PWM channel receives the difference current signal from the summing circuit that compares the average sensed current to the individual channel current. When a power channel's current is greater than the average current, the signal applied via the summing Correction circuit to the Comparator, reduces the output pulse width of the Comparator to compensate for the detected "above average" current in that channel. MULTIPHASE POWER CONVERSION Multiphase power conversion provides a cost-effective power solution when load currents are no longer easily supported by single-phase converters. Although its greater complexity presents additional technical challenges, the multiphase approach offers cost-saving advantages with improved response time, superior ripple cancellation, and thermal distribution.
DAC & REFERENCE
OSCILLATOR
VIN
UGATE1 COMP

ERROR AMP
PWM CIRCUIT
HALF-BRIDGE DRIVE LGATE1
R2 L1 C2 PWM CIRCUIT HALF-BRIDGE DRIVE PHASE1 VOUT VIN L2 UGATE2 AVERAGE COUT
FB
CURRENT SENSE
R1
CURRENT SENSE
LGATE2
PHASE2 ISEN ISL6315 RISEN VCC
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE ISL6315 VOLTAGE AND CURRENT FEEDBACK
7
FN9222.1 July 18, 2007
ISL6315
INTERLEAVING The switching of each channel in a ISL6315-based converter is timed to be symmetrically out of phase with the other channel. As a result, the two-phase converter has a combined ripple frequency twice the frequency of one of its phases. In addition, the peak-to-peak amplitude of the combined inductor currents is proportionately reduced. Increased ripple frequency and lower ripple amplitude generally translate to lower per-channel inductance and lower total output capacitance for a given set of performance specifications. the designer to use fewer or less costly output capacitors (should output ripple be an important design parameter).
( V IN - N V OUT ) V OUT I P-P = ------------------------------------------------------------------L fS V
IN
(EQ. 5)
CIN CURRENT
IL1 + IL2
Q1 D-S CURRENT
IL2 PWM2 IL1 PWM1
Q3 D-S CURRENT
FIGURE 3. INPUT CAPACITOR CURRENT AND INDIVIDUAL CHANNEL CURRENTS IN A 2-PHASE CONVERTER
FIGURE 2. PWM AND INDUCTOR-CURRENT WAVEFORMS FOR 2-PHASE CONVERTER
Figure 2 illustrates the additive effect on output ripple frequency. The two channel currents (IL1 and IL2), combine to form the AC ripple current and the DC load current. The ripple component has two times the ripple frequency of each individual channel current. To understand the reduction of ripple current amplitude in the multiphase circuit, examine the equation representing an individual channel's peak-to-peak inductor current.
( V IN - V OUT ) V OUT I L, P-P = --------------------------------------------------------L fS V
IN
Another benefit of interleaving is the reduction of input ripple current. Input capacitance is determined in a large part by the maximum input ripple current. Multiphase topologies can improve overall system cost and size by lowering input ripple current and allowing the designer to reduce the cost of input capacitance. The example in Figure 3 illustrates input currents from a two-phase converter combining to reduce the total input ripple current. Figure 12, part of the section entitled "Input Capacitor Selection" on page 18, can be used to determine the inputcapacitor RMS current based on load current and duty cycle. The figure is provided as an aid in determining the optimal input capacitor solution. PWM OPERATION One switching cycle for the ISL6315 is defined as the time between consecutive PWM pulse terminations (turn-off of the upper MOSFET on a channel). Each cycle begins when a switching clock signal commands the upper MOSFET to go off. The other channel's upper MOSFET conduction is terminated 1/2 of a cycle later. Once a channel's upper MOSFET is turned off, the lower MOSFET remains on for a minimum of 1/3 cycle. This forced off time is required to assure an accurate current sample. Following the 1/3-cycle forced off time, the controller enables the upper MOSFET output. Once enabled, the upper MOSFET output transitions high when the sawtooth signal crosses the adjusted error-amplifier output signal, as
(EQ. 4)
VIN and VOUT are the input and output voltages, respectively, L is the single-channel inductor value, and fS is the switching frequency. The output capacitors conduct the ripple component of the inductor current. In the case of multiphase converters, the capacitor current is the sum of the ripple currents from each of the individual channels. Peak-to-peak ripple current, IP-P, decreases by an amount proportional to the number of channels. Output-voltage ripple is a function of capacitance, capacitor equivalent series resistance (ESR), and inductor ripple current. Reducing the inductor ripple current allows
8
FN9222.1 July 18, 2007
ISL6315
illustrated in the ISL6315's block diagram. Just prior to the upper drive turning the MOSFET on, the lower MOSFET drive turns the freewheeling element off. The upper MOSFET is kept on until the clock signals the beginning of the next switching cycle and the PWM pulse is terminated. CURRENT SENSING ISL6315 senses current by sampling the voltage across the lower MOSFET during its conduction interval. MOSFET rDS(ON) sensing is a no-added-cost method to sense current for channel current balance and overcurrent protection. The PHASE pins are used as inputs for each channel. Internal circuitry samples the lower MOSFETs' rDS(ON) voltage, once each cycle, during their conduction periods and time multiplexes the sampled voltages across the ISEN resistor. The current that is thus developed through the ISEN resistor is duplicated and used for channel current balancing and overcurrent detection. CHANNEL-CURRENT BALANCE Another benefit of multiphase operation is the thermal advantage gained by distributing the dissipated heat over multiple devices and greater area. By doing this, the designer avoids the complexity of driving multiple parallel MOSFETs and the expense of using expensive heat sinks and exotic magnetic materials. In order to fully realize the thermal advantage, it is important that each channel in a multiphase converter be controlled to deliver about the same current at any load level. Intersil multiphase controllers ensure current balance by comparing each channel's current to the average current delivered by all channels and making appropriate adjustments to each channel's pulse width based on the error. The error signal modifies the pulse width to correct any unbalance and force the error toward zero. OVERCURRENT PROTECTION The individual channel currents, as sensed via the PHASE pins and scaled via the ISEN resistor, are continuously monitored and compared with an internal 95A reference current. If both channels' currents exceed, at any time, the reference current, the overcurrent comparator triggers an overcurrent event. Similarly, an OC event is also triggered if either channel's current exceeds the 95A reference for 7 consecutive switching cycles. As a result of an OC event, output drives on both channels turn off both upper and lower MOSFETs. The system then waits in this state for a period of 4096 switching clock cycles. The wait period is followed by a soft-start attempt. If the softstart attempt is successful, operation continues as normal. Should the soft-start attempt fail, the ISL6315 repeats the 2048-cycle wait period and follows with another soft-start attempt. This hiccup mode of operation continues indefinitely (as depicted in Figure 4) for as long as the controller is enabled or until the overcurrent condition is removed. 9
OUTPUT VOLTAGE
OUTPUT CURRENT
FIGURE 4. OVERCURRENT BEHAVIOR IN HICCUP MODE
OFFSET VOLTAGE PROGRAMMING The OFS pin allows a user to program a small positive or negative offset into the output voltage setting normally determined by the 5-bit DAC. The offset input was designed for small offset magnitudes, generally no larger than +/-100mV. As the offset is created by injecting a current into the FB pin, its magnitude is independent of the DAC setting and the offset of the output voltage is not detected by the internal monitoring blocks. In effect, offset shifts the response level for OVP protection: for example, a -50mV offset will cause the operating OVP threshold to be reached when the output voltage reaches 150mV above the DAC-set output voltage, instead of 200mV as it would be the case with no offset programmed. The equation presented in the OFS pin description holds true even if a resistor divider is used at the FB to raise the output voltage to a level above that set by the DAC. OUTPUT VOLTAGE SETTING The ISL6315 uses a digital to analog converter (DAC) to generate a reference voltage based on the logic signals at the VID pins. The DAC decodes the 5 or 6-bit logic signals into one of the discrete voltages shown in Tables 1 through 3. Each VID pin is pulled up to an internal 1.2V voltage by weak current sources (about 45A current, decreasing to 0 as the voltage at the VID pins varies from 0 to the internal 1.2V pull-up voltage). External pull-up resistors or active-high output stages can augment the pull-up current sources, up to a voltage of 5V. The ISL6315 accommodates three different DAC ranges: Intel VRM9.0, AMD Hammer, or Intel VRM10.0 - see "Functional Pin Description" on page 5 for proper connections for desired DAC range compatibility.
.
FN9222.1 July 18, 2007
ISL6315
TABLE 1. AMD HAMMER VOLTAGE IDENTIFICATION CODES VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 VDAC Off 0.800 0.825 0.850 0.875 0.900 0.925 0.950 0.975 1.000 1.025 1.050 1.075 1.100 1.125 1.150 1.175 1.200 1.225 1.250 1.275 1.300 1.325 1.350 1.375 1.400 1.425 1.450 1.475 1.500 1.525 1.550 TABLE 2. VRM9 VOLTAGE IDENTIFICATION CODES VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 VDAC Off 1.100 1.125 1.150 1.175 1.200 1.225 1.250 1.275 1.300 1.325 1.350 1.375 1.400 1.425 1.450 1.475 1.500 1.525 1.550 1.575 1.600 1.625 1.650 1.675 1.700 1.725 1.750 1.775 1.800 1.825 1.850
10
FN9222.1 July 18, 2007
ISL6315
TABLE 3. VRM10 VOLTAGE IDENTIFICATION CODES VID4 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VID3 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 VID1 1 1 1 0\ 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID0 1 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID5 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 VDAC Off Off 0.8375 0.8500 0.8625 0.8750 0.8875 0.9000 0.9125 0.9250 0.9375 0.9500 0.9625 0.9750 0.9875 1.0000 1.0125 1.0250 1.0375 1.0500 1.0625 1.0750 1.0875 1.1000 1.1125 1.1250 1.1375 1.1500 1.1625 1.1750 1.1875 1.2000 1.2125 1.2250 1.2375 1.2500 1.2625 1.2750 1.2875 1.300 1.3125 1.3250 1.3375 1.3500 1.3625 FIGURE 5. TYPICAL DYNAMIC-VID OPERATION, VRM9 DAC SETTING
1.5V VOUT (100mV/div) 1.5V VREF (100mV/div) 01110 00110 VVID VID CHANGE OCCURS HERE
TABLE 3. VRM10 VOLTAGE IDENTIFICATION CODES (Continued) VID4 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 VID3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 VID2 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 VID1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 VID0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 VID5 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VDAC 1.3750 1.3875 1.4000 1.4125 1.4250 1.4375 1.4500 1.4625 1.4750 1.4875 1.5000 1.5125 1.5250 1.5375 1.5500 1.5625 1.5750 1.5875 1.6000
DYNAMIC VID (VID-ON-THE-FLY) The ISL6315 is capable of executing on-the-fly output voltage changes. The way the ISL6315 reacts to a change in the VID code is dependent on the VID configuration. In VRM9 or AMD Hammer settings, the ISL6315 checks for a change in the VID code four times each switching cycle. The VID code is the bit pattern present at pins VID4-VID0. If a new code is established and it stays the same for 12 switching cycles, the ISL6315 begins changing the reference by making one step change every four switching cycles until it reaches the new VID code. Figure 5 depicts such a transition, from 1.5V to 1.7V.
11
FN9222.1 July 18, 2007
ISL6315
In VRM10 setting, the ISL6315 checks for a change in the VID code six times each switching cycle. If a new code is established and it stays the same for 3 consecutive readings, the ISL6315 recognizes the change and increments the reference. Specific to VRM10, the processor controls the VID transitions and is responsible for incrementing or decrementing one VID step at a time. In VRM10 setting, the ISL6315 will immediately change the reference to the new requested value as soon as the request is validated; in cases where the reference step is too large, the sudden change can trigger overcurrent or overvoltage events. In non-VRM10 settings, due to the way the ISL6315 recognizes VID code changes, up to one full switching period may pass before a VID change registers. Thus, the total time required for a VID change, tDVID, is dependent on the switching frequency (fS), the size of the change (VID), and the time required to register the VID change. The approximate time required for a ISL6315-based converter in VRM9 configuration running at typical fS (222kHz) to perform a 1.5V to 1.7V reference voltage change is about 196s, as calculated using the following equation (this example is also illustrated in Figure 5).
1 4 V VID t DVID ---- -------------------- + 13 f S 0.025 (EQ. 6)
POR CIRCUIT
In any of the described post-POR functionality, OVP results in the turn-on of the lower MOSFETs. Once turned on, the lower MOSFETs are only turned off when the output voltage drops below the OV comparator's hysteretic threshold. The OVP process repeats if the voltage rises back above the designated threshold. The occurrence of an OVP event does not latch the controller; should the phenomenon be transitory, the controller resumes normal operation following such an event. ON/OFF CONTROL The internal power-on reset circuit (POR) prevents the ISL6315 from starting before the bias voltage at VCC and PVCC reach the rising POR thresholds, as defined in Electrical Specifications. The POR levels are sufficiently high to guarantee that all parts of the ISL6315 can perform their functions properly once bias is applied to the part. While bias is below the rising POR thresholds, the controlled MOSFETs are kept in an off state.
ISL6315 EXTERNAL CIRCUIT +5V +12V VCC ENABLE COMPARATOR + ENLL 0.61V 1k OFF ON
15k
OVERVOLTAGE PROTECTION The ISL6315 benefits from a multi-tiered approach to overvoltage protection. A pre-POR mechanism is at work while the chip does not have sufficient bias voltage to initiate an active response to an OV situation. Thus, while VCC is below its POR level, the lower drives are three-stated and internal 5k (typically) resistors are connected from PHASE to their respective LGATE pins. As a result, output voltage, duplicated at the PHASE nodes via the output inductors, is effectively clamped at the lower MOSFETs' threshold level. This approach ensures no catastrophic output voltage can be developed at the output of an ISL6315-based regulator (for most typical applications). The pre-POR mechanism is removed once the bias is above the POR level, and a fixed-threshold OVP goes into effect. Based on the specific chip configuration, the OVP goes into effect once the voltage sensed at the FB pin exceeds about 1.65V (Hammer/VR10) or 1.95V (VR9 configuration). Should the output voltage exceed these thresholds, the lower MOSFETs are turned on. During soft-start, the OVP threshold changes to the higher of the fixed threshold (1.65V/1.95V) or the DAC setting plus 200mV. At the end of the soft-start, the OVP threshold changes to the DAC setting plus 200mV.
FIGURE 6. START-UP COORDINATION USING THRESHOLDSENSITIVE ENABLE (ENLL) PIN
A secondary disablement feature is available via the threshold-sensitive enable input (ENLL). This optional feature prevents the ISL6315 from operating until a certain other voltage rail is available and above some selectable threshold. For example, when down-converting off a 12V input, it may be desirable the ISL6315-based converter does not start up until the power input is sufficiently high. The schematic in Figure 6 demonstrates coordination of the ISL6315 with such a rail; the resistor components are chosen to enable the ISL6315 as the 12V input exceeds approximately 9.75V. Additionally, an open-drain or opencollector device can be used to wire-AND a second (or multiple) control signal, as shown in Figure 6. To defeat the threshold-sensitive enable, connect ENLL to VCC directly or via a pull-up resistor. The `11111' VID code is reserved as a signal to the controller that no load is present. The controller is disabled while receiving this VID code and will subsequently start up upon receiving any other code.
12
FN9222.1 July 18, 2007
ISL6315
In summary, for the ISL6315 to operate, the following conditions need be met: VCC and PVCC must be greater than their respective POR thresholds, the voltage at ENLL must be greater than 0.61V, and VID has to be different than `11111'. Once all these conditions are met, the controller immediately initiates a soft start sequence. SOFT-START The soft-start function allows the converter to bring up the output voltage in a controlled fashion, resulting in a linear ramp-up. Following a delay of 16 PHASE clock cycles (about 70s) between enabling the chip and the start of the ramp, the output voltage progresses at a fixed rate of 12.5mV per 16 PHASE clock cycles. Thus, the soft-start period (not including the 70s wait) up to a given voltage, VDAC, can be approximated by the following equation
V DAC 1280 T SS = --------------------------------fS (EQ. 7)
OSCILLATOR VIN PWM CIRCUIT VOSC L VOUT C2
FREQUENCY COMPENSATION The ISL6315 multiphase converter behaves in a similar manner to a voltage-mode controller. This section highlights the design consideration for a voltage-mode controller requiring external compensation. To address a broad range of applications, a type-3 feedback network is recommended.
COMP
R2
C1
R3
C3
FB E/A + VREF R1
where VDAC is the DAC-set VID voltage, and fS is the switching frequency (typically 222kHz). The ISL6315 also has the ability to start up into a pre-charged output, without causing any unnecessary disturbance. The FB pin is monitored during soft-start, and should it be higher than the equivalent internal ramping reference voltage, the output drives hold both MOSFETs off. Once the internal ramping reference exceeds the FB pin potential, the output drives are enabled, allowing the output to ramp from the pre-charged level to the final level dictated by the DAC setting. Should the output be pre-charged to a level exceeding the DAC setting, the output drives are enabled at the end of the soft-start period, leading to an abrupt correction in the output voltage down to the DAC-set level.
UGATE HALF-BRIDGE DRIVE
D
PHASE
C E
LGATE
ISL6315
EXTERNAL CIRCUIT
FIGURE 8. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN
OUTPUT PRECHARGED ABOVE DAC LEVEL
OUTPUT PRECHARGED BELOW DAC LEVEL
GND>
VOUT (0.5V/DIV)
Figure 8 highlights the voltage-mode control loop for a synchronous-rectified buck converter, applicable, with a small number of adjustments, to the multiphase ISL6315 circuit. The output voltage (VOUT) is regulated to the reference voltage, VREF, level. The error amplifier output (COMP pin voltage) is compared with the oscillator (OSC) modified saw-tooth wave to provide a pulse-width modulated wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (L and C). The output filter capacitor bank's equivalent series resistance is represented by the series resistor E. The modulator transfer function is the small-signal transfer function of VOUT /VCOMP. This function is dominated by a DC gain, given by dMAXVIN /VOSC , and shaped by the output filter, with a double pole break frequency at FLC and a zero at FCE . For the purpose of this analysis, L and D represent the individual channel inductance and its DCR divided by 2 (equivalent parallel value of the two output inductors), while C
GND>
ENLL (5V/DIV)
T1 T2
T3
FIGURE 7. SOFT-START WAVEFORMS FOR ISL6315-BASED MULTIPHASE CONVERTER
13
FN9222.1 July 18, 2007
ISL6315
and E represents the total output capacitance and its equivalent series resistance.
1 F LC = --------------------------2 L C 1 F CE = ----------------------2 C E
frequency response of the modulator (GMOD), feedback compensation (GFB) and closed-loop response (GCL):
(EQ. 8) d MAX V IN 1 + s(f) E C G MOD ( f ) = ----------------------------- ---------------------------------------------------------------------------------------2 V OSC 1 + s(f) (E + D) C + s (f) L C 1 + s ( f ) R2 C1 G FB ( f ) = ----------------------------------------------------- s ( f ) R1 ( C1 + C2 ) 1 + s ( f ) ( R1 + R3 ) C3 ---------------------------------------------------------------------------------------------------------------------------C1 C2 ( 1 + s ( f ) R3 C3 ) 1 + s ( f ) R2 --------------------- C1 + C2 G CL ( f ) = G MOD ( f ) G FB ( f ) where, s ( f ) = 2 f j (EQ. 13)
The compensation network consists of the error amplifier (internal to the ISL6315) and the external R1-R3, C1-C3 components. The goal of the compensation network is to provide a closed loop transfer function with high 0dB crossing frequency (F0; typically 0.1 to 0.3 of FSW) and adequate phase margin (better than 45). Phase margin is the difference between the closed loop phase at F0dB and 180. The equations that follow relate the compensation network's poles, zeros and gain to the components (R1, R2, R3, C1, C2, and C3) in Figure 8. Use the following guidelines for locating the poles and zeros of the compensation network: 1. Select a value for R1 (1k to 5k, typically). Calculate value for R2 for desired converter bandwidth (F0).
V OSC R1 F 0 R2 = -------------------------------------------d MAX V IN F LC (EQ. 9)
COMPENSATION BREAK FREQUENCY EQUATIONS
1 F Z1 = ------------------------------2 R2 C1 1 F Z2 = -------------------------------------------------2 ( R1 + R3 ) C3 1 F P1 = ---------------------------------------------C1 C2 2 R2 --------------------C1 + C2 1 F P2 = ------------------------------2 R3 C3
(EQ. 14)
2. Calculate C1 such that FZ1 is placed at a fraction of the FLC, at 0.1 to 0.75 of FLC (to adjust, change the 0.5 factor to desired number). The higher the quality factor of the output filter and/or the higher the ratio FCE/FLC, the lower the FZ1 frequency (to maximize phase boost).
1 C1 = ----------------------------------------------2 R2 0.5 F LC
(EQ. 10)
3. Calculate C2 such that FP1 is placed at FCE.
C1 C2 = --------------------------------------------------------2 R2 C1 F CE - 1 (EQ. 11)
Figure 9 shows an asymptotic plot of the DC/DC converter's gain vs. frequency. The actual Modulator Gain has a high gain peak dependent on the quality factor (Q) of the output filter, which is not shown. Using the above guidelines should yield a compensation gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 against the capabilities of the error amplifier. The closed loop gain, GCL, is constructed on the log-log graph of Figure 9 by adding the modulator gain, GMOD (in dB), to the feedback compensation gain, GFB (in dB). This is equivalent to multiplying the modulator transfer function and the compensation transfer function and then plotting the resulting gain.
FZ1 FZ2 GAIN FP1 FP2 MODULATOR GAIN COMPENSATION GAIN CLOSED LOOP GAIN OPEN LOOP E/A GAIN
4. Calculate R3 such that FZ2 is placed at FLC. Calculate C3 such that FP2 is placed below FSW (typically, 0.5 to 1.0 times FSW). FSW represents the per-channel switching frequency. Change the numerical factor to reflect desired placement of this pole. Placement of FP2 lower in frequency helps reduce the gain of the compensation network at high frequency, in turn reducing the HF ripple component at the COMP pin and minimizing resultant duty cycle jitter.
R1 R3 = --------------------F SW ----------- - 1 F LC 1 C3 = ------------------------------------------------2 R3 0.7 F SW
R2 20 log ------- R1 0
d MAX V IN 20 log --------------------------------V OSC
GFB GCL
LOG
GMOD LOG FLC FCE F0 FREQUENCY
(EQ. 12)
FIGURE 9. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
It is recommended a mathematical model is used to plot the loop response. Check the loop gain against the error amplifier's open-loop gain. Verify phase margin results and adjust as necessary. The following equations describe the
A stable control loop has a gain crossing with close to a -20dB/decade slope and a phase margin greater than 45. Include worst case component variations when determining phase margin. The mathematical model presented makes a
FN9222.1 July 18, 2007
14
ISL6315
number of approximations and is generally not accurate at frequencies approaching or exceeding half the switching frequency. When designing compensation networks, select target crossover frequencies in the range of 10% to 30% of the per-channel switching frequency, FSW. UPPER MOSFET POWER CALCULATION In addition to rDS(ON) losses, a large portion of the upperMOSFET losses are switching losses, due to currents conducted through the device while the input voltage is present as VDS. Upper MOSFET losses can be divided into separate components, separating the upper-MOSFET switching losses, the lower-MOSFET body diode reverse recovery charge loss, and the upper MOSFET rDS(ON) conduction loss. In most typical circuits, when the upper MOSFET turns off, it continues to conduct the inductor current until the voltage at the phase node falls below ground. Once the lower MOSFET begins conducting (via its body diode or enhancement channel), the current in the upper MOSFET falls to zero. In the following equation, the required time for this commutation is t1 and the associated power loss is PUMOS,1.
I OUT I L ,P-P t 1 P UMOS ,1 V IN ------------- + --------------- ---- f S 2 2 N (EQ. 17)
General Application Design Guide
This design guide is intended to provide a high-level explanation of the steps necessary to create a multiphase power converter. It is assumed that the reader is familiar with many of the basic skills and techniques referenced below. In addition to this guide, Intersil provides complete reference designs that include schematics, bills of materials, and example board layouts for all common microprocessor applications.
MOSFETs
Given the fixed switching frequency of the ISL6315 and the integrated output drives, the selection of MOSFETs revolves closely around the current each MOSFET is required to conduct, the capability of the devices to dissipate heat, as well as the characteristics of available heat sinking. Since the ISL6315 drives the MOSFETs with 5V, the selection of appropriate MOSFETs should be done by comparing and evaluating their characteristics at this specific VGS bias voltage. LOWER MOSFET POWER CALCULATION Since virtually all of the heat loss in the lower MOSFET is conduction loss (due to current conducted through the channel resistance, rDS(ON)), a quick approximation for heat dissipated in the lower MOSFET can be found in the following equation:
2 I L ,P-P ( 1 - D ) I OUT 2 P LMOS1 = r DS ( ON ) ------------ ( 1 - D ) + ---------------------------------12 2
Similarly, the upper MOSFET begins conducting as soon as it begins turning on. Assuming the inductor current is in the positive domain, the upper MOSFET sees approximately the input voltage applied across its drain and source terminals, while it turns on and starts conducting the inductor current. This transition occurs over a time t2, and the approximate the power loss is PUMOS,2.
I OUT I L ,P-P t 2 P UMOS , 2 V IN ------------- - --------------- ---- f S 2 2 N (EQ. 18)
(EQ. 15)
where: IM is the maximum continuous output current, IL,P-P is the peak-to-peak inductor current, and D is the duty cycle (approximately VOUT/VIN). An additional term can be added to the lower-MOSFET loss equation to account for additional loss accrued during the dead time when inductor current is flowing through the lower-MOSFET body diode. This term is dependent on the diode forward voltage at IM, VD(ON); the switching frequency, fS; and the length of dead times, td1 and td2, at the beginning and the end of the lower-MOSFET conduction interval, respectively.
I OUT I P-P I OUT I P LMOS 2 = V D ( ON ) f S ------------ + ---------- t + ------------ - ---------- t d2 - P-P 2 d1 2 2 2 (EQ. 16)
A third component involves the lower MOSFET's reverserecovery charge, QRR. Since the lower MOSFET's body diode conducts the full inductor current before it has fully switched to the upper MOSFET, the upper MOSFET has to provide the charge required to turn off the lower MOSFET's body diode. This charge is conducted through the upper MOSFET across VIN, the power dissipated as a result, PUMOS,3 can be approximated as:
P UMOS ,3 = V IN Q rr f S (EQ. 19)
Lastly, the conduction loss part of the upper MOSFET's power dissipation, PUMOS,4, can be calculated using the following equation:
2 2 I P-P I OUT P UMOS ,4 = r DS ( ON ) ------------- d + ---------12 N
(EQ. 20)
In this case, of course, rDS(ON) is the ON resistance of the upper MOSFET. The total power dissipated by the upper MOSFET at full load can be approximated as the summation of these results. Since the power equations depend on MOSFET parameters, choosing the correct MOSFETs can be an iterative process that involves repetitively solving the loss equations for
FN9222.1 July 18, 2007
The above equation assumes the current through the lower MOSFET is always positive; if so, the total power dissipated in each lower MOSFET is approximated by the summation of PLMOS1 and PLMOS2.
15
ISL6315
different MOSFETs and different switching frequencies until converging upon the best solution. OUTPUT FILTER DESIGN The output inductors and the output capacitor bank together form a low-pass filter responsible for smoothing the square wave voltage at the phase nodes. Additionally, the output capacitors must also provide the energy required by a fast transient load during the short interval of time required by the controller and power train to respond. Because it has a low bandwidth compared to the switching frequency, the output filter limits the system transient response leaving the output capacitor bank to supply the load current or sink the inductor currents, all while the current in the output inductors increases or decreases to meet the load demand. In high-speed converters, the output capacitor bank is amongst the costlier (and often the physically largest) parts of the circuit. Output filter design begins with consideration of the critical load parameters: maximum size of the load step, I, the load-current slew rate, di/dt, and the maximum allowable output voltage deviation under transient loading, VMAX. Capacitors are characterized according to their capacitance, ESR, and ESL (equivalent series inductance). At the beginning of the load transient, the output capacitors supply all of the transient current. The output voltage will initially deviate by an amount approximated by the voltage drop across the ESL. As the load current increases, the voltage drop across the ESR increases linearly until the load current reaches its final value. The capacitors selected must have sufficiently low ESL and ESR so that the total outputvoltage deviation is less than the allowable maximum. Neglecting the contribution of inductor current and regulator response, the output voltage initially deviates according to the following equation:
di V ( ESL ) ---- + ( ESR ) I dt (EQ. 21)
equation can be used to determine a lower limit on the output inductance.
( V IN - 2 V OUT ) V OUT L ESR ---------------------------------------------------------------f S V IN V P-P ( MAX ) (EQ. 22)
Since the capacitors are supplying a decreasing portion of the load current while the regulator recovers from the transient, the capacitor voltage becomes slightly depleted. The output inductors must be capable of assuming the entire load current before the output voltage decreases more than VMAX. This places an upper limit on inductance.
4 C V OUT L -------------------------------- ( V MAX - I ESR ) 2 ( I ) (EQ. 23)
While the previous equation addresses the leading edge, the following equation gives the upper limit on L for cases where the trailing edge of the current transient causes a greater output voltage deviation than the leading edge.
2.5 C L ---------------- ( V MAX - I ESR ) ( V IN - V O ) 2 ( I ) (EQ. 24)
Normally, the trailing edge dictates the selection of L, since duty cycles are usually less than 50%. Nevertheless, both inequalities should be evaluated, and L should be selected based on the lower of the two results. In all equations in this paragraph, L is the per-channel inductance and C is the total output bulk capacitance. LAYOUT CONSIDERATIONS MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. These voltage spikes can degrade efficiency, radiate noise into the circuit and lead to device overvoltage stress. Careful component layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turnoff transition of the upper PWM MOSFET. Prior to turnoff, the upper MOSFET was carrying channel current. During the turnoff, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET. Any inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. There are two sets of critical components in a DC/DC converter using a ISL6315 controller. The power components are the most critical because they switch large amounts of energy. Next are small signal components that connect to sensitive nodes or supply critical bypassing current and signal coupling. Note that as the ISL6315 does not allow external adjustment of the channel-to-channel current balancing (current information is multiplexed across a single RISEN resistor), it
FN9222.1 July 18, 2007
The filter capacitor must have sufficiently low ESL and ESR so that V < VMAX. Most capacitor solutions rely on a mixture of high-frequency capacitors with relatively low capacitance in combination with bulk capacitors having high capacitance but limited high-frequency performance. Minimizing the ESL of the high-frequency capacitors allows them to support the output voltage as the current increases. Minimizing the ESR of the bulk capacitors allows them to supply the increased current with less output voltage deviation. The ESR of the bulk capacitors is also responsible for the majority of the output-voltage ripple. As the bulk capacitors sink and source the inductor AC ripple current, a voltage develops across the bulk-capacitor ESR equal to IP-P. Thus, once the output capacitors are selected and a maximum allowable ripple voltage, VP-P(MAX), is determined from an analysis of the available output voltage budget, the following 16
ISL6315
is important to have a symmetrical layout, preferably with the controller equidistantly located from the two power trains it controls. Equally important are the gate drive lines (UGATE, LGATE, PHASE): since they drive the power train MOSFETs using short, high current pulses, it is important to size them accordingly and reduce their overall impedance. Equidistant placement of the controller to the two power trains also helps keeping these traces equally long (equal impedances, resulting in similar driving of both sets of MOSFETs). The power components should be placed first. Locate the input capacitors close to the power switches. Minimize the length of the connections between the input capacitors, CIN, and the power switches. Locate the output inductors and output capacitors between the MOSFETs and the load. Locate the high-frequency decoupling capacitors (ceramic) as close as practicable to the decoupling target, making use of the shortest connection paths to any internal planes, such
+12VIN LIN +5VIN (CF2) (CF1) VCC DACSEL/VID12 VID4 VID3 VID2 VID1 VID0 VRM10 RISEN LGATE1 ISEN BOOT2 R'OFS SSEND ENLL OFS ROFS UGATE2 Q3 (CHFIN2) CBOOT2 CBIN2 CBOUT (CHFOUT) VOUT Q2 PHASE1 LOUT1 UGATE1 PVCC BOOT1 CBOOT1 Q1 (CHFIN1) CBIN1
as vias to GND immediately next, or even onto the capacitor solder pad. The critical small components include the bypass capacitors for VCC and PVCC. Locate the bypass capacitors, CBP, close to the device. It is especially important to locate the components associated with the feedback circuit close to their respective controller pins, since they belong to a highimpedance circuit loop, sensitive to EMI pick-up. It is important to place the RISEN resistor close to the respective terminal of the ISL6315. A multi-layer printed circuit board is recommended. Figure 10 shows the connections of the critical components for one output channel of the converter. Note that capacitors CxxIN and CxxOUT could each represent numerous physical capacitors. Dedicate one solid layer, usually the one underneath the component side of the board, for a ground
ISL6315
COMP C2 C1 R2
PHASE2 LOUT2 LGATE2 PGND Q4 LOCATE NEAR LOAD; (MINIMIZE CONNECTION PATH)
FB R1 GND LOCATE NEAR SWITCHING TRANSISTORS; (MINIMIZE CONNECTION PATH) KEY HEAVY TRACE ON CIRCUIT PLANE LAYER ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT PLANE LAYER VIA CONNECTION TO GROUND PLANE
LOCATE CLOSE TO IC (MINIMIZE CONNECTION PATH)
FIGURE 10. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
17
FN9222.1 July 18, 2007
ISL6315
plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. Keep the metal runs from the PHASE terminal to inductor LOUT short. The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the phase nodes. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the IC to the MOSFETs' gates and sources should be sized to carry at least one ampere of current (0.02" to 0.05").
Output Inductor Selection
One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. In a multiphase converter, small inductors reduce the response time with less impact to the total output ripple current (as compared to single-phase converters). The output inductor of each power channel controls the ripple current. The control IC is stable for channel ripple current (peak-to-peak) up to twice the average current. A single channel's ripple current is approximated by:
V IN - V OUT V OUT I L, P-P = ------------------------------- x --------------V IN F SW L
1.0
Component Selection Guidelines
Output Capacitor Selection
The output capacitor is selected to meet both the dynamic load requirements and the voltage ripple requirements. The load transient a microprocessor impresses is characterized by high slew rate (di/dt) current demands. In general, multiple high quality capacitors of different size and dielectric are paralleled to meet the design constraints. Should the load be characterized by high slew rates, attention should be particularly paid to the selection and placement of high-frequency decoupling capacitors (MLCCs, typically multi-layer ceramic capacitors). High frequency capacitors supply the initially transient current and slow the load rate-ofchange seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load, or for that reason, to any decoupling target they are meant for, as physically possible. Attention should be paid as not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR determines the output ripple voltage and the initial voltage drop following a high slew-rate transient's edge. In most cases, multiple capacitors of small case size perform better than a single large case capacitor. Bulk capacitor choices include aluminum electrolytic, OS-Con, Tantalum and even ceramic dielectrics. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Consult the capacitor manufacturer and/or measure the capacitor's impedance with frequency to help select a suitable component.
(EQ. 25)
CURRENT MULTIPLIER, KCM
0.8
0.6
0.4
0.2
0 0 0.1 0.2 0.3 0.4 0.5 DUTY CYCLE (VO/VIN)
FIGURE 11. RIPPLE CURRENT vs DUTY CYCLE
The current from multiple channels tend to cancel each other and reduce the total ripple current. The total output ripple current can be determined using the curve in Figure 11; it provides the total ripple current as a function of duty cycle and number of active channels, normalized to the parameter KNORM at zero duty cycle.
V OUT K NORM = ------------------L F SW (EQ. 26)
where L is the channel inductor value. Find the intersection of the active channel curve and duty cycle for your particular application. The resulting ripple current multiplier from the y-axis is then multiplied by the normalization factor, KNORM, to determine the total output ripple current for the given application.
I TOTAL = K NORM K CM (EQ. 27)
Input Capacitor Selection
The important parameters for the bulk input capacitors are the voltage rating and the RMS current rating. For reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the
18
FN9222.1 July 18, 2007
ISL6315
maximum input voltage. The input RMS current required for a multiphase converter can be approximated with the aid of Figure 12.
0.3 INPUT CAPACITOR CURRENT (IRMS / IO)
0.2
0.1 IL,P-P = 0 IL,P-P = 0.5 x IO IL,P-P = 0.75 x IO 0 0 0.1 0.2 0.3 0.4 0.5
DUTY CYCLE (VO /VIN)
FIGURE 12. NORMALIZED INPUT RMS CURRENT vs DUTY CYCLE FOR A 2-PHASE CONVERTER
As the input capacitors are responsible for sourcing the AC component of the input current flowing into the upper MOSFETs, their RMS current capacity must be sufficient to handle the AC component of the current drawn by the upper MOSFETs. Figure 12 can be used to determine the inputcapacitor RMS current function of duty cycle, maximum sustained output current (IO), and the ratio of the peak-topeak inductor current (IL,P-P) to the maximum sustained load current, IO. Figure 12 can also be used as a reference demonstrating the dramatic reduction in input capacitor RMS current in a 2-phase DC/DC converter, as compared to a single-phase regulator. Use a mix of input bypass capacitors to control the input voltage ripple. Use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the RMS current. Minimize the connection path inductance of the high frequency decoupling ceramic capacitors (from drain of upper MOSFET to source of lower MOSFET). For bulk capacitance, several electrolytic or high-capacity MLC capacitors may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surgecurrent at power-up.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 19
FN9222.1 July 18, 2007
ISL6315
Package Outline Drawing
L24.4x4B
24 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 2, 10/06
4X 2.5 4.00 A B 19 20X 0.50 24 PIN #1 CORNER (C 0 . 25)
PIN 1 INDEX AREA
18
1
4.00
2 . 34 0 . 15
13
(4X)
0.15 12 7 0.10 M C A B 0 . 07 24X 0 . 23 + 0 . 05 4 24X 0 . 4 0 . 1
TOP VIEW
BOTTOM VIEW
SEE DETAIL "X"
0.10 C
0 . 90 0 . 1
( 3 . 8 TYP )
C BASE PLANE
SIDE VIEW
SEATING PLANE 0.08 C
(
2 . 34 ) ( 20X 0 . 5 )
C ( 24X 0 . 25 ) ( 24X 0 . 6 )
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX.
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature.
20
FN9222.1 July 18, 2007


▲Up To Search▲   

 
Price & Availability of ISL631507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X