Part Number Hot Search : 
EN0676 LB201 HCPL06 SKDH100 KB826AC 50000 L6756 SM15T33A
Product Description
Full Text Search
 

To Download IB0515XT-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IB_(X)T-1W Series
1W,FIXED INPUT, ISOLATED & REGULATED single OUTPUT, SMD DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
Small Footprint Single Voltage Output SMD Package Style 1KVDC Isolation No Heatsink Required Continuous Short circuit protection Internal SMD construction Temperature Range: -40C to +85C Industry Standard Pinout No External Component Required RoHS Compliance
PRODUCT PROGRAM
Input Part Number IB0505(X)T-W75 IB0512(X)T-1W IB0515(X)T-1W IB1205(X)T-W75 IB1212(X)T-1W IB1215(X)T-1W 12 11.4-12.6 5 4.75-5.25 Voltage (VDC) Nominal Range Voltage (VDC) 5 12 15 5 12 15 Output Current (mA) Max 150 83 67 150 83 67 Min 15 9 7 15 9 7 68 69 69 68 69 70 Efficiency (%, Typ.)
APPLICATIONS
The IB_(X)T-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding.
Note: 1. IB_XT-1W series designing; 2. IB_XT-1W series have no 3,6,8,9pin,for example IB0505XT-W75.
OUTPUT SPECIFICATIONS
Item Output power Line regulation Load regulation Output voltage accuracy For Vin change of 5% 10% to 100% load 100% full load 100% full load 20MHz Bandwidth 20MHz Bandwidth Full load, nominal input 10 50 100 Test Conditions Min 0.1 Typ. Max 1 0.25 1 3 0.03 20 100 KHz %/C mVp-p % Units W
MODEL SELECTION IB0512(X)T-1W
R ated P o wer P a ckage Style O u t put V oltage I np u t Vo ltage P ro d uc t Ser ies
Temperature drift ripple* Noise* Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
ISOLATION SPECIFICATIONS
Item MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Test Conditions Tested for 1 minute and 1mA max Test at 500VDC
Min 1000 1000
Typ.
Max
Units VDC M
Isolation voltage Isolation resistance
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
IB_(X)T-1W
A/1-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Short circuit protection Case material MTBF Weight 3500 1.70 1.5mm from case for 10 seconds -40 -55 15 Test Conditions Min Typ Max 95 85 125 25 260 Free air convection continuous Plastic(UL94-V0) K hours g C Units %
APPLICATION NOTE
Recommended testing circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
L L
Vin
Cin
+Vo
DC DC
(Figure 1)
Cout
GND
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). EXTERNAL CAPACITOR TABLE (TABLE 1) Vin Cin Vout Cout (VDC) (uF) (VDC) (uF) 5 4.7 5 4.7 12 2.2 12 1 15 1
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
TYPICAL CHARACTERISTICS
Operating Temp.(oC)
RECOMMENDED REFLOW SOLDERING PROFILE
250 Temp erature ( C) 200 150 100 50 0 Time ( s ec .) 90 Sec Max ( >220 oC) 26 0o C
10 S ec M ax
220o C
o
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load. Overload Protection Under normal operating conditions, the output circuit of these products has no protection against
12345
1.00 (0.039) FOOTPRINT DETAILS Pin 1 2 4 A 7 5 10 Others F unc tion(T) Func tion(XT ) GND Vin 0V +Vo NC NC GND Vin 0V +Vo NC No Pin
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
15.24 (0.600) 10.16 (0.400) 11.20( .44 1) First Angle Projection RECOMMENDED FOOTPRINT Top view, grid: 2.54*2. 54mm(0.1 *0.1inc h)
7.50 (0. 295)
Top View
IB_ T- 1W
IB_XT-1 W
2.54 0.10 (0.100 0.004)
0.60 0.05 (0.024 0.002) 2.00 (0.079)
10 9 8
76
10 12
7 45
over-current. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. When the environment temperature is higher than 71C, the product output power should be less then 60% of the rated power. No parallel connection or plug and play.
6.50 (0.256 ) 6. 25 (0.246)
Side View
0.25 (0.100) 6.76 (0.266)
1.85 (0.073)
7.15 (0.28)
0.30 (0.012)
4.25 (0.167)
NC:No connection Note: Unit:mm(inch) Pin section:0.60*0.25mm(0.024*0.010inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.15mm( 0.006inch)
0.50 (0.020) A 1.35 (0.053)
5.00
MORNSUN reserves the copyright
Specifications subject to change without notice.
IB_(X)T-1W
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IB0515XT-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X