Part Number Hot Search : 
W523A100 426205 KA293 ST10F269 S125HN UG06C M62367 IRFBC
Product Description
Full Text Search
 

To Download HSPPAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MEMS Pressure Sensor
HSPP
Series
Small size pressure sensor with growing applications.
Magnetic Sensor Piezo Sensor Resistive Sensor
Features
Piezo resistance type pressure sensor. Small and low profile( 2.5mm t0.7mm). Features a lineup consisting of a single element, compact type and a built-in amplifier high-output type.
Applications
For pressure and altitude detection of portable navigation devices, mobile phones, pedometers, etc.
Typical Specifications
Items Function Size Pressure type Operating pressure(kPa) Operating temperature Supply current(mA) Voltage(V) Span voltage(mV) Output voltage/110kPa(mV) Output voltage/101.3kPa(mV)
Temperature characteristics of offset voltage(%FS) Temperature characteristics of span voltage(%FS) Icc= 0.55mA 44 79 72.6 4 to +6 4 to +4 5 to 7
Specifications
HSPPAR Small and low profile 2.5 2.5 0.7mm Absolute pressure 50 to 110 20 to +85 Vdd= 2.5 870 1600 1474 0.125V HSPPAA with amplifier 3.5 3.5 1.0mm
Bridge resistance( Output impedance(
) )
7 to 13
Dimensions
Style
Unit:mm
Compact type HSPPAR
Type with amplifier HSPPAA
1.22 0.5
1.0
0.5
2.5
0.7 max.
0.5 1.22
3.5
1.0 max.
0.1
0.9
1.5
3.5
2.5
17


▲Up To Search▲   

 
Price & Availability of HSPPAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X