Part Number Hot Search : 
OPL7320 LD5000 PNZ150L AMP1009 NJM2123 78052 NJU7054D LA7668
Product Description
Full Text Search
 

To Download HRPG-450-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 450W Single Output with PFC Function
Features :
HRPG-450
series
Universal AC input / Full range Built-in active PFC function, PF>0.95 High efficiency up to 89.5% Withstand 300VAC surge input for 5 seconds Protections: Short circuit / Overload / Over voltage / Over temperature Built-in constant current limiting circuit Built-in cooling Fan ON-OFF control Built-in DC OK signal Built-in remote ON-OFF control Stand by 5V@0.3A Built-in remote sense function No load power consumption<0.5W (Note.7) 5 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) HRPG-450-3.3 HRPG-450-5 3.3V 90A 0 ~ 90A 297W 5V 90A 0 ~ 90A 450W 80mVp-p 4.3 ~ 5.8V 2.0% 0.5% 1.0% HRPG-450-7.5 HRPG-450-12 HRPG-450-15 HRPG-450-24 HRPG-450-36 HRPG-450-48 7.5V 60A 0 ~ 60A 450W 100mVp-p 6.8 ~ 9V 2.0% 0.5% 1.0% 12V 37.5A 0 ~ 37.5A 450W 120mVp-p 10.2 ~ 13.8V 1.0% 0.3% 0.5% 15V 30A 0 ~ 30A 450W 150mVp-p 13.5 ~ 18V 1.0% 0.3% 0.5% 24V 18.8A 0 ~ 18.8A 451.2W 150mVp-p 21.6 ~ 28.8V 1.0% 0.2% 0.5% 36V 12.5A 0 ~ 12.5A 450W 240mVp-p 28.8 ~ 39.6V 1.0% 0.2% 0.5% 48V 9.5A 0 ~ 9.5A 456W 240mVp-p 40.8 ~ 55.2V 1.0% 0.2% 0.5%
RIPPLE & NOISE (max.) Note.2 80mVp-p 2.8 ~ 3.8V VOLTAGE TOLERANCE Note.3 2.0% 0.5% 1.0% 16ms/230VAC
1000ms, 100ms/230VAC
2500ms, 100ms/115VAC at full load
16ms/115VAC at full load 120 ~ 370VDC PF>0.99/115VAC at full load 86.5% 88% 89% 88% 89% 89.5%
VOLTAGE RANGE Note.5 85 ~ 264VAC 47 ~ 63Hz FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE 5V STANDBY FUNCTION DC OK SIGNAL REMOTE CONTROL FAN CONTROL (Typ.) WORKING TEMP. PF>0.95/230VAC 80% 5A/115VAC 35A/115VAC
83% 2.4A/230VAC 70A/230VAC
<1.5mA / 240VAC 105 ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 6 ~ 7V 9.4 ~ 10.9V 14.4 ~ 16.8V 18.8 ~ 21.8V 30 ~ 34.8V 3.96 ~ 4.62V Protection type : Shut down o/p voltage, re-power on to recover 90 5 (70 5 5V only) (TSW1 : detect on heatsink of power transistor) ; 90 5 (TSW2 : detect on heatsink of power doide ) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down 5VSB : 5V@0.3A ; tolerance 5%, ripple : 50mVp-p(max.) PSU turn on : 3.3 ~ 5.6V ; PSU turn off : 0 ~ 1V RC+ / RC-: 4 ~ 10V or open = power on ; 0 ~ 0.8V or short = power off Load 20 10% or RTH2 -30 ~ +70 50 Fan on (Refer to output load derating curve)
41.4 ~ 48.6V
57.6 ~ 67.2V
20 ~ 90% RH non-condensing WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -40 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.03%/ (0 ~ 50 ) VIBRATION 10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC
(Note 4)
UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
ISOLATION RESISTANCE HARMONIC CURRENT EMS IMMUNITY MTBF
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 / 70% RH EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11, ENV50204, EN55024, EN61000-6-2, heavy industry level, criteria A 130.5K hrs min. MIL-HDBK-217F (25 ) 218*105*41mm (L*W*H) 1.19Kg; 12pcs/15.3Kg/0.82CUFT
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. 6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time. 7. No load power consumption<0.5W when RC- & RC+ (CN100 pin1,2) 0 ~ 0.8V or short.
File Name:HRPG-450-SPEC 2010-07-19
450W Single Output with PFC Function
Mechanical Specification
152.4
HRPG-450
Case No. 995A
32.8
series
Unit:mm
20.75
O/P
2
63.5
4 5
I/P
8.2
1 2 3
4-M4 L=5
6
1 2 7 8
10
9.2
218 152.4 32.8 18max. 12max.
41 18
12.5
8-M4 L=4 (Both Sides)
AC Input Terminal Pin No. Assignment
Pin No. 1 2 3 Assignment AC/L AC/N FG
DC Output Terminal Pin No. Assignment
Pin No. 1~3 4~6 Assignment -V +V
Connector Pin No. Assignment(CN100) : HRS DF11-8DP-2DS or equivalent
Pin No. 1 2 3 4 Assignment RC+ RCAUX AUXG Pin No. 5 6 7 8 Terminal Assignment Mating Housing DC-OK GND HRS DF11-10DS HRS DF11-**SC or equivalent or equivalent +S -S
Block Diagram
AUX POWER EMI FILTER ACTIVE INRUSH CURRENT LIMITING RECTIFIERS & PFC POWER SWITCHING RECTIFIERS & FILTER RECTIFIERS & FILTER DETECTION CIRCUIT O.T.P. PFC CONTROL PWM CONTROL O.V.P. REMOTE CONTROL
PMW fosc : 70KHz
AUX AUXG +S +V -V -S O.T.P. O.L.P. DC OK
I/P
FG
LED (Vo ADJ.)SVR1
CN100
RC+ RC-
Derating Curve
125 100
Output Derating VS Input Voltage
Ta = 25
100 90 80
80
70
LOAD (%)
50
LOAD(%)
60 50 40
20
-30
0
10
20
30
40
50
60
70
(HORIZONTAL)
85
100
125
135
155
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:HRPG-450-SPEC 2010-07-19
105
Air flow direction
FAN
3
11
1
450W Single Output with PFC Function
Function Description of CN100
HRPG-450
series
Pin No. Function Description 1 RC+ Turns the output on and off by electrical or dry contact between pin 2 (RC-), Short: Power OFF, Open: Power ON. RC- Remote control ground. 2 Auxiliary voltage output, 4.75~5.25V, referenced to pin 4(AUXG). The maximum load current is 0.3A. This output has the built-in oring 3 AUX diodes and is not controlled by the "remote ON/OFF control". 4 5 6 7 8 AUXG Auxiliary voltage output ground. The signal return is isolated from the output terminals (+V & -V). DC-OK DC-OK Signal is a TTL level signal, referenced to pin6(DC-OK GND). High when PSU turns on. GND This pin connects to the negative terminal(-V). Return for DC-OK signal output. Positive sensing. The +S signal should be connected to the positive terminal of the load. The +S and -S leads should be twisted in pair to +S minimize noise pick-up effect. The maximum line drop compensation is 0.5V. -S Negative sensing. The -S signal should be connected to the negative terminal of the load. The -S and +S leads should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V.
Function Manual
1.Remote Sense The remote sensing compensates voltage drop on the load wiring up to 0.5V.
CN100
CN100 2 RC- RC+ 1 AUXG AUX GND DC-OK 8 -S +S 7
2 8
1 7
+S (Pin7)
+
LOAD
-S (Pin8)
Fig 1.1
Sense lines should be twisted in pairs
2.DC-OK Signal DC-OK signal is a TTL level signal. High when PSU turns on.
Between DC-OK(pin5) and GND(pin6) 3.3 ~ 5.6V 0 ~ 1V Output Status
CN100
CN100 2 RC- RC+ 1 AUXG AUX GND DC-OK 8 -S +S 7
ON OFF
2 8 1 7
Fig 2.1
3.Remote Control The PSU can be turned ON/OFF by using the "Remote Control" function.
Between RC+(pin1) and RC-(pin2) SW ON (Short) SW OFF (Open) Output Status OFF ON
CN100
CN100 2 RC- RC+ AUXG AUX GND DC-OK 8 -S +S 7 1
2 8
1 7
SW
Fig 3.1
File Name:HRPG-450-SPEC 2010-07-19


▲Up To Search▲   

 
Price & Availability of HRPG-450-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X