Part Number Hot Search : 
BCP5510 PCA1608U 50N03 12015 MPR24 167BZI LL4448 608X0
Product Description
Full Text Search
 

To Download HPC-1420-ISSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPC-1420-ISSE
Robust 1U Quad-Core Intel(R) Xeon(R) Processor with Innovative Cable-less Design
Features
Supports advanced Intel(R) Dual-Core 5000/5100 and Quad-Core 5300 family Xeon(R) processors High memory capacity up to 48 GB 2 expansion slots support PCI-X and PCI Express Cable-less design to enhance system reliability Built-in 700 W single power supply Supports four hot-swappable SAS/SATA2 HDD
Specifications
Processor System CPU Max. Speed Front Side Bus L2 Cache Chipset Expansion Slot (via riser card) Memory Graphics Storage PCI PCIe Technology Max. Capacity Socket Controller VRAM SAS Controller HDD Bays Optical Drive Interface Controller Connector Serial Port RJ-45 USB VGA PS/2 Keyboard PS/2 Mouse Power Supply Temperature Humidity Dimensions (D x W x H) Net Weight Intel Dual-Core 5000/5100 and Quad-Core 5300 family Xeon processor 3.0 GHz 667/1066/1333 MHz 2 x 2 MB or 4 MB L2 cache Intel 5000P MCH Intel 6321 ICH Intel 6702 PXH 1 x Full-Height/Half-Length 64-bit PCI-X 1 x Low Profile PCIe x8 slot Four Channel ECC Reg. DDR2 533/667 FBD SDRAM 48 GB 12 ATI ES1000 VGA Controller 16 MB DDR SDRAM LSI 1068 PCI-X 8-port SAS controller: Supports RAID 0, 1, 1E (RAID 5 only with optional ZCR) Supports 4 x Hotswap SAS/ SATA2 HDD Slim Type DVD-ROM 10/100/1000Base-T Intel 82563EB PCIe Dual-port GbE 2 x RJ-45 1 2 4 x USB 2.0 ports (Front x 2, Rear x 2) 1 1 1 700 W Single ATX Operating: 10 ~ 35 C / Non-Operating: -40 ~ 70 C Non-Operating: 20% ~ 90% (Non-Condensing) 686 x 444 x 43.4 mm (27" x 17.5" x 1.75") 15 kg (33.1lb)
Ethernet
I/O Connectors
Power Supply Environment Physical Characteristics
Ordering Information
Model Name HPC-1420-ISSE Server board Yes DVD-ROM Yes PSU Yes CPU RAM HDD -
Standard Accessories
Item Rack mounting brackets Air duct CPU cooler COM port cable US power cord Driver CD Manual Quantity x1 x1 x2 x1 x1 x1 x1
Top View
Optional Accessories
Part Number 9680003805 9680003785 1757000797 Description ZCR module for SAS RAID 5 (PCI-X card), supply with independent PCI-X riser card IPMI 2.0 server management board (SODIMM type) 700W power module for redundant power
Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of HPC-1420-ISSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X