|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photoelectrics Diffuse-reflective Type EO1804.PAS, DC, Metal-housing * * * * * * * * * Range: 400 mm adjustable Modulated, infrared light Supply voltage: 10 to 40 VDC Output: 200 mA NPN or PNP Make and break switching function, LED indication Protection: Reverse polarity, short-circuit, transients High immunity to ambient light Heavy duty M18 metal housing, IP67 Cable and plug versions Product Description The EO1804 is a family of general purpose Diffusereflective sensors in a short M18 metal housing for heavy duty applications. They are useful for simple applications where a basic sensor provides adequate sensing performance. The sensors are easy to adjust with 270 single turn potentiometer. The output is a 4wire complementary (NO and NC) output in NPN (current sinking) or PNP (current souring). Ordering Key Type Housing diameter Range Output type Housing material Connection type EO 18 04 NPA S-1 Type Selection Housing diameter M18 Rated operating dist. (Sn) 400 mm Ordering no. NPN/cable Make & break swit. EO 1804 NPAS Ordering no. NPN/plug Make & break swit. EO 1804 NPAS-1 Ordering no. PNP/cable Make & break swit. EO 1804 PPAS Ordering no. PNP/plug Make & break swit. EO 1804 PPAS-1 Specifications Rated operating dist. (Sn) Adjustable Light type Up to 400 mm Reference target: Kodak test card R27, white, 90% reflectivity 200 x 200 mm 270 turn potentiometer 0.4%/K 3 to 20% 10 to 40 VDC (ripple included) Max. 10% Max. 200 mA 200 mA, max. load capacity 100 nF Max. 20 mA 0.5 mA Max. 100 A Max. 2.5 V @ 200 mA Reverse polarity, short circuit, transients Max. 1 kV/0.5 J GaAlAs LED, 880 nm Sensing angle Ambient light Operating frequency (f) Response time OFF-ON (tON) ON-OFF (tOFF) Power ON delay (tV) Indication function Output ON Environment Overvoltage category Pollution degree Degree of protection Temperature Operating Storage Vibration Shock Dielectric voltage Infrared, modulated synchronized 25 at 1/2 range Max. 10,000 lux 120 Hz, light/dark ratio 1:2 3.2 ms 5 ms Typ. 100 ms Dark and light (complementary switch) LED, yellow III (IEC 60664/60664A; 60947-1) 3 (IEC 60664/60664A; 60947-1) IP 67 (IEC 60529; 60947-1) -20 to +60C (-4 to 140F) -30 to + 70C (-22 to 158F) 10 to 150 Hz, 0.5 mm/7.5 g (IEC 60068-2-6) 2 x 1 m & 100 x 0.5 m (IEC 60068-2-32) 500 VAC (IEC 60365-4-41) Sensitivity Temperature drift Hysteresis (H) (Differential travel) Rated operational volt. (UB) Ripple (Urpp) Output current Continuous (Ie) Short-time (I) No load supply current (IO) Min. operational current (Im) OFF-state current (Ir) Voltage drop (Ud) Protection Transient voltage Light source Specifications are subject to change without notice (08.02.06) 1 EO 1804.PAS, DC Specifications (cont.) Housing material Body Front Cable end Nuts Connection Cable Plug Cables for plug (-1) Weight Cable version Plug version Approvals CE-marking Nickel plated brass Luran(R), black Polyester, black Nickel plated brass Grey, 2 m, 4 x 0.35 mm2 oilproof PVC M12 x 1 CON.1-.... series 140 g 55 g UL, CSA Yes Wiring Diagrams 1 BN 4 BK 2 WH + 3 BU 1 BN PNP + 2 WH 4 BK 3 BU - NPN Operation Diagram Power supply Object present, light received Output ON: Make switching (NO) BK (4) Break switching (NC) WH (2) Tv Tv Dimensions Detection Diagram Sensor X Y R27 Kodac test card (inch) 4 8 12 16 20 2.4 1.6 0.8 0 -0.8 -1.6 -2.4 500.0 (inch) 60.0 40.0 20.0 (mm) 0.0 -20.0 -40.0 -60.0 0.0 100.0 200.0 300.0 Distance (mm) 400.0 Note: Sensitivity only 400 mm adjustable Delivery Contents * Photoelectric switch EO1804.PAS(-1) * 2 nuts * Packaging: plastic bag Accessories * * * * MB18A Connector type CON.1A../CON.14NF.. series Screw driver for adjustments: 77-000 APA18-RAR For further information refer to "Accessories" 2 Specifications are subject to change without notice (08.02.06) |
Price & Availability of EO1804NPAS-1 |