Part Number Hot Search : 
24C04W APTGT ES211 NJM2534L SNA31 1N957 11AA020 01005
Product Description
Full Text Search
 

To Download EMSA120050-7-SZ-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a division of CUI INC
date 09/2010 page 1 of 5
SERIES:
EMSA 6W
DESCRIPTION:
SWITCHING POWER SUPPLY
FEATURES
*universal AC input *regulated output voltage *short circuit protection *meets EISA / efficiency level V regulations *custom designs available
RoHS
MODEL
EMSA050120 EMSA090067 EMSA120050 EMSA150040 output voltage
nominal (V dc)
output current
min (A) max (A)
output wattage
max (W)
ripple*
max. (mVp-p)
efficiency level
cord length
(mm)
5 9 12 15
0 0 0 0
1.2 0.67 0.50 0.40
6 6 6 6
150 150 100 150
V V V V
1530 100 1530 100 1530 100 1530 100
*at full load, 100 ~ 240 V ac input, measured at 20MHz bandwidth with a 10 F electrolytic cap and a 0.1 F ceramic cap on the output
PART NUMBER KEY EMSA120050 X - XX - SZ - CXX
example of 12 V dc, 0.5 A
Base Number
DC Plug type: see output plug options on page 4
Factory Designation
Reserved for custom configurations
Blades: "blank" = North American, European, United Kingdom, Australian, and China blades included N = North American blade included E = European blade included B = United Kingdom blade included A = Australian blade included C = China blade included
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 2 of 5
SERIES:
EMSA 6W
DESCRIPTION:
SWITCHING POWER SUPPLY
INPUT
parameter rated input voltage input voltage range rated frequency frequency range rated input current inrush current 9 9 5 5 and and and and 12 12 15 15 V V V V output: output: output: output: 115 230 115 230 V V V V ac, ac, ac, ac, cold cold cold cold start start start start conditions/description min 100 90 50 47 nom max 240 264 60 63 0.3 15 30 30 60 0.3 units V ac V ac Hz Hz A A A A A W
no load power consumption
OUTPUT
parameter line regulation load regulation over voltage protection short circuit protection output shut down output shut down and auto-restart conditions/description min nom 3 5 max units % %
SAFETY & EMI
parameter HI-POT insulation resistance safety approvals EMI standard leakage current RoHS compliant conditions/description input to output at 10 mA for 1 minute input to output at 500 V dc UL/cUL, GS, CE, RCM, BSMI, CCC FCC part 15 class B, EN55022 class B 9 V output all other outputs yes 0.25 0.1 mA mA 100 min nom max 3,000 4,242 units V ac V dc M
ENVIRONMENTAL
parameter operating temperature operating humidity storage temperature storage humidity conditions/description min 0 20 -10 10 nom max 40 80 70 90 units C % C %
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 3 of 5
SERIES:
EMSA 6W
DESCRIPTION:
SWITCHING POWER SUPPLY
MECHANICAL DRAWING
input plug weight case size multi-blade (UL, VDE, UK, SAA, CCC) 127 g 64 L x 40.5 W x 30 H mm tolerance: 1 mm
EMS-US
EMS-AU
EMS-UK
EMS-EU
EMS-CC
DC CORD
Cable Gauge EMSA050120 EMSA090067 EMSA120050 EMSA150040 20 AWG 22 AWG 22 AWG 22 AWG
Black wire, white stripe: Positive
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 4 of 5
SERIES:
EMSA 6W
DESCRIPTION:
SWITCHING POWER SUPPLY
OUTPUT PLUG OPTIONS
3.5 mm Phono Plug
*Tip positive
P1
P1R
Standard DC Plug
P5/P5R P6/P6R P7/P7R P8/P8R P9/P9R A 5.5 5.5 3.5 3.8 3.8 B 2.1 2.5 1.3 1.35 1.05 C 9.5 9.5 9.5 9.5 9.5 Unit mm mm mm mm mm
Standard PX
Right Angle PXR
Locking DC Plug
A 5.5 5.5 B 2.1 2.5 C 9.5 9.5 Unit mm mm
P10 P11
EIAJ Plugs
EIAJ A B P12/P12R EIAJ-1 2.35 0.7 P13/P13R EIAJ-2 4.0 1.7 P14/P14R EIAJ-3 4.75 1.7 C 9.5 9.5 9.5 D NA 5.0 5.0 Unit mm mm mm
Standard PXX
Right Angle PXXR
Stripped and Tinned
DC PLUG TYPE ST
stripped and tinned Plug type
PXX X X
Plug angle: "blank" = standard R = right angle Plug polarity: "blank" = N/A P = center positive N = center negative
*Contact CUI for additional output plug options.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 5 of 5
SERIES:
EMSA 6W
DESCRIPTION:
SWITCHING POWER SUPPLY
INDIVIDUAL PACKAGING
tolerance 1 mm
PACKAGING
tolerance +7 / -0 mm
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com


▲Up To Search▲   

 
Price & Availability of EMSA120050-7-SZ-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X