Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download ECQB1H222MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Polyester Film Capacitor
Type:
ECQB(F)
Designed for high density insertion applications
IFeatures
* Small in size * Excellent electric characteristics in non-inductive construction * RoHS directive compliant
IRecommended Applications
* General purpose
IExplanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
Q
B
Rated voltage Capacitance
F
Cap. Tol. Suffix Suffix
Product code
Dielectric & construction
50 VDC 63 VDC 100 VDC 200 VDC 1H 1J 1 2
5 % 10 %
J K
GExplanation of Prat Number for Odd Size Taping
Taping lead Type1 Type2 Ammo Reel Straight Crimped Straight Crimped style N style T Blank W 4 3 5 9
E
C
Q
B
Rated voltage Capacitance
R
F
Product code
Dielectric & construction
7.5 mm Cap. Tol. Suffix Crimped lead
ISpecifications
Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage Insulation resistance (IR) - 40 C to + 105 C 50 VDC, 63 VDC, 100 VDC, 200 VDC (Derating of rated voltage by 2.5 %/C at more than 85 C) 0.00010 F to 0.47 F 5 %(J), 10 %(K)
(0.00010 F to 0.00039 F/50 V, 63 VDC : 10 % only)
tan <0.8 % (ECQB(F)100 VDC : tan <1.0 %) (20 C, 1 kHz) = = Between terminals : Rated voltage(VDC) 250 %1 s to 5 s > C < 0.33 F : IR=30000 M 20 C, 50 VDC, 60 s : ECQB1H(F), ECQB1J(F) = > C > 0.33 F : IR=10000 M* F 20 C, 100 VDC, 60 s : ECQB1(F), ECQB2(F)
(
)
In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of "Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage".
IDimensions in mm (not to scale)
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IPackaging Specifications for Bulk Package IPacking quantity : 100 pcs./bag
GTaping style
ITaping Specifications for Automatic Insertion
.. . Refer to the page of taping specifications. . GLead Spacing Taping Style AD AS B C D E O O O O OO OO O O O O O O O O O Packing Ammo Ammo Reel Reel Ammo Reel Ammo Ammo Reel Reel Ammo Ammo Ammo Ammo Ammo Style AD AS C D E Lead Spacing 5.0 mm 5.0 mm 5.0 mm 7.5 mm 7.5 mm
GPackaging Specifications Type Rated volt. Cap.range (F) 0.00010 to 0.22 0.00010 to 0.10 0.00010 to 0.22 0.00010 to 0.10 0.00010 to 0.033 0.00010 to 0.033 0.00010 to 0.12 0.00010 to 0.047 0.00010 to 0.10 0.00010 to 0.047 0.15 to 0.47 0.0010 to 0.033 0.0033 to 0.056 0.068 to 0.47 0.039 to 0.22
50 VDC
63 VDC ECQB (F) 100 VDC
See the column "Rating, Dimensions & Quantity Box" for packing quantity.
200 VDC
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2006
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box & Reel
G Type ECQB(F), Rated voltage:50 VDC, Capacitance tolerance: 5 %(J), 10 %(K) Only 10 %(K)is available from 0.00010 F to 0.00039 F Part No. ECQB1H101KF( ) ECQB1H121KF( ) ECQB1H151KF( ) ECQB1H181KF( ) ECQB1H221KF( ) ECQB1H271KF( ) ECQB1H331KF( ) ECQB1H391KF( ) ECQB1H471 MF( ) ECQB1H561 MF( ) ECQB1H681 MF( ) ECQB1H821 MF( ) ECQB1H102 MF( ) ECQB1H122 MF( ) ECQB1H152 MF( ) ECQB1H182 MF( ) ECQB1H222 MF( ) ECQB1H272 MF( ) ECQB1H332 MF( ) ECQB1H392 MF( ) ECQB1H472 MF( ) ECQB1H562 MF( ) ECQB1H682 MF( ) ECQB1H822 MF( ) ECQB1H103 MF( ) ECQB1H123 MF( ) ECQB1H153 MF( ) ECQB1H183 MF( ) ECQB1H223 MF( ) ECQB1H273 MF( ) ECQB1H333 MF( ) ECQB1H393 MF( ) ECQB1H473 MF( ) ECQB1H563 MF( ) ECQB1H683 MF( ) ECQB1H823 MF( ) ECQB1H104 MF( ) ECQB1H124 MF( ) ECQB1H154 MF( ) ECQB1H184 MF( ) ECQB1H224 MF( ) ECQB1H274 MF( ) ECQB1H334 MF( ) ECQB1H394 MF( ) ECQB1H474 MF( ) Cap. (F) 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
Cap. tol. code
Dimensions (mm) L
max.
T
max.
7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.3 7.5 7.5 7.5 7.5 7.5 7.5 7.5 8.0 8.0 8.0 8.0 11.0 11.0 11.0 11.0 13.0 13.0 13.0 13.0
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.3 3.0 3.0 3.0 3.5 3.5 4.0 4.0 4.3 4.3 4.5 5.0 5.0 5.0 5.5 6.0 6.0 6.5 7.0 7.5
Hmax. Type 1 Type 2 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.0 11.0 6.3 11.3 6.0 11.0 6.0 11.0 6.0 11.0 6.5 11.5 6.5 11.5 7.0 12.0 7.0 12.0 7.5 12.5 8.5 13.5 8.5 13.5 10.0 15.0 9.5 14.5 10.0 15.0 10.5 15.5 11.5 16.5 12.0 17.0 13.0 18.0 14.0 19.0 14.5 19.5
F S Type 1 Type 2 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 5.00 5.0 7.50 5.0 7.50 5.0 7.50 5.0 7.50 5.0 10.00 5.0 10.00 5.0 10.00 5.0 10.00 5.0
Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 Ammo Reel
2000
2000
1000
1000
--
--
Suffix for lead crimped or taped type
Style N: 0.00010 F to 0.10 F Style T: 0.12 F to 0.47 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2006
Plastic Film Capacitors
G Type ECQB(F), Rated voltage: 63 VDC, Capacitance tolerance: 5 %(J), 10 %(K) Only 10 %(K) is available from 0.00010 F to 0.00039 F Part No. ECQB1J101KF( ECQB1J121KF( ECQB1J151KF( ECQB1J181KF( ECQB1J221KF( ECQB1J271KF( ECQB1J331KF( ECQB1J391KF( ECQB1J471 MF( ECQB1J561 MF( ECQB1J681 MF( ECQB1J821 MF( ECQB1J102 MF( ECQB1J122 MF( ECQB1J152 MF( ECQB1J182 MF( ECQB1J222 MF( ECQB1J272 MF( ECQB1J332 MF( ECQB1J392 MF( ECQB1J472 MF( ECQB1J562 MF( ECQB1J682 MF( ECQB1J822 MF( ECQB1J103 MF( ECQB1J123 MF( ECQB1J153 MF( ECQB1J183 MF( ECQB1J223 MF( ECQB1J273 MF( ECQB1J333 MF(
L L
IRating, Dimensions & Quantity/Ammo Box & Reel
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033
Cap. tol. code
Lmax. 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.0 7.3 7.5 7.5 7.5 7.5 7.5
Tmax. 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.3 3.0 3.0 3.0 3.5 3.5
Dimensions (mm) F S Hmax. Type 1 Type 2 Type 1 Type 2 6.0 11.0 5.00 5.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.3 6.0 6.0 6.0 6.5 6.5 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.3 11.0 11.0 11.0 11.5 11.5 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 2000 2000 Ammo Reel
Suffix for lead crimped or taped type
Style N: 0.00010 F to 0.033 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2006
Plastic Film Capacitors
GType ECQB(F), Rated voltage: 100 VDC, Capacitance tolerance: 5 %(J), 10 %(K) Only 10 %(K) is available from 0.00010 F to 0.00039 F Part No. ECQB1101KF( ECQB1121KF( ECQB1151KF( ECQB1181KF( ECQB1221KF( ECQB1271KF( ECQB1331KF( ECQB1391KF( ECQB1471MF( ECQB1561MF( ECQB1681MF( ECQB1821MF( ECQB1102MF( ECQB1122MF( ECQB1152MF( ECQB1182MF( ECQB1222MF( ECQB1272MF( ECQB1332MF( ECQB1392MF( ECQB1472MF( ECQB1562MF( ECQB1682MF( ECQB1822MF( ECQB1103MF( ECQB1123MF( ECQB1153MF( ECQB1183MF( ECQB1223MF( ECQB1273MF( ECQB1333MF( ECQB1393MF( ECQB1473MF( ECQB1563MF( ECQB1683MF( ECQB1823MF( ECQB1104MF( ECQB1124MF( ECQB1154MF( ECQB1184MF( ECQB1224MF( ECQB1274MF( ECQB1334MF( ECQB1394MF( ECQB1474MF(
L
IRating, Dimensions & Quantity/Ammo Box & Reel
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) )
L
Lmax. 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.2 7.5 7.5 7.5 7.5 7.5 7.5 10.0 10.0 10.0 10.5 10.5 13.0 13.0 13.0 13.0 13.0 13.0 13.0
Tmax. 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.2 3.2 3.5 4.0 4.5 4.5 5.0 5.5 6.0 6.5 5.0 5.5 5.5 6.0 7.0 7.0 7.5 8.0 8.5 9.0 10.5 11.5
0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
Cap. tol. code
Dimensions (mm) F S Hmax. Type 1 Type 2 Type 1 Type 2 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.0 11.0 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 6.5 11.5 5.00 5.0 7.0 12.0 5.00 5.0 7.0 12.0 5.00 5.0 7.0 12.0 5.00 5.0 7.5 12.5 5.00 5.0 8.0 13.0 5.00 5.0 9.0 14.0 5.00 5.0 9.5 14.5 5.00 5.0 10.0 15.0 5.00 5.0 11.2 16.2 5.00 5.0 11.8 16.8 5.00 5.0 12.0 17.0 7.50 5.0 12.4 17.4 7.50 5.0 14.0 19.0 7.50 5.0 14.6 19.6 7.50 5.0 15.2 20.2 7.50 5.0 13.8 18.8 10.00 5.0 14.4 19.4 10.00 5.0 15.2 20.2 10.00 5.0 17.2 22.2 10.00 5.0 18.0 23.0 10.00 5.0 19.0 24.0 10.00 5.0 19.2 24.2 10.00 5.0
Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 Ammo Reel
2000
2000
1000
1000 500
500 -- 400 300
Suffix for lead crimped or taped type
Style N: 0.00010 F to 0.047 F Style T: 0.056 F to 0.47 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2006
Plastic Film Capacitors
GType ECQB(F), Rated voltage: 200 VDC, Capacitance tolerance: 5 %(J), 10 %(K) Dimensions (mm) Hmax. F Type 1 Type 2 Type 1 7.0 12.0 5.00 7.5 7.5 7.5 7.5 8.0 7.5 7.5 8.5 8.5 9.0 9.0 10.0 10.5 10.5 10.0 10.5 11.5 12.0 12.5 13.0 13.5 13.0 13.5 14.5 16.0 17.0 17.5 18.5 17.5 18.5 19.5 20.5 12.5 12.5 12.5 12.5 13.0 12.5 12.5 13.5 13.5 14.0 14.0 15.0 15.5 15.5 15.0 15.5 16.5 17.0 17.5 18.0 18.5 18.0 18.5 19.5 21.0 22.0 22.5 23.5 22.5 23.5 24.5 25.5 5.00 5.00 5.00 5.00 5.00 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 7.50 10.00 10.00 10.00 12.50 12.50 12.50 15.00 15.00 15.00 15.00 20.00 20.00 20.00 20.00
IRating, Dimensions & Quantity/Ammo Box & Reel
Part No. ECQB2102MF( ) ECQB2122MF( ) ECQB2152MF( ) ECQB2182MF( ) ECQB2222MF( ) ECQB2272MF( ) ECQB2332MF( ) ECQB2392MF( ) ECQB2472MF( ) ECQB2562MF( ) ECQB2682MF( ) ECQB2822MF( ) ECQB2103MF( ) ECQB2123MF( ) ECQB2153MF( ) ECQB2183MF( ) ECQB2223MF( ) ECQB2273MF( ) ECQB2333MF( ) ECQB2393MF( ) ECQB2473MF( ) ECQB2563MF( ) ECQB2683MF( ) ECQB2823MF( ) ECQB2104MF( ) ECQB2124MF( ) ECQB2154MF( ) ECQB2184MF( ) ECQB2224MF( ) ECQB2274MF( ) ECQB2334MF( ) ECQB2394MF( ) ECQB2474MF( )
Cap. (F) 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
Cap. tol. code
L
max.
T
max.
8.5 8.5 8.5 8.5 8.5 8.5 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 11.0 13.5 13.5 13.5 16.0 16.0 16.0 19.0 19.0 19.0 19.0 24.0 24.0 24.0 24.0
4.0 4.0 4.0 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 5.0 5.5 5.5 6.0 6.5 7.0 5.0 5.5 6.0 5.5 6.0 7.0 6.5 7.5 8.0 9.0 8.0 9.0 10.0 11.5
S Type 2 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 10.0 10.0 10.0 12.5 12.5 12.5 12.5 15.0 15.0 15.0 15.0
Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.80 0.80 0.80 -- 400 500 500 800 1000 Ammo
Suffix for lead crimped or taped type
Style N: 0.0010 F to 0.0027 F Style T: 0.0033 F to 0.47 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Mar. 2006


▲Up To Search▲   

 
Price & Availability of ECQB1H222MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X