Part Number Hot Search : 
2SC5065 ZRA245A MC56F EL7182 P6V2B MURA140 ON1690 SD235
Product Description
Full Text Search
 

To Download DZ23C30-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DZ23C2V4 THRU DZ23C75
300 mW Zener Diode 2.4 to 75 Volts SOT-23
A D
Features
* * * * * *
Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
Dual zeners in common cathode configuration. 300mW power dissipation rating. Ideally suited for automatic insertion. vz for both diodes in one case is 5%.
Case Material:Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
C
B
Absolute Maximum Ratings
Symbol PD Parameter Power dissipation
Thermal Resistance, Junction to Ambient Air
F
E
Rating 300
Unit mW
o
G K DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 .007 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37 .20 H J L
RthJA
TSTG
420
-65 to +150
C/W
oC
Storage Temperature Range
*Pin Configuration - Top View
DIM A B C D E F G H J K L
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51 .50
NOTE
Revision: 2
www.mccsemi.com
1 of 4
2009/01/19
MCC
Micro Commercial Components
TM
DZ23C2V4 THRU DZ23C75
N ominal Zener Voltage Part N umber
No m. V
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
mA mA
V Z @ IZT
M i n. V M a x. V
Max R everse Leakage C urrent IR @ VR
A V
Marking C ode
D Z23C 2V4 D Z23C 2V7 D Z23C 3V0 D Z23C 3V3 D Z23C 3V6 D Z23C 3V9 D Z23C 4V3 D Z23C 4V7 D Z23C 5V1 D Z23C 5V6 D Z23C 6V2 D Z23C 6V8 D Z23C 7V5 D Z23C 8V2 D Z23C 9V1 D Z23C 10 D Z23C 11 D Z23C 12 D Z23C 13 D Z23C 14 D Z23C 15 D Z23C 16 D Z23C 17 D Z23C 18 D Z23C 20 D Z23C 22 D Z23C 24 D Z23C 27 D Z23C 28 D Z23C 30 D Z23C 33 D Z23C 36 D Z23C 39 D Z23C 43 D Z23C 47 D Z23C 51 D Z23C 56 D Z23C 62 D Z23C 68 D Z23C 75
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 56 62 68 75
2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25
2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75
85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 25 30 40 40 50 50 55 80 80 80 80 80 90 90 100 100 100 135 150 200 250
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5
600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 170 200 200 200 225 225 250 250 300 300 300 325 350 350 700 750 750 1000 1000 1000 1000
1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
100.0 75 50 25 15 10 5.0 5.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10.0 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 20.0 22.0 22.5 25.0 27.0 29.0 32.0 35.0 38.0 42.0 46.0 51.0 56.0
V0 V1 V2 V3 V4 V5 V6 V7 V8 V9 V 10 V11 V 12 V 13 V 14 V 15 V 16 V 17 V 18 VA V 19 V 20 VB V 21 V 22 V 23 V 24 V 25 VC V 26 V 27 V 28 V 29 V 30 V 31 V 32 V 33 V 34 V 35 V 36
Revision: 2
www.mccsemi.com
2 of 4
2009/01/19
DZ23C2V4-DZ23C75
50
MCC
Micro Commercial Components
Tj=25 OC
Iz, ZENER CURRENT (mA)
C2V4
40
TM
Pd, POWER DISSIPATION (mW)
400
C2V7
C3V9
C5V6
C6V8
C3V3 C4V7
300
C8V2
30
200
20
100
10
Test Current Iz 5.0mA
0
0
100
T A , AMBIENT TEMPERATURE, ( OC)
200
0
0
1
2
3
4
5
6
7
8
9
10
Vz, ZENER VOLTAGE(V)
Fig.1 POWER DERATING CURVE
Fig.2 ZENER BREAKDOWN CHARACTERISTICS
30
Tj=25 C
C10 C12 C15
O
10
Tj=25 OC
Iz, ZENER CURRENT (mA)
8
C39
C47 C43 C51
C75 C62 C68
Iz, ZENER CURRENT (mA)
C56
20
C18 C22
10
6
Test Current Iz 5mA
Test Current Iz 5mA
C27 C33
4
C36
2
0
0
10
20
30
40
0
0
10
20
30
40
50
60
70
80
90
100
Vz, ZENER VOLTAGE(V)
Vz, ZENER VOLTAGE(V)
Fig.3 ZENER BREAKDOWN CHARACTERISTICS
Fig.4 ZENER BREAKDOWN CHARACTERISTICS
1000
C T , TOTAL CAPACITANCE (pF)
Tj=25 C
V R = 1V V R = 2V
O
100
V R = 1V V R = 2V
10 1 10 100
Vz, NOMINAL ZENER VOLTAGE(V)
www.mccsemi.com
Revision: 2
3 of 4
Fig.5 TOTAL CAPACITANCE VS NOMINAL ZENER VOLTAGE
2009/01/19
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
4 of 4
2009/01/19
3


▲Up To Search▲   

 
Price & Availability of DZ23C30-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X