Part Number Hot Search : 
122403 HC4017 TW8824 BCR3K B15A45VI FOD410 D100L ST180S04
Product Description
Full Text Search
 

To Download CPC1018N1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1018N
4-Pin SOP OptoMOS(R) Relay
Parameter Blocking Voltage Load Current Max On-resistance LED Current to operate
Rating 60 600 0.8 1
Units VP mA mA
Description
The CPC1018N is a miniature 1-Form-A solid state relay in a 4-Pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input/output isolation. The super efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS architecture. The optically coupled output is controlled by a highly efficient GaAlAs infrared LED. The CPC1018N uses Clare's state of the art double-molded vertical construction packaging to produce one of the world's smallest relays. The CPC1018N offers board space savings of at least 20% over the competitor's larger 4-Pin SOP relay.
Features
* Designed for use in security systems complying with EN50130-4 * Only 1mA of LED current required to operate * Small 4-Pin SOP Package * TTL/CMOS Compatible input * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * No EMI/RFI Generation * Immune to radiated EM fields * SMD Pick & Place, Wave Solderable * Tape & Reel Version Available
Approvals
* UL Recognized Component: File # E76270 * EN/IEC 60950-1 Compliant * CSA Certified Component: Certificate # 1172007
Ordering Information Applications
* Security * Passive Infrared Detectors (PIR) * Data Signalling * Sensor Circuitry * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Aerospace * Industrial Controls
Part # CPC1018N CPC1018NTR Description 4-Pin SOP (100/tube) 4-Pin SOP (2000/reel)
Pin Configuration
1 4
+ Control
Load
- Control
2
3
Load
Switching Characteristics of Normally Open (Form A) Devices
Control
ILOAD
+ 90% 10%+ tOFF tON
Pb
RoHS
2002/95/EC
e3
www.clare.com 1
DS-CPC1018N-R06
CPC1018N
Absolute Maximum Ratings (@ 25C)
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Total Power Dissipation 1 Isolation Voltage, Input to Output Operational Temperature Storage Temperature
1
Ratings 60 5 50 1 70 400 1500 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 3.33 mw / C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current Continuous 1 Peak On-Resistance2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current 3 Input Dropout Current Input Voltage Drop Reverse Input Current
1 2 3
Conditions
Symbol
Min
Typ
Max
Units
IF=2mA t =10ms IL=100mA VL=60V
IL ILPK RON ILEAK tON tOFF COUT
-
0.1 0.9 -
0.58 0.47 0.22 40 1 0.2 0.2 1.2 -
600 1 0.8 1 3 2 1 1.4 10
mA AP A
IF=5mA, VL=10V 50V; f=1MHz IL=600mA IF=5mA VR=5V
ms pF pF mA mA V A
IF IF VF IR
Load current derates linearly from 600mA @ 25oC to 480mA @80oC. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60oC) an LED drive current of 3mA is recommended.
2
www.clare.com
R06
CPC1018N
PERFORMANCE DATA*
Typical LED Forward Voltage Drop (N=50, TA=25C, IF=5mA) Typical On-Resistance Distribution (N=50, TA=25C, IL=0.6A, IF=1mA) Typical Blocking Voltage Distribution (N=50, TA=25C)
25 20 15 10 5 0
25 20 15 10 5 0
35 30 Device Count (N) 25 20 15 10 5 0
Device Count (N)
Device Count (N)
1.250
1.255 1.260 1.265 1.270 LED Forward Voltage (V)
1.275
0.505 0.510 0.515 0.520 0.525 0.530 0.535 On-Resistance ()
63.5
64.0
64.5 65.0 65.5 66.0 Blocking Voltage (VP)
66.5
25 Device Count (N) 20 15 10 5 0
Typical IF for Switch Operation (N=50, TA=25C, IL=600mA)
25 20 15 10 5 0
Typical IF for Switch Dropout (N=50, TA=25C, IL=600mA)
25 20 15 10 5 0
Typical Turn-On Time (N=50, TA=25C, IL=100mA, IF=5mA)
Device Count (N)
0.16
0.18
0.20 0.22 0.24 LED Current (mA)
0.26
0.28
0.16
0.18
0.20 0.22 0.24 LED Current (mA)
0.26
Device Count (N)
0.35
0.40
0.45 0.50 0.55 Turn-On (ms)
0.60
0.65
30 25 Device Count (N)
Typical Turn-Off Time (N=50, TA=25C, IL=100mA, IF=5mA)
Typical Maximum Load Current vs. Temperature
0.80 0.75 Load Current (A) 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 IF=10mA IF=5mA -40 -20 0 20 40 60 80 100 120 Leakage (A) 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -40
Typical Leakage vs. Temperature Measured Across Pins 3 & 4 (VL=60V)
20 15 10 5 0 0.55 0.65 0.75 0.85 Turn-Off (ms) 0.95 1.05
-20
0
Temperature (C)
20 40 60 Temperature (C)
80
100
Typical Blocking Voltage vs. Temperature
72 Blocking Voltage (VP) 70 Turn-On (ms) 68 66 64 62 60 58 -40 -20 0 20 40 60 80 100 Temperature (C) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40
Typical Turn-On vs. Temperature (IL=80mA)
IF=5mA
IF=10mA -20 0 20 40 60 80 100
0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 -40
Typical Turn-Off vs. Temperature (IL=80mA)
Turn-Off (ms)
IF=5mA
IF=10mA -20 0 20 40 60 80 100 Temperature (C)
Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R06
www.clare.com
3
CPC1018N
PERFORMANCE DATA*
Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4 IF= 50mA 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C) IF= 10mA IF= 5mA
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
Typical Turn-On vs. LED Forward Current (IL=80mA)
0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0
Typical Turn-Off vs. LED Forward Current (IL=80mA)
0
5
10
15
20
25
30
35
40
45
50
0
5
LED Forward Current (mA)
10 15 20 25 30 35 40 LED Forward Current (mA)
45
50
0.9 0.8 On-Resistance () 0.7
Typical On-Resistance vs. Temperature (IL=480mA)
IF=5mA IF=10mA Steady State LED Current (mA)
0.6 0.5 0.4 0.3 -40 -20 0 20 40 60 80 100 Temperature (C)
0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.22 0.20 0.18 0.16 -40
Typical IF for Switch Operation vs. Temperature (IL=480mA)
-20
0
20 40 60 Temperature (C)
80
100
0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.22 0.20 0.18 0.16 -40
Typical IF for Switch Dropout vs. Temperature (IL=480mA)
LED Current (mA)
-20
0
20 40 60 Temperature (C)
80
100
600 Load Current (mA) 400 200 0 -200 -400
Typical Load Current vs. Load Voltage (TA=25C, IF=1mA)
-600 -0.3
-0.2
-0.1 0 0.1 Load Voltage (V)
0.2
0.3
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms Time
Energy Rating Curve (IF=1mA)
Load Current (A)
1s
10s 100s
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R06
CPC1018N
MANUFACTURING INFORMATION
Moisture Sensitivity Clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with IPC/JEDEC standard J-STD-033 moisture sensitivity level (MSL), level 3 classification. Soldering Reflow Profile For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
0.200 0.025 (0.008 0.001)
MECHANICAL DIMENSIONS
4-Pin SOP Package
4.089 0.203 (0.161 0.008)
Recommended PCB Land Pattern
0.60 (0.0217)
3.810 0.076 (0.150 0.003) Pin 1 2.54 Typ (0.100 Typ) 2.184 Max (0.086 Max)
6.096 0.102 (0.240 0.004) 1.02 0.025 (0.040 0.001)
0.432 0.127 (0.017 0.005) 1.30 (0.0512) 2.54 (0.10)
5.60 (0.2205)
0.0254 - 0.102 (0.001 - 0.004) 0.381 TYP. (0.015 TYP.)
Dimensions mm (inches)
Tape and Reel Packaging for 4-Pin SOP Package
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max) W=12.00 Max (0.472 Max) B0=4.70 (0.185)
Pin 1
K0=2.70 (0.106) K1=2.30 (0.091)
Embossed Carrier
P=8.00 (0.315)
A0=6.50 (0.256) User Direction of Feed Dimensions mm (inches)
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1018N-R06 (c)Copyright 2008, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 9/16/08
5


▲Up To Search▲   

 
Price & Availability of CPC1018N1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X