Part Number Hot Search : 
DBL5022 TM3053 A103G LT107MA5 LT1S022 ACY29 K1V33W S1500
Product Description
Full Text Search
 

To Download CHDTC125TKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT NPN Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTC125TKPT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SOT-23) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated NPN transistors in one package. Built in single resistor(R1=200k, Typ. )
SOT-23
.041 (1.05) .033 (0.85)
(1)
.110 (2.80) .082 (2.10)
.066 (1.70)
.119 (3.04)
(3)
CONSTRUCTION
* One NPN transistors and bias of thin-film resistors in one package.
(2)
.055 (1.40) .047 (1.20)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
.018 (0.30) .002 (0.05)
Emitter
Base 1
CIRCUIT
2
.045 (1.15) .033 (0.85)
TR R1
3 Collector
.019 (0.50)
Dimensions in inches and (millimeters)
SOT-23
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-06
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS 50 50 5 100 Tamb 25 OC, Note 1 200
VALUE V V V
UNIT
mA mW
O
-55 +150 -55 +150 junction - soldering point 140
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTC125TKPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT PARAMETER
Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage
CONDITIONS IC=50uA IE=50uA VCB=50V VEB=4V IC/IB=0.5mA/0.05mA IC=1mA; VCE=5.0V IC=5mA, VCE=10.0V f=100MHz
MIN. 50 50 5.0 - - - 100 140 - - - - - - -
TYP. - - -
MAX. V V V
UNIT
Collector-emitter breakdown voltage IC=1.0mA
0.5 0.5 0.3 600 260 -
uA uA V K MHz
DC current gain Input resistor Transition frequency
250 200 250
Note 1.Pulse test: tp300uS; 0.02.


▲Up To Search▲   

 
Price & Availability of CHDTC125TKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X