Part Number Hot Search : 
D4KB1 100GP SMF12 SMF12 DLO7135 2N5046 SC246 431BC
Product Description
Full Text Search
 

To Download CHDTA143TKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOL TA GE 50 Vo l t s
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA143TKPT
CURRENT 100 m A m p er e
FEATURE
* Small surface mounting type. (SC-59/SOT-346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=4.7k, Typ. )
SC-59/SOT-346
(2) (3)
0.95 2.7~3.1 0.95
(1)
1.7~2.1
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
0.3~0.51 1.2~1.9
MARKING
TK2
0.085~0.2
E B 2 1
0.89~1.3 0.3~0.6 2.1~2.95 0~0.1
CIRCUIT
TR R1
3 C
Dimensions in millimeters
SC-59/SOT-346
LIMITING VALUES In accordance with the Absolute Maxim Rating System (IEC um 60134). SYMBOL VCBO VCEO VEBO IC(Max.) PD TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-12
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS -50 -50 -5
VALUE V V V mA
UNIT
-100 Tamb 25 OC, Note 1 200 -55 +150 -55 +150 junction - soldering point 140
mW
O
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTA143TKPT )
CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage Collector-Emitter Saturation voltage Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency CONDITIONS IC= -50uA IE= -50uA IC= -5mA; IB= -0.25mA VCB= -50V VEB= -4V IC= -1mA; VCE= -5.0V IE=5mA, VCE= -10.0V f=100MHz = MIN. -50.0 -50.0 -5.0 - - - 100 3.29 - - - - - - - 250 4.7 250 TY P . - - - -0.3 -0.5 -0.5 600 6.11 - K MHz MAX. V V V V uA uA UNIT
Collector-Emitter breakdown voltage IC= -1mA
Not e 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTA143TKPT )
Typical Electrical Characteristics
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Fig.1 DC current gain vs. collector current
1k 500
DC CURRENT GAIN : hFE
Fig.2 Collector-emitter saturation voltage vs. collector current
-1 lC/lB=20 -500m -200m -100m -50m -20m -10m -5m -2m -1m -100u -500u -1m -5m -10m -50m -100m 100OC 25OC -40 OC
VCE=-5V
200 100 50 20 10 5 2 1 -100u -1m -5m -10m -50m -100m Ta=100OC 25OC -40OC
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)


▲Up To Search▲   

 
Price & Availability of CHDTA143TKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X