Part Number Hot Search : 
68HC7 160CA TA8700AN TMP86 Z5243B UNR511V ENA1710B XXXSD
Product Description
Full Text Search
 

To Download C503B-GAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) 5-mm Blue and Green Round LED C503B-BAS/BAN/GAS/GAN (15 degrees) C503B-BCS/BCN/GCS/GCN (30 degrees)
Data Sheet
Round LEDs offer superior light output for excellent readability in sunlight and dependable performance. They provide extremely stable light output over long periods of time. These lamps are made with an advanced optical-grade epoxy offering superior hightemperature and high-moisture-resistance performance in outdoor signal and sign applications.
* * *
FEATURES Size (mm): 5 Color and Typical Dominant Wavelength (nm): Blue (470) Green (527) Luminous Intensity (mcd) C503B-BAS/BAN (5860-32900) C503B-BCS/BCN (2130-12000) C503B-GAS/GAN (16800-90500) C503B-GCS/GCN (5860-32900) Viewing Angle: C503B-BAS/BAN/GAS/GAN: 15 degrees C503B-BCS/BCN/GBS/GBN: 30 degrees Lead-Free RoHS-Compliant
APPLICATIONS * * * * * * Electronic Signs & Signals (ESS) Motorway Signs Variable-Message Sign (VMS) Advertising Signs Petrol Signs Amusement
*
*
* *
0 D-CT1094.00 Data Sheet: CL
Subject to change without notice. www.cree.com/ledlamps
1
Absolute Maximum Ratings (TA = 25C)
Items Symbol Absolute Maximum Rating Blue/Green Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature
Note1
Unit
IF IFP VR PD Topr Tstg Tsol
25 100 5 100 -40 ~ +95 -40 ~ +100
mA mA V mW C C
Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb)
Note:
1.Pulsewidth0.1msec,duty1/10.
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Forward Voltage Reverse Current Dominant Wavelength Blue Luminous Intensity Green Color Blue/Green Blue/Green Blue Green C503B-BAS/BAN (15 degree) C503B-BCS/BCN (30 degree) C503B-GAS/GAN (15 degree) C503B-GCS/GCN (30 degree) Symbol VF IR D D IV IV IV IV 21/2 21/2 Condition IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Unit V A nm nm mcd mcd mcd mcd deg deg 465 520 5860 2130 16800 5860 470 527 11000 4100 34000 12500 15 30 Minimum Typical 3.2 Maximum 4.0 100 480 535
50% Power Angle
C503B-BAS/BAN/GAS/GAN C503B-BCS/BCN/GCS/GCN
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT1094.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Intensity Bin Limit (IF = 20 mA)
Blue C503B-BAS/BAN (15 degree)
Bin Code Y0 Z0 A0 B0 C0 Min.(mcd) 5860 8200 12000 16800 23500 Max.(mcd) 8200 12000 16800 23500 32900
Green C503B-GAS/GAN (15 degree)
Bin Code B0 C0 D0 E0 F0 Min.(mcd) 16800 23500 32900 46100 64600 Max.(mcd) 23500 32900 46100 64600 90500
C503B-BCS/BCN (30 degree)
Bin Code V0 W0 X0 Y0 Z0 Min.(mcd) 2130 3000 4180 5860 8200 Max.(mcd) 3000 4180 5860 8200 12000
C503B-GCS/GCN (30 degree)
Bin Code Y0 Z0 A0 B0 C0 Min.(mcd) 5860 8200 12000 16800 23500 Max.(mcd) 8200 12000 16800 23500 32900
Tolerance of measurement of luminous intensity is 15%.
Color Bin Limit (IF = 20 mA)
Blue
Bin Code B4 B5 B6 Min.(nm) 465 470 475 Max.(nm) 470 475 480
Green
Bin Code G7 G8 G9 Min.(nm) 520 525 530 Max.(nm) 525 530 535
Tolerance of measurement of dominant wavelength is 1 nm.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT1094.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Graphs
(RELATIVE LUMINOUS INTENSITY) 5.0 4.0
Blue Green
100.0 80.0 60.0 40.0 20.0 0.0
IF (mA)
3.0 2.0 1.0
Blue
Green
3.0
3.2
3.4
3.6
3.8
4.0
VF(V)
0.0 0
20
40
60
80
IF(mA) 100
FIG.1 FORWARD CURRENT VS. FORWARD VOLTAGE.
Vr(V) -50 -40 -30 -20 -10 0
FIG.2 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT (RELATIVE LUMINOUS INTENSITY) 0 -10 -20 -30 -40 100% 80%
Blue
60% 40% 20% 0% 300 400 500
Green
-50 Ir(uA) FIG.3 BLUE&GREEN REVERSE CURRENT VS. REVERSE VOLTAGE. IF(mA) 50 40 30 20 10 Ta( C) 20 40 60 80 100 0 FIG.5 BLUE & GREEN MAXIMUM FORWARD DCCURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C) 0 50% Power Angle : 15 (RELATIVE LUMINOUS INTENSITY) 0
600
700
WL(nm) 800 900
FIG.4 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH.
1.0
50% Power Angle : 30 (RELATIVE LUMINOUS INTENSITY) 0 1.0
0.5
0.5
-30 FIG.6 FAR FIELD PATTERN
0 -90
-60
0
30
60
Angle 90
0 -90
-60
-30
0
30
60
90
Angle
FIG.7 FAR FIELD PATTERN
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual parameters of each single LED. Hence, these data will be changed without further notice.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
CLD-CT1094.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max.
C503B-BAN/GAN/BCN/GCN:
C503B-BAS/GAS:
C503B-BCS/GCS:
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
CLD-CT1094.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Package
Features:
* * * * * The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. The boxes are not water-resistant, and they must be kept away from water and moisture. The Bulk or Ammo Pack types of packaging. Max 500 pcs per bulk and Max 2500 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
xxx xxx
R
COLOR LED LAMP
TYPE
LXXXXXXXX-XXX
LOT QTY RANK
JOWAXXXXX -XX-XXX PCS Iv Vf Hue X XX XX ( ( ( ) ) )
AXXXXXXXXXXX
ANODE
Label
(anti-electrostatic bag)
xxx xxx
COLOR LED LAMP
TYPE
LXXXXXXXX-XXX
LOT QTY RANK
JOWAXXXXX -XX-XXX PCS Iv Vf Hue X XX XX ( ( ( ) ) )
20 bags/carton
AXXXXXXXXXXX
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
CLD-CT1094.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps


▲Up To Search▲   

 
Price & Availability of C503B-GAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X