Part Number Hot Search : 
SIS332DN BCM5700 AN1487 P161J NTE948 SS38F 2SK2475 B39202
Product Description
Full Text Search
 

To Download BSC016N03LSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC016N03LS G
OptiMOSTM3 Power-MOSFET
Features * Fast switching MOSFET for SMPS * Optimized technology for DC/DC converters * Qualified according to JEDEC1) for target applications * N-channel * Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * Avalanche rated * Pb-free plating; RoHS compliant; * Halogen-free according to IEC61249-2-21 Type BSC016N03LS G Package PG-TDSON-8 Marking 016N03LS
Product Summary V DS R DS(on),max ID 30 1.6 100 PG-TDSON-8 V m A
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID V GS=10 V, T C=25 C V GS=10 V, T C=100 C V GS=4.5 V, T C=25 C V GS=4.5 V, T C=100 C V GS=10 V, T A=25 C, R thJA=50 K/W 2) Pulsed drain current3) Avalanche current, single pulse 4) Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage
1)
Value 100 100 100 100
Unit A
32 400 50 290 6 20 mJ kV/s V
I D,pulse I AS E AS dv /dt V GS
T C=25 C T C=25 C I D=50 A, R GS=25 I D=50 A, V DS=24 V, di /dt =200 A/s, T j,max=150 C
J-STD20 and JESD22
Rev. 1.28
page 1
2009-10-22
BSC016N03LS G
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Power dissipation Symbol Conditions P tot T C=25 C T A=25 C, R thJA=50 K/W 2) Operating and storage temperature IEC climatic category; DIN IEC 68-1 T j, T stg Value 125 2.5 -55 ... 150 55/150/56 C Unit W
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case R thJC bottom top Device on PCB R thJA 6 cm2 cooling area2) 1 18 50 K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=250 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=30 A V GS=10 V, I D=30 A Gate resistance Transconductance
2)
30 1 -
0.1
2.2 1
V
A
0.7
10 10 1.8 1.3 1.5 130
100 100 2.3 1.6 2.6 S nA m
RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A
65
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. See figure 3 for more detailed information
3)
Rev. 1.28
page 2
2009-10-22
BSC016N03LS G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 5) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total Q gs Q g(th) Q gd Q sw Qg V plateau Qg V DD=15 V, I D=30 A, V GS=0 to 10 V V DS=0.1 V, V GS=0 to 4.5 V V DD=15 V, V GS=0 V V DD=15 V, I D=30 A, V GS=0 to 4.5 V 21 12 10 19 47 2.8 98 28 16 17 29 63 131 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=30 A, R G=1.6 V GS=0 V, V DS=15 V, f =1 MHz 7600 2600 160 13 8.6 51 8.6 10000 pF 3500 ns Values typ. max. Unit
Gate charge total, sync. FET Output charge Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage
Q g(sync) Q oss
-
41 67
55 90
nC
IS I S,pulse V SD
T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s
-
0.78
100 400 1.1
A
V
Reverse recovery charge
4) 5)
Q rr
-
-
30
nC
See figure 13 for more detailed information See figure 16 for gate charge parameter definition
Rev. 1.28
page 3
2009-10-22
BSC016N03LS G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
140
120
120
100
100 80
P tot [W]
80
I D [A]
60 40 20 0 0 40 80 120 160
60
40
20
0 0 40 80 120 160
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
1 s 10 s
102
DC
100 s
1
Z thJC [K/W]
I D [A]
1 ms
0.5
10
1
10 ms
0.2 0.1
0.1 100
0.05 0.02 0.01
10-1 10
-1
10
0
10
1
10
2
0.01
single pulse
0 0 0 0 0 0 1
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.28
page 4
2009-10-22
BSC016N03LS G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
300
4.5 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
5
3V
250
10 V
5V
4V
4
200
3.2 V 3.5 V
R DS(on) [m]
3
3.5 V
I D [A]
150
2
4.5 V 10 V
4V 5V
100
3.2 V
3V
50
2.8 V
1
11.5 V
0 0 1 2 3
0 0 10 20 30 40 50
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
200
8 Typ. forward transconductance g fs=f(I D); T j=25 C
300
160
250
200 120
g fs [S]
80 40
150 C 25 C
I D [A]
150
100
50
0 0 1 2 3 4 5
0 0 40 80 120 160
V GS [V]
I D [A]
Rev. 1.28
page 5
2009-10-22
BSC016N03LS G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS; I D=250 A
3
2.5
2.5 2
2
R DS(on) [m]
1.5
typ
V GS(th) [V]
100 140 180
98 %
1.5
1
1
0.5
0.5
0 -60 -20 20 60
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
1000
Ciss 25 C Coss 150 C, 98%
103
1000
100
150 C 25 C, 98%
C [pF]
Crss
102
I F [A]
100
10
101
10
1 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0
0
V DS [V]
V SD [V]
Rev. 1.28
page 6
2009-10-22
BSC016N03LS G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=30 A pulsed parameter: V DD
12
15 V
6V 25 C 100 C 125 C
10
24 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 40 80 120
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
34
V GS
32
Qg
30
V BR(DSS) [V]
28
26
V g s(th)
24
22
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
20
T j [C]
Rev. 1.28
page 7
2009-10-22
BSC016N03LS G
Package Outline PG-TDSON-8: Outline PG-TDSON-8
Rev. 1.28
page 8
2009-10-22
BSC016N03LS G
Package Outline PG-TDSON-8: Tape
Dimensions in mm Rev. 1.28 page 9 2009-10-22
BSC016N03LS G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2007 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office
(www.infineon.com).
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.28
page 10
2009-10-22


▲Up To Search▲   

 
Price & Availability of BSC016N03LSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X